Part Number Hot Search : 
00ETTT X2816 HV9103P MAX16809 HT2813D A78L0 M199H PR1DJS
Product Description
Full Text Search
 

To Download BD241D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD241D, BD241E, BD241F NPN SILICON POWER TRANSISTORS
Copyright (c) 1997, Power Innovations Limited, UK SEPTEMBER 1981 - REVISED MARCH 1997
q q q q
40 W at 25C Case Temperature 3 A Continuous Collector Current 5 A Peak Collector Current Customer-Specified Selections Available
B C E
1 2 3 TO-220 PACKAGE (TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING BD241D Collector-emitter voltage (RBE = 100 ) BD241E BD241F BD241D Collector-emitter voltage (IB = 0) Emitter-base voltage Continuous collector current Peak collector current (see Note 1) Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. 2. 3. 4. BD241E BD241F V EBO IC ICM IB Ptot Ptot 1/2LIC 2 Tj Tstg TL VCEO VCER SYMBOL VALUE 160 180 200 120 140 160 5 3 5 1 40 2 32 -65 to +150 -65 to +150 250 V A A A W W mJ C C C V V UNIT
This value applies for tp 0.3 ms, duty cycle 10%. Derate linearly to 150C case temperature at the rate of 0.32 W/C. Derate linearly to 150C free air temperature at the rate of 16 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, R BE = 100 , VBE(off) = 0, RS = 0.1 , VCC = 20 V.
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
BD241D, BD241E, BD241F NPN SILICON POWER TRANSISTORS
SEPTEMBER 1981 - REVISED MARCH 1997
electrical characteristics at 25C case temperature
PARAMETER V (BR)CEO Collector-emitter breakdown voltage Collector-emitter cut-off current Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Small signal forward current transfer ratio Small signal forward current transfer ratio IC = 30 mA (see Note 5) VCE = 160 V V CE = 180 V V CE = 200 V VCE = 90 V VEB = VCE = V CE = 5V 4V 4V VBE = 0 V BE = 0 V BE = 0 IB = 0 IC = 0 IC = IC = IC = IC = 1A 3A 3A 3A (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) f = 1 kHz f = 1 MHz 20 3 25 5 2.5 1.8 V V TEST CONDITIONS BD241D IB = 0 BD241E BD241F BD241D BD241E BD241F MIN 120 140 160 0.2 0.2 0.2 0.3 1 mA mA mA V TYP MAX UNIT
ICES
ICEO IEBO hFE VCE(sat) VBE hfe
IB = 750 mA VCE = 4V
VCE = 10 V VCE = 10 V
IC = 0.5 A IC = 0.5 A
|hfe|
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 3.125 62.5 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = 1 A V BE(off) = -3.7 V IB(on) = 0.1 A RL = 20
MIN IB(off) = -0.1 A tp = 20 s, dc 2%
TYP 0.3 1
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
PRODUCT
INFORMATION
2
BD241D, BD241E, BD241F NPN SILICON POWER TRANSISTORS
SEPTEMBER 1981 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
1000 VCE = 4 V tp = 300 s, duty cycle < 2%
TCS631AH
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 10
TCS631AB
TC = 25C TC = 80C
hFE - DC Current Gain
1*0
100
0*1 IC = 100 mA IC = 300 mA IC = 1 A IC = 3 A 0*01 0*1 1*0 10 100 1000
10 0*01
0*1
1*0
10
IC - Collector Current - A
IB - Base Current - mA
Figure 1.
Figure 2.
BASE-EMITTER VOLTAGE vs COLLECTOR CURRENT
1*0 VCE = 4 V TC = 25C VBE - Base-Emitter Voltage - V 0*9
TCS631AC
0*8
0*7
0*6
0*5 0*01
0*1
1*0
10
IC - Collector Current - A
Figure 3.
PRODUCT
INFORMATION
3
BD241D, BD241E, BD241F NPN SILICON POWER TRANSISTORS
SEPTEMBER 1981 - REVISED MARCH 1997
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAS631AH
IC - Collector Current - A
10
tp = 300 s, d = 0.1 = 10% tp = 1 ms, d = 0.1 = 10% tp = 10 ms, d = 0.1 = 10% DC Operation
1*0
0*1 BD241D BD241E BD241F 10 100 1000
0*01 1*0
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
50 Ptot - Maximum Power Dissipation - W
TIS631AA
40
30
20
10
0 0 25 50 75 100 125 150 TC - Case Temperature - C
Figure 5.
PRODUCT
INFORMATION
4
BD241D, BD241E, BD241F NPN SILICON POWER TRANSISTORS
SEPTEMBER 1981 - REVISED MARCH 1997
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE
PRODUCT
INFORMATION
5
BD241D, BD241E, BD241F NPN SILICON POWER TRANSISTORS
SEPTEMBER 1981 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
6


▲Up To Search▲   

 
Price & Availability of BD241D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X