Part Number Hot Search : 
8TEEI RM200 74AVCH1T 1N6062E3 MJE130 EVKIT 1N6062E3 BR1765
Product Description
Full Text Search
 

To Download AWL6950RM21P0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWL6950
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Data Sheet - Rev 2.2
FEATURES
* * * * * * * * * * * * 3.6 % EVM @ POUT = +19 dBm with IEEE 802.11a 64 QAM OFDM at 54 Mbps 2.7 % EVM @ POUT = +20 dBm with IEEE 802.11g 64 QAM OFDM at 54 Mbps -35 dBr ACPR 1st Sidelobe, +22 dBm, with 802.11b CCK/DSSS Root Cosine Filtering, 1 Mbps -55 dBr ACPR 2nd Sidelobe, +22 dBm, with 802.11b CCK/DSSS Root Cosine Filtering, 1 Mbps 32 dB of Linear Power Gain at 2.4 GHz 32 dB of Linear Power Gain at 5 GHz Single +3.3 V Supply Dual Temperature-Compensated Linear Power Detectors 50 - Matched RF Ports Lead-free and RoHS Compliant 1 kV ESD Rating (HBM) 4 mm x 4 mm x 1.3 mm Surface Mount Module
AW L6
950
M21 Package 16 Pin 4 mm x 4 mm x 1.3 mm Surface Mount Module
APPLICATIONS
* 802.11a/b/g/n WLAN
PRODUCT DESCRIPTION
The ANADIGICS AWL6950 dual band power amplifier is a high performance InGaP HBT power amplifier module designed for transmit applications in the 2.4-2.5 GHz and 4.9-5.9 GHz bands. Matched to 50 at all RF inputs and outputs, the part requires no additional RF matching components off-chip, making the AWL6950 the world's simplest dual band PA module implementation available. The PA exhibits unparalleled linearity and efficiency for IEEE 802.11g, 802.11b, and 802.11a WLAN systems under the toughest signal configurations within these standards. The power detectors are temperature compensated on chip, enabling separate single-ended output voltages for each band with excellent accuracy over a wide range of operating temperatures. The PA is biased by a single +3.3 V supply and consumes ultra-low current in the OFF mode. The AWL6950 is manufactured using advanced InGaP HBT technology that offers state-of-the-art reliability, temperature stability, and ruggedness.
GND VPC VCC 2.4 GHz Power Detector
Bias Control
2.4 GHz RFIN
Matching Network
Matching Network
2.4 GHz RFOUT
5 GHz RFIN
Matching Network
Matching Network
5 GHz RFOUT
Bias Control
GND
VPC
VCC
5 GHz Power Detector
Figure 1: Block Diagram and Pinout
04/2006
AWL6950 Table 1: Pin Description
PIN 1
NAME GND
DESCRIPTION Ground 2 GHz RF Input. ESD protection circuits on this pin provide a DC path to ground. Avoid applying DC voltage to this pin. RF is internally matched to 50 and AC coupled to the input stage. Route RF traces as coplanar waveguide using adjacent ground pins. 5 GHz RF Input. Input stage internally matched to 50 . Route as coplanar waveguide using adjacent ground pins. A shunt inductive matching element included inside the PA provides a DC path to ground at this pin. Avoid applying DC voltage to this pin. Ground 5 GHz On/Off Control. The recommended use is for on/off control of the PA. Nominally, 0 V applied will turn amplifier completely off;+3.3 V should be used to set amplifier to maximum output capability. Ground 5 GHz Supply Voltage. Bias for power transistors of the 5 GHz PA. 5 GHz Power Detector Output. DC coupled power detector output. An emitter follower BJT supplies the output for this pin. Ground 5 GHz RF Output. Output stage internally matched to 50 . Route as coplanar waveguide using adjacent ground pins. A shunt inductive matching element included inside the PA provides a DC path to ground at this pin. Avoid applying DC voltage to this pin. 2 GHz RF Output. ESD protection circuits on this pin provide a DC path to ground. Avoid applying DC voltage to this pin. RF is internally matched to 50 and AC coupled to the input stage. Route RF traces as coplanar waveguide using adjacent ground pins. Ground 2 GHz Power Detector Output. DC coupled power detector output. An emitter follower BJT supplies the output for this pin. 2 GHz Power Supply. Bias for power transistors of the 2 GHz PA. Ground 2 GHz On/Off Control. The recommended use is for on/off control of the PA. Nominally, 0 V applied will turn amplifier completely off; +3.3 V should be used to set amplifier to maximum output capability.
2
RFIN 2G
3 4 5 6 7 8 9
RFIN 5G GND PAON 5G GND V C C 5G DETOUT 5G GND
10
RFOUT 5G
11
RFOUT 2G
12 13 14 15 16
GND DETOUT 2G V C C 2G GND PAON 2G
2
Data Sheet - Rev 2.2 04/2006
AWL6950
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PARAMETER DC Power Supply (VCC 2G, VCC 5G) Power Control Voltage (PAON 2G, PAON 5G) DC Current Consumption RF Input Level (RFIN 2G, RFIN 5G) Operating Ambient Temperature Storage Temperature ESD Tolerance
MIN -40 -55 1000
MAX +4.5 +4.5 700 -5 +85 +150 -
UNIT V V mA dB m C C V
COMMENTS
No RF signal applied Either PA powered separately
All pins, forward and reverse voltage. Human Body Model (HBM)
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) DC Power Supply Voltage (VCC 2G, VCC 5G) Power Control Voltage (PAON 2G, PAON 5G) Case Temperature (TC) MIN 2400 4900 +3.0 +2.0 0 -40 TYP +3.3 +3.3 MAX 2500 5900 +3.6 +3.6 +0.8 +85 UNIT MHz V V C COMMENTS 802.11b/g 802.11a with RF applied PA "ON" PA "SHUTDOWN"
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
Data Sheet - Rev 2.2 04/2006
3
AWL6950 Table 4: Electrical Specifications - 2.4 GHz Continuous Wave (TC = +25 C, VCC 2G = +3.3 V, PAON 2G = +3.3 V) PARAMETER P 1dB Shutdown Current Quiescent Current Input Return Loss Output Return Loss Out of Band Rejection 1 GHz 1.75 GHz 3.2 GHz 4.7 GHz Reverse Isolation Stability (Spurious) TON Setting Time TOFF Setting Time PAON 2G Pin Input Impedance MIN 24.5 20 0 5 38 40 TYP 26 30 75 -13 -9 6.2 MAX 75 95 -8 -4 -60 1 1 UNIT dB m A mA dB dB PAON 2G = 0 V PAON 2G +2.0 V, VCC = +3.3 V, RF = off COMMENTS
dB
dB dB c S S k Measured with +3.3 V applied to PAON 2G pin 6:1 VSWR, POUT = +23 dBm, -5 OC Settles within 0.5 dB
4
Data Sheet - Rev 2.2 04/2006
AWL6950 Table 5: Electrical Specifications - 5 GHz Continuous Wave (TC = +25 C, VCC 5G = +3.3 V, PAON 5G = +3.3 V)
PARAMETER P 1dB Shutdown Current Quiescent Current Input Return Loss Output Return Loss Out of Band Rejection 1.5 GHz 3.5 GHz 4 GHz 6.5 GHz 9 GHz Reverse Isolation Stability (Spurious) TON Setting Time TOFF Setting Time PAON 5G Pin Input Impedance MIN 23 82 35 12.5 5 5 30 40 TYP 24.5 32 120 -20 -18 6.2 MAX 83 160 -10 -10 -60 1 1 UNIT dB m A mA dB dB PAON 5G = 0 V PAON 5G +2.0 V, VCC = +3.3 V, RF = off COMMENTS
dB
dB dB c S S k Measured with +3.3 V applied to PAON 5G pi n 6:1 VSWR, POUT = +22 dBm; -5 OC Settles within 0.5 dB
Data Sheet - Rev 2.2 04/2006
5
AWL6950 Table 6: Electrical Specifications - IEEE 802.11g (TC = +25 C, VCC 2G = +3.3 V, PAON 2G = +3.3 V, 64 QAM OFDM 54 Mbps)
PARAMETER Operating Frequency Power Gain Gain Ripple Error Vector Magnitude (EVM) Current Consumption Harmonics 2fo 3fo Power Detector Voltage Power Detector Voltage Range Power Detector dB Range Minimum Detector Power Maximum Detector Power Detector Resolution Detector Variance Over Frequency Power Detector Output Load Impedance
MIN 2400 29 875 100 25 20 10 2
TYP 32 0.2 2.7 -31.4 185 -53 -54 1025 0.5 -
MAX 2500 35 0.5 4.5 -27 215 -39 -48 1155 1155 -5 2.9 -
UNIT MHz dB dB % dB mA
COMMENTS
Across any 100 MHz band 802.11g 54 Mbps data rate POUT 2G = +20 dBm (1) POUT 2G = +20 dBm
dB c mV mV dB dB m dB m mV/dB dB k
POUT 2G = +23 dBm (2) POUT 2G = +20 dBm -5 < POUT 2G < +20 dBm -5 < POUT 2G < +20 dBm
2.40 - 2.50 GHz
Notes: (1) EVM includes system noise floor of 1% (-40 dB). (2) Spectrum analyzer settings: RBW = 1 MHz; Span = 100 MHz.
6
Data Sheet - Rev 2.2 04/2006
AWL6950 Table 7: Electrical Specifications - IEEE 802.11b (TC = +25 C, VCC 2G = +3.3 V, PAON 2G = +3.3 V, CCK/DSSS, 1 Mbps, Gaussian Baseband Filtering)
PARAMETER Operating Frequency Power Gain Gain Ripple Adjacent Channel Power (ACPR) 1st Sidelobe (11 MHz Offset) Adjacent Channel Power (ACPR) 2nd Sidelobe (22 MHz Offset) Current Consumption Harmonics 2fo 3fo Power Detector Voltage Power Detector Voltage Range Power Detector dB Range Minimum Detector Power Maximum Detector Power Detector Resolution Detector Variance Over Frequency Power Detector Output Load Impedance MIN 2400 29 TYP 32 0.2 -35 MAX 2500 35 0.5 -33 UNIT MHz dB dB dB c Across any 100 MHz band 1 Mbps Gaussian Baseband Filtering; POUT 2G = +20 dBm 1 Mbps Gaussian Baseband Filtering; POUT 2G = +20 dBm POUT 2G = +20 dBm COMMENTS
925 100 25 20 10 2
-55 190 -60 -53 1075 0.5 -
-53 225 -50 -43 1250 1250 -5 2.6 -
dB c mA
dB c mV mV mV dB m dB m mV/dB dB k
POUT 2G = +23 dBm (1) POUT 2G = +20 dBm -5 < POUT 2G < +20 dBm -5 < POUT 2G < +20 dBm
Note: (1) Spectrum analyzer settings: RBW = 1 MHz; Span = 100 MHz.
Data Sheet - Rev 2.2 04/2006
7
AWL6950 Table 8: Electrical Specifications - IEEE 802.11a (TC = +25 C, VCC 5G = +3.3 V, PAON 5G = +3.3 V, 64 QAM OFDM 54 Mbps) PARAMETER Operating Frequency MIN 4900 27 30 30 28 910 100 25 20 10 2 TYP 30 33.5 33.5 31 0.5 3.6 -29 215 -40 -50 1070 1.1 MAX 5900 34 38 36.5 35.5 2.0 4.5 -27 250 -34 -43 1225 1225 -5 4.7 UNIT MHz 4.9 GHz 5.25 GHz 5.55 GHz 5.85 GHz Across any 100 MHz band POUT 5G = +19 dBm, 4.9 - 5.85 GHz 802.11a 54 Mbps data rate (1) POUT 5G = +19 dBm COMMENTS
Power Gain
dB
Gain Ripple Error Vector Magnitude (EVM) Current Consumption Harmonics 2fo 3fo Power Detector Voltage Power Detector Voltage Range Power Detector dB Range Minimum Power Detector Maximum Power Detector Detector Resolution Detector Variance Over Frequency Power Detector Output Load Impedance
dB % dB mA
dB c mV mV dB dB m dB m mV/dB dB k
POUT 5G = +20 dBm (2) POUT 5G = +19 dBm -5 < POUT 5G < +20 dBm -5 < POUT 5G < +20 dBm
4.90 - 5.85 GHz
Notes: (1) EVM includes system noise floor of 1% (-40dB). (2) Spectrum analyzer settings: RBW = 1 MHz; Span = 100 MHz.
8
Data Sheet - Rev 2.2 04/2006
AWL6950
802.11g PERFORMANCE DATA
Figure 2: Gain and ICC vs. Output Power Across Frequency (VCC = +3.3 V, TC = +25oC) 802.11g 54 Mbps OFDM
36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Gain 2.40 GHz Gain 2.45 GHz Gain 2.50 GHz Current 2.40 GHz Current 2.45 GHz Current 2.50 GHz Current Gain
Figure 3: Gain and ICC vs. Output Power Across Temp (Frequency = 2.45 GHz, VCC = +3.3 V) 802.11g 54 Mbps OFDM
36 34 32 30 28 26
Gain
360 340 320 300 280 260 240 220 200 180 160 140 120 100 80 60 40 20 0
360 340 320 300 280 260 240 220 200 180
Current
Current (mA)
24
Gain (dB)
Gain (dB)
22 20 18 16 14 12 10 8 6 4 2 0 8 9
Gain 0C Gain +25C Gain +50C Gain +85C Current 0C Current +25C Current +50C Current +85C
160 140 120 100 80 60 40 20 0
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Output Power (dBm)
Figure 4: Gain and ICC vs. Output Power Across Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC) 802.11g 54 Mbps OFDM
36 34 32 30 28 26 24 Gain 3.0V Gain 3.3V Gain 3.6V Icc 3.0V Icc 3.3V Icc 3.6V
Current Gain
Figure 5: EVM vs. Output Power Across Frequency (VCC = +3.3 V, TC = 25oC) 802.11g 54 Mbps OFDM
12 11 10 9 8 EVM 2.40 GHz EVM 2.45 GHz EVM 2.50 GHz
360 340 320 300 280 260 240 200 180 160 140 120 100 80 60 40 20 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 220
Gain (dB)
20 18 16 14 12 10 8 6 4 2 0
EVM (%)
22
Current (mA)
7 6 5 4 3 2 1 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Figure 6: EVM vs. Output Power Across Temp (Frequency = 2.45 GHz, VCC = +3.3 V) 802.11g 54 Mbps OFDM
12 11 10 9 8 EVM 0C EVM +25C EVM +50C EVM +85C
Figure 7: EVM vs. Output Power Across Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC) 802.11g 54 Mbps OFDM
12 11 EVM 3.0V 10 9 8 EVM 3.3V EVM 3.6V
EVM (%)
EVM (%)
7 6 5 4 3 2 1 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
7 6 5 4 3 2 1 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Data Sheet - Rev 2.2 04/2006
Current (mA)
9
AWL6950
802.11g PERFORMANCE DATA
Figure 8: Detector Voltage vs. Output Power Across Frequency (TC = 25oC, VCC = +3.3 V) 802.11g 54 Mbps OFDM
1.4 1.3 1.2 1.1 Det. Volt. 2.40GHz Det. Volt. 2.45GHz
Figure 9: Detector Voltage vs. Output Power Across Temperature (Freq = 2.45 GHz, VCC = +3.3 V) 802.11g 54 Mbps OFDM
1.4 1.3 1.2 1.1 Det. Volt. 0C Det. Volt. 25C Det. Volt. 50C Det. Volt. 85C
Detector Voltage (V)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Detector Voltage (V)
1.0
Det. Volt. 2.50GHz
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Figure 10: Detector Voltage vs. Output Power Across Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC) 802.11g 54 Mbps OFDM
1.4 1.3 1.2 1.1 Det. Volt. 3.0V Det. Volt. 3.3V Det. Volt. 3.6V
Detector Voltage (V)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
10
Data Sheet - Rev 2.2 04/2006
AWL6950
802.11b PERFORMANCE DATA
Figure 11: Gain and ICC vs. Output Power Across Frequency (VCC = +3.3 V, TC = +25oC) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Gain 2.40 GHz Gain 2.45 GHz Gain 2.50 GHz Current 2.40 GHz Current 2.45 GHz Current 2.50 GHz Current Gain
Figure 12: Gain and ICC vs. Output Power Across Temp (Freq = 2.45 GHz, VCC = +3.3 V) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
36 34 32 30 28 26 24
Gain 0C Gain +25C Gain +50C Gain +85C Current 0C Current +25C Current +50C Current +85C Current Gain
360 340 320 300 280 260 240 220 200 180 160 140 120 100 80 60 40 20 0
360 340 320 300 280 260 240 220 200 180 160 140 120 100 80 60 40 20 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Current (mA)
Gain (dB)
Gain (dB)
22 20 18 16 14 12 10 8 6 4 2 0
Output Power (dBm)
Output Power (dBm)
Figure 13: Gain and ICC vs. Output Power Across Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Gain 3.0V Gain 3.3V Gain 3.6V Icc 3.0V Icc 3.3V Icc 3.6V
Curren Gain
Figure 14: ACPR vs. Output Power Across Frequency (VCC = +3.3 V, TC = 25oC) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
-30 -32 -34 -36 -38
360 340 320 300 280 260
ACPR Sidelobe (dBr)
240 220 200 180 160 140 120 100 80 60 40 20 0
-40 -42 -44 -46 -48 -50 -52 -54 -56 -58 -60 -62 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
1st Sidelobe 2.40GHz 1st Sidelobe 2.45GHz 1st Sidelobe 2.50GHz 2nd Sidelobe 2.40GHz 2nd Sidelobe 2.45GHz 2nd Sidelobe 2.50GHz
Output Power (dBm)
Current (mA)
Gain (dB)
Output Power (dBm)
Figure 15: ACPR vs. Output Power Across Temp (Freq = 2.45 GHz, VCC = +3.3 V) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
-30 -32 -34 -36 -38
Figure 16: ACPR vs. Output Power Across Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
-30 -32 -34 -36 -38
ACPR Sidelobe (dBr)
ACPR Sidelobe (dBr)
-40 -42 -44 -46 -48 -50 -52 -54 -56 -58 -60 -62 8 9 10
1st Sidelobe 0C 1st Sidelobe 25C 1st Sidelobe 50C 1st Sidelobe 85C 2nd Sidelobe 0C 2nd Sidelobe 25C 2nd Sidelobe 50C 2nd Sidelobe 85C
-40 -42 -44 -46 -48 -50 -52 -54 -56 -58 -60 -62 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 1st Sidelobe 3.00V 1st Sidelobe 3.30V 1st Sidelobe 3.60V 2nd Sidelobe 3.00V 2nd Sidelobe 3.30V 2nd Sidelobe 3.60V
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Output Power (dBm)
Data Sheet - Rev 2.2 04/2006
11
Current (mA)
AWL6950
Figure 17: Detector Voltage vs. Output Power Across Frequency (TC = 25oC, VCC = +3.3 V) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
1.4 1.3 1.2 1.1 Det. Volt. 2.40GHz Det. Volt. 2.45GHz
Figure 18: Detector Voltage vs. Output Power Across Temp (Freq = 2.45 GHz, VCC = +3.3 V) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
1.4 1.3 1.2 1.1 Det. Volt. 0C Det. Volt. 25C Det. Volt. 50C Det. Volt. 85C
Detector Voltage (V)
Detector Voltage (V)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2
Det. Volt. 2.50GHz
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Figure 19: Detector Voltage vs. Output Power Across Power Supply Voltage (Freq = 2.45 GHz, TC = 25oC) 802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
1.4 1.3 1.2 Det. Volt. 3.3V 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 Det. Volt. 3.6V Det. Volt. 3.0V
Detector Voltage (V)
Output Power (dBm)
12
Data Sheet - Rev 2.2 04/2006
AWL6950
802.11a PERFORMANCE DATA
Figure 20: Gain and ICC vs. Output Power Across Frequency (VCC = +3.3 V, TC = +25oC) 802.11a 54 Mbps OFDM
36 34 32 30 28 26
Gain
Figure 21: Gain and ICC vs. Output Power Across Temp (Freq = 5.25 GHz, VCC = +3.3 V) 802.11a 54 Mbps OFDM
36 34 32 30 28 26 Gain 0C Gain +25C Gain +50C Gain +85C Current 0C Current +25C Current +50C Current +85C
Current Gain
420 400 380 360 340 320
420 400 380 360 340 320 300 280 260 240 220 200 180 160 140 120 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Current (mA)
Gain (dB)
22 20 18 16 14 12 10 8 6 8
280 260 240 220 200
Current
Gain (dB)
24
Gain 4.90 GHz Gain 5.25 GHz Gain 5.55 GHz Gain 5.85 GHz Icc 4.90 GHz Icc 5.25 GHz Icc 5.55 GHz Icc 5.85 GHz
300
24 22 20 18 16 14 12 10 8 6
180 160 140 120
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Output Power (dBm)
Figure 22: Gain and ICC vs. Output Power Across Power Supply Voltage (Freq = 5.25 GHz, TC = 25oC) 802.11a 54 Mbps OFDM
36 34 32 30 28 26 Gain 3.0V Gain 3.3V Gain 3.6V Icc 3.0V Icc 3.3V Icc 3.6V
Current Gain
Figure 23: EVM vs. Output Power Across Frequency (VCC = +3.3 V, TC = 25oC) 802.11a 54 Mbps OFDM
12 11 10 9 8 EVM 4.90 GHz EVM 5.25 GHz EVM 5.55 GHz EVM 5.85 GHz
380 360 340 320 300 280
Gain (dB)
22 20 18 16 14 12 10 8 6 8 9
240 220 200 180 160 140 120 100 80
EVM (%)
24
260
Current (mA)
7 6 5 4 3 2 1 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
Output Power (dBm)
Figure 24: EVM vs. Output Power Across Temp (Freq = 5.25 GHz, VCC = +3.3 V) 802.11a 54 Mbps OFDM
12 11 10 9 EVM +50C 8 EVM +85C EVM 0C EVM +25C
Figure 25: EVM vs. Output Power Across Power Supply Voltage (Freq = 5.25 GHz, TC = 25oC) 802.11a 54 Mbps OFDM
12 11 10 9 8 EVM 3.0V EVM 3.3V EVM 3.6V
EVM (%)
6 5 4 3 2 1 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
EVM (%)
7
7 6 5 4 3 2 1 0 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Data Sheet - Rev 2.2 04/2006
13
Current (mA)
AWL6950
Figure 26: Detector Voltage vs. Output Power Across Frequency (TC = 25oC, VCC = +3.3 V) 802.11a 54 Mbps OFDM
1.4 1.3 1.2 1.1
Det. Volt. 4.90GHz Det. Volt. 5.25GHz Det. Volt. 5.55GHz
Figure 27: Detector Voltage vs. Output Power Across Temperature (Freq = 5.25 GHz, VCC = +3.3 V) 802.11a 54 Mbps OFDM
1.4 1.3 1.2 1.1
Det. Volt. 0C Det. Volt. 25C Det. Volt. 50C Det. Volt. 85C
Detector Voltage (V)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Detector Voltage (V)
1.0
Det. Volt. 5.85GHz
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
Output Power (dBm)
Figure 28: Detector Voltage vs. Output Power Across Power Supply Voltage (Freq = 5.25 GHz, TC = 25oC) 802.11a 54 Mbps OFDM
1.4 1.3 1.2 1.1
Det. Volt. 3.3V Det. Volt. 3.6V Det. Volt. 3.0V
Detector Voltage (V)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
Output Power (dBm)
14
Data Sheet - Rev 2.2 04/2006
AWL6950
S-PARAMETER PERFORMANCE DATA
Figure 29: 2.4 GHz Return Losses Across Frequency (VCC = +3.3 V, TC = 25oC)
0 -2 -4 -6
40 36 32 28 24 20 16 12 8 4 0 -4 -8 -12 -16 -20 -24 -28 -32 -36 -40
Figure 30: 2.4 GHz S21 Response Across Frequency (VCC = +3.3 V, TC = 25oC)
S21 Response
-10 -12 -14 -16 -18 -20 -22 -24 -26 0.5
Input Return Loss Output Return Loss
S21 Response (dB)
-8
Return Loss (dB)
1
1.5
2
2.5
3
3.5
4
4.5
5
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency (GHz)
Frequency (GHz)
Figure 31: 5 GHz Return Losses Across Frequency (VCC = +3.3 V, TC = 25oC)
0 -2 -4 -6
Input Return Loss
Figure 32: 5 GHz S21 Response Across Frequency (VCC = +3.3 V, TC = 25oC)
40 36 32 28 24 20 16 12 8 4 0 -4 -8 -12 -16 -20 -24 -28 -32 -36 -40 S21 Response
-10 -12 -14 -16 -18 -20 -22 -24 -26 0 1 2 3 4 5 6 7 8 9 10
S21 Response (dB)
-8
Return Loss (dB)
Output Return Loss
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
Frequency (GHz)
Data Sheet - Rev 2.2 04/2006
15
AWL6950
APPLICATION INFORMATION
VCC C1 1.0 F
PAON 2G
DETOUT 2G
16 15 14 13 DETOUT 2G
PAON 2G
GND
1
VCC 2G
GND
GND
12
2.4 GHz RFIN 2 RFIN 2G
AWL6950
RFOUT 2G
11
2.4 GHz RFOUT
5 GHz RFIN
3
RFIN 5G
RFOUT 5G
10
5 GHz RFOUT
PAON 5G
GND
DETOUT 5G
4
GND
9
7
VCC 5G
GND
5
6
8
DETOUT 5G VCC PAON 5G C2 1.0 F
Figure 33: Application Circuit
16
Data Sheet - Rev 2.2 04/2006
AWL6950
PACKAGE OUTLINE
E
PIN 1
A
F
PIN 16 PIN 1
G E C B TOP VIEW
DIMENSION A B C D E F G H MIN 1.22 -0.225 -3.88 2.56 -0.225 TYP 1.30 0.30 -0.075 4.00 -0.65 --
F
H
D
SIDE VIEW
MAX 1.40 -0.505 -4.12 2.73 -0.505
BACK VIEW
MILLIMETERS
Figure 34: M21 Package Outline - 16 Pin 4 mm x 4 mm x 1.3 mm Surface Mount Module
Top Brand
Notes
CC = TH: THAILAND, TW: TAIWAN, PH: PHILIPPINES, CH: CHINA, ID: INDONESIA; HK: HONG KONG, US: UNITED STATES
Figure 35: Branding Specification
Data Sheet - Rev 2.2 04/2006
17
AWL6950
100mil 45mil Solder Mask for Device Pins Solder Paste Mask (Quantity = 4) 8mil
1mil
4mil
Solder Mask for Device Ground Pad
24.6mil 12mil 31.5mil 11.6mil
10mil Via
25.6mil
25.6mil
25.6mil
Figure 36: Recommended PCB Layout
18
Data Sheet - Rev 2.2 04/2006
AWL6950
NOTES
Data Sheet - Rev 2.2 04/2006
19
AWL6950
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE RANGE PACKAGE DESCRIPTION RoHS-compliant 16 Pin 4 mm x 4 mm x 1.3 mm Surface Mount Module RoHS-compliant 16 Pin 4 mm x 4 mm x 1.3 mm Surface Mount Module RoHS-compliant 16 Pin 4 mm x 4 mm x 1.3 mm Surface Mount Module RoHS-compliant 16 Pin 4 mm x 4 mm x 1.3 mm Surface Mount Module COMPONENT PACKAGING
AWL6950RM21P8
-40 C to +85C
2,500 piece Tape and Reel
AWL6950RM21P0
-40 C to +85C
1-999 piece Tubes
AWL6950RM21P6
-40 C to +85C
1-999 piece Tray
EVA6950RM21
-40 C to +85C
1 piece Evaluation Board
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
20
Data Sheet - Rev 2.2 04/2006


▲Up To Search▲   

 
Price & Availability of AWL6950RM21P0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X