Part Number Hot Search : 
40000 EGA88 330M5 T0P243G NAS1835 AP450BN 2N6250 HFT012
Product Description
Full Text Search
 

To Download AQV217S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GU (General Use) Type SOP Series [1-Channel (Form A) Type]
x(H) 2.1 mm (W) .173x (L) .248x(H) .083 inch --approx. 25% of the volume and 50% of the footprint size of DIP type PhotoMOS Relays.
mm inch
1 2 3 6 5 4
PhotoMOS RELAYS
3. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 4. Low-level off state leakage current In contrast to the SSR with an off state leakage current of several milliamps, the PhotoMOS relay features a very small off state leakage current of only 100 pA even at the rated load voltage of 400 V (AQV214S).
6.30.2 .248.008
4.40.2 .173.008 2.10.2 .083.008
(DIP) Volume
(SOP) Approx. 25%
Approx. 50% Footprint
FEATURES
1. 1 channel (Form A) in super miniature design The device comes in a super-miniature SO package measuring (W) 4.4 x (L) 6.3 2. Tape and reel The device comes standard in a tape and reel (1,000 pcs./reel) to facilitate automatic insertion machines.
TYPICAL APPLICATIONS
TYPES
Type Output ratings*
Load voltage Load current 60 V 350 mA 100 V 300 mA 200 V 160 mA AC/DC 1,000 pcs. 350 V 120 mA 400 V 100 mA 600 V 40 mA *Indicate the peak AC and DC values. Notes: (1) Tape package is the standard packing style. Also available in tube. (Part No. suffix "X" ro "Z" is not needed when ordering; Tube: 75 pcs.; Case: 1,500 pcs.) (2) For space reasons, the top two letters of the product number "AQ" are ommitted on the product seal. The package type indicator "X" and "Z" are also omitted from the seal. (Ex. the label for product number AQV214S is V214S).
RATING
Item
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
LED forward current LED reverse voltage Input Peak forward current Power dissipation Load voltage (peak AC) Continuous load current Peak load current Power dissipation Total power dissipation I/O isolation voltage Temperature limits Operating Storage
w
w
w
t a .D
A B C
S a
Part No. Picked from the 1/2/3-pin side Picked from the 4/5/6-pin side 1 Form A 1 Form A AQV212SX AQV212SZ AQV215SX AQV215SZ AQV217SX AQV217SZ AQV210SX AQV210SZ AQV214SX AQV214SZ AQV216SX AQV216SZ
e h
U t4 e
* Telephones * Measuring instruments * Computer * Industrial robots * High-speed inspection machines
.c
m o
Packing quantity in tape and reel
Symbol IF VR IFP Pin VL IL Ipeak Pout
Type of AQV212S AQV215S AQV217S AQV210S AQV214S AQV216S connection 50 mA 3V 1A 60 V 0.35 A 0.50 A 0.70 A 1.0A PT Viso Topr Tstg 100 V 0.30 A 0.40 A 0.56 A 0.90A 75 mW 200 V 350 V 0.16 A 0.12 A 0.20 A 0.13 A 0.28 A 0.15 A 0.48A 0.3 A 400 V 0.10 A 0.11 A 0.12 A 0.3 A 600 V 0.04 A 0.05 A 0.06 A 0.12 A
Remarks
f = 100 Hz, Duty factor = 0.1%
Output
A connection: Peak AC, DC B,C connection: DC A connection: 100 ms (1 shot) VL= DC
450 mW 500 mW 1,500 V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F
Non-condensing at low temperatures
w
w w
.D
at
a
he S
4 et
U
o .c
m
47
AQV21rS
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage Type of Symbol connec- AQV212S AQV215S AQV217S AQV210S AQV214S AQV216S Remarks tion Typical 0.7 mA IFon -- IL= Max. Maximum 3 mA Minimum 0.4 mA IFoff -- IL= Max. Typical 0.65 mA Typical 1.14 V (1.25 V at IF = 50 mA) VF -- IF= 5 mA Maximum 1.5 V Typical Ron Maximum Typical On resistance Output Maximum Typical Ron Maximum Off state Maximum leakage current Typical Turn on time* Maximum Typical Turn off time Maximum Typical I/O capacitance Maximum Initial I/C isolaMinimum tion resistance ILeak Ton Toff Ciso Riso -- -- -- -- -- 0.65 ms 2.0 ms 0.08 ms 0.60 ms 2.0 ms 0.06 ms C Ron B A 0.83 2.5 0.44 1.25 0.25 0.63 2.3 4.0 1.15 2.0 0.6 1.0 11 15 5.5 7.5 2.8 3.8 1 A 0.25 ms 0.25 ms 1.0 ms 0.5 ms 0.05 ms 0.05 ms 0.2 ms 0.8 pF 1.5 pF 1,000 M 0.25 ms 0.5 ms 0.05 ms 0.28 ms 0.5 ms 0.04 ms 23 35 11.5 17.5 6.0 8.8 30 50 22.5 25 11.3 12.5 70 120 55 100 28 50 IF= 5 mA IL= Max. Within 1 s on time IF = 5 mA IL = Max. Within 1 s on time IF = 5 mA IL = Max. Within 1 s on time IF = 0 VL = Max. IF= 5 mA VL = Max. IF= 5 mA VL = Max. f = 1 MHz VB = 0 500 V DC For type of connection, see page 31.
Transfer characteristics
Note: Recommendable LED forward current IF = 5mA. *Turn on/Turn off time
Input
90% Output Ton Toff 10%
s For Dimensions, see Page 28. s For Schematic and Wiring Diagrams, see Page 31. s For Cautions for Use, see Page 36.
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F Type of connection: A
400 AQV212S Load current, mA On resistance, 300 AQV215S On resistance, 4 AQV215S 3 40 AQV214S AQV210S
2.-(1) On resistance vs. ambient temperature characteristics
Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5
2.-(2) On resistance vs. ambient temperature characteristics
Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
50
30
200 AQV217S AQV210S 100 AQV214S AQV216S 0 20 40 60 8085 100 Ambient temperature, C
2 AQV212S 1
20 AQV217S 10
0 -40 -20
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
48
AQV21rS
2.-(3) On resistance vs. ambient temperature characteristics
Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
120 100 On resistance, AQV216S Turn on time, ms 80 60 40 20 0
3. Turn on time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
3.0 2.5 2.0 1.5 AQV212S,AQV215S 1.0 0.5 0 AQV214S,AQV217S AQV210S, AQV216S 0 20 40 60 8085 Ambient temperature, C
4. Turn off time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.5
Turn off time, ms
0.4
0.3
0.2 AQV212S 0.1 AQV215S AQV214S,AQV217S,AQV210S,AQV216S -20 0 20 40 60 8085 Ambient temperature, C
-40
-20
0 20 40 60 8085 Ambient temperature, C
-40
-20
0
-40
5. LED operate current vs. ambient temperature characteristics
Sample: All types; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED operate current, mA
6. LED turn off current vs. ambient temperature characteristics
Sample: All types; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED turn off current, mA
7. LED dropout voltage vs. ambient temperature characteristics
Sample: All types; LED current: 5 to 50 mA
1.5 LED dropout voltage, V 1.4 1.3 1.2 1.1 50mA 30mA 20mA 10mA 5mA
4
4
3
3
2
2
1
1 1.0
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40 -20
0 20 40 60 80 85 100 Ambient temperature, C
8.-(1). Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
0.5 Current, A
8.-(2). Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
200 Current, A
9. Off state leakage current
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
0.3 0.2
AQV212S AQV215S
120 80 40
AQV210S AQV214S AQV216S 1 -40 -80 -120 -160 -200 2 345 Voltage,V
Off state leakage current, A
0.4
160
AQV217S
10-3
0.1 -1.0 -0.8 -0.6 -0.4 -0.2 0.2 0.4 0.6 0.8 1.0 Voltage,V -0.1 -0.2 -0.3 -0.4 -0.5
10-6
-5 -4 -3 -2 -1
10-9
AQV216S AQV214S
10
-12
0
20
60 40 80 Load voltage, V
100
10. LED forward current vs. turn on time characteristics
Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
1.2 1.0 Turn on time, ms 0.8 0.6 AQV216S 0.4 0.2 AQV214S,AQV210S,AQV217S 0 10 50 20 30 40 LED forward current, mA 60
11. LED forward current vs. turn off time characteristics
Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.12 0.10 Turn off time, ms 0.08 0.06 0.04 0.02 0
12. Applied voltage vs. output capacitance characteristics
Measured portion: between terminals 4 and 6; Frequency: 1 MHz; Ambient temperature: 25C 77F
200 Output capacitance, pF
AQV212S
AQV212S,AQV215S
150
AQV215S AQV214S AQV210S AQV217S AQV216S
100
AQV214S,AQV210S,AQV216S AQV217S AQV212S AQV215S
50
10
50 20 30 40 LED forward current, mA
60
0
0
10
20 30 40 Applied voltage, V
50
5/7/2001
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. 49 Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQV217S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X