|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GU PhotoMOS (AQV21 , AQV214H) (Standard type) TESTING VDE (Reinforced type) Controls low-level input signals. Controls load voltage 60V to 600V. FEATURES 8.8 .346 6.4 .252 3.9 .154 6.4 .252 3.6 .142 GU PhotoMOS (AQV21 , AQV214H) 6. Stable on resistance 7. Low-level off state leakage current 8. Eliminates the need for a power supply to drive the power MOSFET A power supply used to drive the power MOSFET is unnecessary because of the built-in optoelectronic device. This results in easy circuit design and small PC board area. 9. Low thermal electromotive force (Approx. 1 V) 8.8 .346 mm inch 1 2 3 6 5 4 1. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 2. Control with low-level input signals 3. Controls various types of loads such as relays, motors, lamps and solenoids. 4. Optical coupling for extremely high isolation Unlike mechanical relays, the PhotoMOS relay combines LED and optoelectronic device to transfer signals using light for extremely high isolation. 5. Eliminates the need for a counter electromotive force protection diode in the drive circuits on the input side TYPICAL APPLICATIONS * High-speed inspection machines * Telephone equipment * Data communication equipment * Computer TYPES Part No. Output rating* Type I/O isolation Load voltage 60V 100 V AC/DC Standard 1,500 V AC 200 V 350 V 400 V 600 V Reinforced 5,000 V 400 V Load current 550 mA 320 mA 180 mA 130 mA 120 mA 50 mA 120 mA Through hole terminal Tube packing style AQV212 AQV215 AQV217 AQV210 AQV214 AQV216 AQV214H AQV212A AQV215A AQV217A AQV210A AQV214A AQV216A AQV214HA Surface-mount terminal Tape and reel packing style Picked from the 1/2/3-pin side AQV212AX AQV215AX AQV217AX AQV210AX AQV214AX AQV216AX AQV214HAX Picked from the 4/5/6-pin side AQV212AZ AQV215AZ AQV217AZ AQV210AZ AQV214AZ AQV216AZ AQV214HAZ 1 tube contains 50 pcs. 1 batch contains 500 pcs. 1,000 pcs. Tube Tape and reel Packing quantity *Indicate the peak AC and DC values. Note: For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal. RATING 1. Absolute maximum ratings (Ambient temperature: 25C 77F) Item LED forward current Input LED reverse voltage Peak forward current Power dissipation Load voltage (peak AC) Output Continuous load current Peak load current Power dissipation Total power dissipation I/O isolation voltage Temperature limits Operating Storage Type of Symconnec- AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A) AQV214H(A) bol tion IF VR IFP Pin VL A IL Ipeak Pout PT Viso Topr Tstg B C 60 V 0.55 A 0.65 A 0.80 A 1.2 A 100 V 0.32 A 0.42 A 0.60 A 0.96 A 200 V 0.18 A 0.22 A 0.30 A 0.54 A 50 mA 5V 1A 75 mW 350 V 0.13 A 0.15 A 0.17 A 0.4 A 500 mW 550 mW 1,500 V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F 5,000 V AC Non-condensing at low temp. 400 V 0.12 A 0.13 A 0.15 A 0.3 A 600 V 0.05 A 0.06 A 0.08 A 0.15 A 400 V 0.12 A 0.13 A 0.15 A 0.3 A A connection: Peak AC, DC; B, C connection: DC A connection: 100 ms (1 shot), VL=DC f = 100 Hz, Duty factor = 0.1% Remarks ds_aqv21: 010404J 1 GU PhotoMOS (AQV21 , AQV214H) 2. Electrical characteristics (Ambient temperature: 25C 77F) Item LED operate current Input LED turn off current LED dropout voltage Typical Maximum Minimum Typical Typical Maximum Typical Maximum On resistance Output Typical Maximum Typical Maximum Output capacitance Off state leakage current Transfer characteristics Turn on time* Turn off time* Typical Maximum Typical Maximum Typical Maximum Typical Maximum Minimum Type of Symconnec- AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A) AQV214H(A) bol tion** IFon IFoff VF Ron -- -- -- A 0.83 2.5 0.44 1.25 0.25 0.63 150 pF 2.3 4.0 1.15 2.0 0.6 1.0 110 pF 1 mA 3 mA 0.4 mA 0.79 mA 1 mA 3 mA 0.4 mA 0.79 mA 1 mA 3 mA 0.4 mA 0.79 mA 1 mA 3 mA 0.4 mA 0.79 mA 1.5 V 11.0 15.0 5.5 7.5 2.8 3.8 70 pF 23 35 11.5 17.5 6.0 8.8 45 pF 1 A 0.65 ms 2 ms 0.08 ms 0.2 ms 0.6 ms 2 ms 0.06 ms 0.2 ms 0.25 ms 1.0 ms 0.05 ms 0.2 ms 0.25 ms 0.5 ms 0.05 ms 0.2 ms 0.8 pF 1.5 pF 1,000 M 0.21 ms 0.5 ms 0.05 ms 0.2 ms 0.28 ms 0.5 ms 0.04 ms 0.2 ms 0.6 ms 0.8 ms 0.05 ms 0.2 ms 30 50 22.5 25 11.3 12.5 45 pF 70 120 55 100 28 50 45 pF 30 50 22.5 25 11.3 12.5 45 pF 1 mA 3 mA 0.4 mA 0.79 mA 1 mA 3 mA 0.4 mA 0.79 mA 1.3 mA 3 mA 1.2 mA 0.79 mA Condition IL = Max. IL = Max. IF = 50 mA IF = 5 mA IL = Max. Within 1 s on time IF = 5 mA IL = Max. Within 1 s on time IF = 5 mA IL = Max. Within 1 s on time IF = 0 mA VB = 0 V f = 1 MHz IF = 0 mA VL = Max. IF= 5 mA** lL=Max. IF = 5 mA IL = Max. f = 1 MHz VB = 0 V 500 V DC 1.25 V (1.14 V at IF = 5 mA) Ron B Ron C Cout -- Ton Toff Ciso Riso A -- -- -- -- -- Switching speed I/O capacitance Initial I/O isolation resistance Note: Recommendable LED forward current Standard type: 5 mA Reinforced type: 5 to 10 mA *Turn on/Turn off time For type of connection, catalog. Input 90% Output Ton Toff 10% For Dimensions, seecatalog. For Schematic and Wiring Diagrams, seecatalog. For Cautions for Use, seecatalog. REFERENCE DATA 1-(1). Load current vs. ambient temperature characteristics Allowable ambient temperature: -40C to +85C -40F to +185F Type of connection: A 0.7 0.6 1-(2). Load current vs. ambient temperature characteristics Allowable ambient temperature: -40C to +85C -40F to +185F Type of connection: A 140 120 AQV210 AQV214(H) 2-(1). On resistance vs. ambient temperature characteristics Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC) Continuous load current: Max. (DC) 5 AQV212 4 Load current, A Load current, mA On resistance, 0.5 0.4 AQV215 0.3 0.2 0.1 0 -40 -20 0 20 40 60 8085 100 Ambient temperature, C AQV217 100 80 60 40 AQV216 AQV215 3 2 AQV212 1 20 0 -40 -20 0 20 40 60 8085 100 Ambient temperature, C 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 2 ds_aqv21: 010404J GU PhotoMOS (AQV21 , AQV214H) 2-(2). On resistance vs. ambient temperature characteristics Measured portion: between terminals 4 and 6; LED current: 5 mA; Load voltage: Max. (DC) Continuous load current: Max. (DC) 120 100 AQV216 3. Turn on time vs. ambient temperature characteristics LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC) 2.0 4. Turn off time vs. ambient temperature characteristics LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC) 0.4 On resistance, 80 60 AQV214(H) 40 AQV210 20 Turn on time, ms AQV212,AQV215 1.0 Turn off time, ms 1.5 0.3 0.2 AQV214H AQV212,215 AQV216,210,217 AQV214 AQV214H AQV216,AQV210,AQV217 0.5 0.1 AQV214 0 -40 -20 AQV217 0 20 40 60 8085 Ambient temperature, C 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 0 -40 -20 0 20 40 60 Ambient temperature, C 8085 5-(1). LED operate current vs.ambient temperature characteristics Load voltage: Max. (DC); Continuous load current: Max. (DC) 5 5-(2). LED operate current vs.ambient temperature characteristics Load voltage: Max. (DC); Continuous load current: Max. (DC) 5 6-(1). LED turn off current vs. ambient temperature characteristics Load voltage: Max. (DC); Continuous load current: Max. (DC) 5 LED operate on current, mA LED operate on current, mA LED turn off current, mA 4 AQV212 AQV215 AQV217 AQV210 4 4 3 3 AQV214H 3 2 AQV214 AQV216 2 2 1 1 1 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 6-(2). LED turn off current vs. ambient temperature characteristics Load voltage: Max. (DC); Continuous load current: Max. (DC) 5 7. LED dropout voltage vs. ambient temperature characteristics Sample: All types LED current: 5 to 50 mA 1.5 8-(1). Current vs. voltage characteristics of output at MOS portion Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F 0.5 Current, A 0.4 0.3 0.2 AQV212 AQV215 LED turn off current, mA LED dropout voltage, V 4 1.4 1.3 1.2 1.1 1.0 50mA 30mA 20mA 10mA 5mA 3 AQV214H 2 0.1 -1.0 -0.8 -0.6 -0.4 -0.2 0.2 0.4 0.6 0.8 1.0 -0.1 Voltage, V -0.2 -0.3 -0.4 1 0 -40 -20 0 20 40 60 8085 Ambient temperature, C 0 -40 -20 0 20 40 60 8085 Ambient temperature, C -0.5 8-(2). Current vs. voltage characteristics of output at MOS portion Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F 200 Current, mA 160 120 80 40 -5 -4 -3 -2 -1 1 AQV216 234 Voltage, V 5 9. Off state leakage current vs. load voltage characteristics Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F 10-(1). Turn on time vs. LED forward current characteristics Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F 1.2 AQV217 AQV210 AQV214(H) Off state leakage current, A 10-3 1.0 Turn on time, ms 0.8 0.6 AQV212,AQV215 10-6 -40 -80 -120 -160 -200 AQV210,AQV216,AQV217 0.4 0.2 0 10-9 AQV216 AQV214(H) AQV214 10-12 0 20 40 80 60 Load voltage, V 100 10 20 30 40 50 LED forward current, mA 60 ds_aqv21: 010404J 3 GU PhotoMOS (AQV21 , AQV214H) 10-(2). Turn on time vs. LED forward current characteristics Measured portion: between terminals 4 and 6; Load voltage: 400 V (DC); Continuous load current: 120 mA (DC); Ambient temperature: 25C 77F 2.5 11. Turn off time vs. LED forward current characteristics Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F 0.12 12. Output capacitance vs. applied voltage characteristics Measured portion: between terminals 4 and 6; Frequency: 1 MHz; Ambient temperature: 25C 77F 200 2.0 AQV212 Output capacitance, pF 0.10 Turn on time, ms Turn off time, ms 150 0.08 AQV215 0.06 AQV214H 0.04 AQV210,214,217 AQV216 1.5 100 AQV214(H),AQV216,AQV210 AQV217 50 AQV215 0 AQV212 1.0 0.5 AQV214H 0 10 20 30 40 50 LED forward current, mA 60 0.02 0 10 20 30 40 50 LED forward current, mA 0 10 20 30 40 Applied voltage,V 50 4 ds_aqv21: 010404J |
Price & Availability of AQV217 |