Part Number Hot Search : 
PS960101 M48T12 BD6726FU VSMP2010 STUN030 ISL6000 2415S 25212300
Product Description
Full Text Search
 

To Download AN8428GAK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New
Reduce external components and improve reliability
For 3.5inch HDD Motor Comb ICAN8428GAK
Overview
AN8428GAK is motor comb IC for 3.5inch HDD. By new retract circuit ,reduce external components and shorten the brake time of the disk to improve reliability of HDD . Spindle motor sensor less linear drive. VCM linear drive , PWM-DAC control . Built-in Retract , 12 V/5 V/3.3 V power monitor, 3.3 V-Regulator. 80-pin TQFP package with exposed heat think .
Unit : mm
Features
By new retract circuit ,reduce external components and shorten the brake time 1/2 of the disk to improve reliability of HDD . Built-in shock sensor amplifier for mechanical shock protection and 3.3 V regulator for logic semiconductor . 10 dB acoustic noise reduction by trapezoidal current on spindle motor drive . 80- pin TQFP package with the smallest thermal resistance in the industry . Meet to increase speed of HDD higher 30 % than previous.
HQFP080-P-1414
Principle functions
(1)Spindle motor sensor less linear drive :2.7 A peak current drivers , Ron=1.1 (2)VCM linear drive : 1.8 A peak current , Ron=1.5 (3)Retract function exists (4)Built in 12 V/5 V/3.3 V power monitor (5)Built in shock sensor amplifier (6)Built in 3.3 V regulator
Applications
3.5 inch HDD
The products and specification are subject to change without any notice. Please ask for the latest Product Standards to guarantee the satisfaction of your product requirements.
1.Kotari Yakemachi, Nagaokakyo, Kyoto, 617-8520 Japan
M00389AE
Tel. (075)951-8151
http://www.mec.panasonic.co.jp
New publication, effective from May.8.2000
Standard application
VCC1S12,2S12 VCCV12 VCCA12 VCC5
0.047 F
BSTCP1 BSTCP2
VCC3.3
10 F
0.1 F,18V
BSTFLT 57 78
10 F
2SB1073 Vcc5 100 XN4502 XN 4502
GNDSUBA 54
59
58
7,18,44,45
10
BOOSTER
POWER ON RESET
+
9
POR5VADJ
3.3V out
4.7F 1.32K
0.68
50
70
1800pF
8 POR12VADJ
0.047 F 4.125K SHOCK SENSOR FILTER
3VREGCNTL 3VREGBG
71 2
TIMER
+
11 POR3.3VADJ
0.01
F
SHKIN
3
+
1800pF
12 CPOR CPOR
VREF
PORN
SHKFLT
79
RETRACT
VREF
VCC4
SHKOUT
13
SHOCK AMP
0.022 F
VREFOUT
75
0.01 F
VREF
RETRACT & VCM
VCMREF
23,24
VCMP
0.33
+
62
X4
TEMP 50
VISENL 65 VISENH
1K
THERMAL WARNING
66
VISENS1 10k
5 15 6
VFLTOUT
VPCNTL VPCNTL VFLTINP 1800pF
VOICE COIL MOTOR
0.01 F
VCM MODE
4
VCMINP
390pF
77 VIPWMH VIPWMH VIPWML VIPWML 76 14
PWM DAC VREF
FAIL SAFE RETRACT
19 ,20 21,22 25,26 16
220K
VCMN
10k
RETRACT
+
FAILSAFE
GND-V
RX
RETRACT ADJ RETPOWER
LOGIC DEVICE
SMODE1
1 F
RETRACT
17 52 56 33,
RY
SDRVN SDRVU
SMODE1 SCNTL1 SCNTL1 SCNTL2 SCNTL2 SCNTL3 SCNTL3 SIPWM SIPWM SENU SENU SENWIS SENWIS SENV SENV
SPINDLE MODE
69 68
SPINDLE
CURRENT CONTROL OUTPUT STAGE
MA10702
34 41, 42
COMMUTATION
67
SDRVV SPINDLE MOTOR
51
FILTER
74
72 73
BEMFCOMPARATOR
SDRVW
SDRVU SDRVV SDRVW
29,30 46 47 28 SISENL SISENH SISINK1 SISINK2 SISINK3 SISINK4 SISINK5 SISINK6
VCC5 SPWMTC 31 53
PWM
34k
220pF
32 35 36 37
0.18
1 SLOPEC
55 SPWMFLT
48
49
43
SCOMP
ANALOG GND
680pF
0.047 F
0.047 F
SHPWR
0.47 F
Maximum Ratings PARAMETER
Supply voltage +3.3 V Supply voltage +5V Supply voltage +12V Output voltage (Spindle) Output voltage (VCM) Spindle Motor Peak Output Current Voice coil Motor Peak Output Current
SYMBOL Vcc3.3 Vcc5 Vcc12 V SDRV
V VCMN,VCMP
Ratings - 0.3 6.0 - 0.3 6.0 - 0.3 13.5 - 0.3 15 - 0.3 15 3.0 2.0
unit V V V V V A A
I Ospeak I Ovpeak
Supply voltage range
+3.3 V Supply voltage range +5V Supply voltage range +12V Supply voltage range +12V Supply voltage range +12V Supply voltage range
V CC3.3 V CC5
3.0 V 4.5 V
5.5 V 5.5 V
V V V V V
V CCS12 10.8 V 13.2 V V CCV12 10.8 V 13.2 V V CCA12 10.8 V 13.2 V
Electrical CharacteristicsTa=25 2 unless otherwise specified PARAMETER
+3.3 V Supply Current +5V Supply Current +12 V Supply Current
SYMBOL I CC3.3 I CC3.3 S I CC5 I CC5S I CC12 I CC12S
Conditions
Linear mode Sleep mode Linear mode Sleep mode Linear mode Sleep mode
min
typ 1.1 1.1 16.0 14.0 35.0 10.0
max 3.0 3.0 20.0 55.0
unit mA mA mA
Power Monitor Comparators 12V Threshold voltage 5V Threshold voltage
t12 V
8.7 4.2
9.0 4.3
9.3 4.4
V V
V t5
2 Electrical CharacteristicsTa=25 unless otherwise specified PARAMETER SPM block
Total Output on Resistance Voltage Ratio SPWMFLT/SISENH
Voltage at pin SISENH for 100% duty cycle Voltage at pin SISENH for 50% duty cycle Voltage at pin SISENH for 5% duty cycle Voltage at pin SISENH for 0% duty cycle
SYMBOL
Conditions
min
typ
max
unit
Rds( on)
Iout =2.7 A
0.65
1.1
KSP V 100 V 50 V 5 V 0
4.8
0.33 0.160
5.1
0.348 0.18 0.018
5.4
0.376 0.200 0.026
V/V V V V mV

0.0
2.0
VCM block
Vretract Regulation
V RET2
Irtrct2
Supply OFF
VBEMF=2V VCM=10.5
0.55
0.87
1.15
V
Irtrct2
Current Ratio between MSBLSB Time of Crossover Distortion Symmetry VCM Drivers VCMP , VCMN
15
31.5
80
32
130
32.7
mA
Ratio
TCRO Ratio I2 I1 Ratio
Ramp Input VCMINP 20 s
I 2=I RVCM at Duty Cycle =10% I 1=I RVCM at Duty Cycle=90% RS=0.33,R 1=10k,R2=6.6k, RL =10 I 2=IRVCM at Duty Cycle =30% I 1=IRVCM at Duty Cycle=70% I 0=IRVCM at Duty Cycle=50% RS=0.33,R 1=10k,R2=6.6k, RL =10
2
5
s
0.93
1
1.07
mA/mA
Linearity VCM Drivers VCMP , VCMN
=
I 2- I 0 I 1- I 0
0.97
1.0
1.03
mA/mA
Total Resistance (SourceSinkIsolation)
RDSON25
IPWMH V V & IPWNL at 50% Duty Cycle RS=0.33, R1=10K, R2 =6.6 K, R L=10
1.0
1.5
VCM Output Drivers Offset Current
Ios
-28
0
28
mA
[Shock sensor]
Input Current of Shock Sensor Amplifier Gm of Shock Sensor Amplifier
I SHKIN Gmshk
-1
5.9
1 -
nA
-
mS
[3.3 VRegulator]
Output voltage Regulation Load Regulation
VCC3V3 VLDR ILOAD=04mA
3.168 -
3.33 33
3.49 -
V mV


▲Up To Search▲   

 
Price & Availability of AN8428GAK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X