Part Number Hot Search : 
001591 NPCT42XA NLX2G 225BLT STU40 BTNA14N3 09231 MMBD4
Product Description
Full Text Search
 

To Download AD8186 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Fully Buffered Inputs and Outputs Fast Channel-to-Channel Switching: 4 ns Single-Supply Operation (5 V) High Speed: 480 MHz Bandwidth (-3 dB) 2 V p-p >1600 V/ s (G = +1) >1500 V/ s (G = +2) Fast Settling Time of 7 ns to 0.1% Low Current: 19 mA/20 mA Excellent Video Specifications (RL = 150 ) 0.05% Differential Gain Error 0.05 Differential Phase Error Low Glitch All Hostile Crosstalk -84 dB @ 5 MHz -52 dB @ 100 MHz High Off Isolation of -95 dB @ 5 MHz Low Cost Fast, High Impedance Disable Feature for Connecting Multiple Outputs Logic-Shifted Outputs APPLICATIONS Switching RGB in LCD and Plasma Displays RGB Video Switchers and Routers GENERAL DESCRIPTION
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers AD8186/AD8187
FUNCTIONAL BLOCK DIAGRAM
IN0A 1 DGND 2 IN1A 3 VREF 4 IN2A 5 VCC 6 VEE 7 IN2B 8 VEE 9 IN1B 10 VEE 11 IN0B 12
2 1 0 24 VCC
LOGIC SELECT
23 OE 22 SEL A/B
ENABLE 21 VCC
20 OUT 0 19 VEE 18 OUT 1 17 VCC 16 OUT 2 15 VEE 14 DV CC
AD8186/AD8187
13 VCC
Table I. Truth Table
SEL A/B 0 1 1 0
OE 0 0 1 1
OUT High Z High Z IN A IN B
4.0 3.5 3.0
INPUT VOLTAGE (V)
6.0 5.5 5.0
OUTPUT VOLTAGE (V)
The AD8186 (G = +1) and AD8187 (G = +2) are high speed, single-supply, triple 2-to-1 multiplexers. They offer -3 dB large signal bandwidth of over 480 MHz along with a slew rate in excess of 1500 V/s. With better than -80 dB of all hostile crosstalk and -95 dB OFF isolation, they are suited for many high speed applications. The differential gain and differential phase error of 0.05% and 0.05, along with 0.1 dB flatness to 85 MHz, make the AD8186 and AD8187 ideal for professional and component video multiplexing. They offer 4 ns switching time, making them an excellent choice for switching video signals while consuming less than 20 mA on a single 5 V supply (100 mW). Both devices have a high speed disable feature that sets the outputs into a high impedance state. This allows the building of larger input arrays while minimizing OFF channel output loading. The devices are offered in a 24-lead TSSOP package.
2.5 2.0 1.5 1.0 0.5 0 -0.5 -1.0 0
INPUT
4.5 4.0 3.5 3.0
OUTPUT
2.5 2.0 1.5 1.0
5
10 TIME (ns)
15
20
25
Figure 1. AD8187 Video Amplitude Pulse Response, VOUT = 1.4 V p-p, RL = 150
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
AD8186/AD8187-SPECIFICATIONS
Parameter DYNAMIC PERFORMANCE -3 dB Bandwidth (Small Signal) -3 dB Bandwidth (Large Signal) 0.1 dB Flatness Slew Rate (10% to 90% Rise Time) Settling Time to 0.1% NOISE/DISTORTION PERFORMANCE Differential Gain Differential Phase All Hostile Crosstalk Channel-to-Channel Crosstalk, RTI OFF Isolation Voltage Noise, RTI DC PERFORMANCE Voltage Gain Error Voltage Gain Error Matching VREF Gain Error Input Offset Voltage Input Offset Voltage Matching Input Offset Drift Input Bias Current VREF Bias Current (for AD8187 only) INPUT CHARACTERISTICS Input Resistance Input Capacitance Input Voltage Range (About Midsupply) Conditions
(TA = 25 C; AD8186: VS = 5 V, RL = 1 k to 2.5 V; AD8187: VS = 5 V, VREF = 2.5 V, RL = 150 to 2.5 V; unless otherwise noted.)
AD8186/AD8187 Typ Max 1000/1000 450/480 90/85 1600/1500 6/7.5 0.05/0.05 0.05/0.05 -84/-78 -52/-48 -90/-85 -84/-95 7/9 0.1/0.1 0.04/0.04 0.04 0.2/0.5 8.0 0.2/0.2 10/5 1.5/1.5 1.0 1.8/1.3 0.9/1.0 1.2/ 1.2 +0.9, -1.2 3.1/2.8 2.8/2.5 3.2/3.0 3.0/2.7 85 0.2/0.35 1000/600 1.5/2.0 5.5 -72/-61 -76/-72 18.5/19.5 3.5/4.5 15 0.3/0.6 0.2/0.2 0.6 6.5/7.0 5.0/5.5 4/4
Min
Unit MHz MHz MHz V/ s ns % Degrees dB dB dB dB nV/Hz % % % mV mV mV V/C A A M pF V V V p-p V p-p mA k pF V dB dB mA mA mA
VOUT = 200 mV p-p VOUT = 2 V p-p VOUT = 200 mV p-p VOUT = 2 V p-p, RL = 150 VIN = 1 V Step, RL = 150 3.58 MHz, RL = 150 3.58 MHz, RL = 150 5 MHz 100 MHz 5 MHz 5 MHz f = 100 kHz to 100 MHz No Load Channel A to Channel B 1 k Load TMIN to TMAX Channel A to Channel B
@100 kHz IN0A, IN0B, IN1A, IN1B, IN2A, IN2B VREF RL = 1 k RL = 150 Enabled @ 100 kHz Disabled @ 100 kHz Disabled 3.5 +PSRR, VCC = 4.5 V to 5.5 V, VEE = 0 V -PSRR, VEE = -0.5 V to +0.5 V, VCC = 5.0 V All Channels ON All Channels OFF TMIN to TMAX, All Channels ON
OUTPUT CHARACTERISTICS Output Voltage Swing Short Circuit Current Output Resistance Output Capacitance POWER SUPPLY Operating Range Power Supply Rejection Ratio
Quiescent Current
21.5/22.5 4.5/5.5 23
-2-
REV. A
AD8186/AD8187
Parameter SWITCHING CHARACTERISTICS Channel-to-Channel Switching Time ENABLE to Channel ON Time DISABLE to Channel OFF Time Channel Switching Transient (Glitch) Output Enable Transient (Glitch) DIGITAL INPUTS Logic 1 Voltage Logic 0 Voltage Logic 1 Input Current Logic 0 Input Current OPERATING TEMPERATURE RANGE Temperature Range
JA JC
Conditions 50% Logic to 50% Output Settling, INA = +1 V, INB = -1 V 50% Logic to 50% Output Settling, INPUT = 1 V 50% Logic to 50% Output Settling, INPUT = 1 V All Channels Grounded All Channels Grounded SEL A/B, OE Inputs SEL A/B, OE Inputs SEL A/B, OE = 2.0 V SEL A/B, OE = 0.5 V Operating (Still Air) Operating (Still Air) Operating
Min
AD8186/AD8187 Typ
Max
Unit
3.6/4 4/3.8 17/5 21/45 64/118 1.6 0.6 45 2 -40 85 20 +85
ns ns ns mV mV V V nA A C C/W C/W
Specifications subject to change without notice.
REV. A
-3-
AD8186/AD8187
ABSOLUTE MAXIMUM RATINGS 1, 2, 3, 4
MAXIMUM POWER DISSIPATION (W)
2.5
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V DVCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V DVCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0 V VCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0 V IN0A, IN0B, IN1A, IN1B, IN2A, IN2B, VREF . . . VEE VIN VCC SEL A/B, OE . . . . . . . . . . . . . . . . . . . . . . DGND VIN DVCC Output Short Circuit Operation . . . . . . . . . . . . . . . Indefinite Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the Theory of Operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device in free air (T A = 25C). 3 24-lead TSSOP; TJA= 85C/W. Maximum internal power dissipation (PD) should be derated for ambient temperature (T A) such that PD < (150C TA)/TJA. 4 TJA of 85 C/W is on a 4-layer board (2s 2p).
2.0
1.5
1.0
0.5
0 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 AMBIENT TEMPERATURE ( C) 80 90
Figure 2. Maximum Power Dissipation vs. Temperature
PIN CONFIGURATION MAXIMUM POWER DISSIPATION
The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition temperature of the plastic, approximately 150C. Temporarily exceeding this limit may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of 175C for an extended period can result in device failure. While the AD8186/AD8187 is internally short circuit protected, this may not be sufficient to guarantee that the maximum junction temperature (150C) is not exceeded under all conditions. To ensure proper operation, it is necessary to observe the maximum power derating curves shown in Figure 2.
ORDERING GUIDE
IN0A 1 DGND 2 IN1A 3 VREF 4 IN2A 5 VCC 6 VEE 7 IN2B 8 VEE 9 IN1B 10 VEE 11 IN0B 12
24 VCC 23 OE 22 SEL A/B 21 V CC
AD8186/ AD8187
TOP VIEW (Not to Scale)
20 OUT 0 19 VEE 18 OUT 1 17 VCC 16 OUT 2 15 VEE 14 DV CC 13 VCC
Model AD8186ARU AD8186ARU-REEL AD8186ARU-REEL 7 AD8187ARU AD8187ARU-REEL AD8187ARU-REEL 7 AD8186-EVAL AD8187-EVAL
Temperature Range Package Description -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C 24-Lead Thin Shrink Small Outline Package (TSSOP) 13" Reel TSSOP 7" Reel TSSOP 24-Lead Thin Shrink Small Outline Package (TSSOP) 13" Reel TSSOP 7" Reel TSSOP Evaluation Board Evaluation Board
Package Option RU-24 RU-24 RU-24 RU-24 RU-24 RU-24
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8186/AD8187 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-4-
REV. A
Typical Performance Characteristics- AD8186/AD8187
3
976
0.6
DUT 50 52.3
1 0 GAIN
0.5 0.4 0.3 0.2
2 1 0
0.5 0.4
GAIN
-1 -2
-1 -2 -3 -4 -5 -6 0.1 1.0 10.0 100.0 FREQUENCY (MHz) 1000.0 FLATNESS
0.2 0.1 0 -0.1 -0.2 -0.3 10000.0
FLATNESS (dB)
0.3
-3 -4 FLATNESS -5 -6 0.1
0.1 0
-0.1 -0.2 10000.0
1.0
10.0 100.0 FREQUENCY (MHz)
1000.0
TPC 1. AD8186 Frequency Response, VOUT = 200 mV p-p, RL = 1 k
TPC 4. AD8187 Frequency Response, VOUT = 200 mV p-p, RL = 150
1 0 -1
1 0
NORMALIZED GAIN (dB)
-1 -2
-2
GAIN (dB)
-3 -4 -5 -6 -7 -8 0.1
50 150 DUT 52.3 976
-3 -4
-5 -6 0.1
1.0
10.0 FREQUENCY (MHz)
100.0
1000.0
1.0
10.0 FREQUENCY (MHz)
100.0
1000.0
TPC 2. AD8186 Frequency Response, VOUT = 2 V p-p, RL = 1 k
TPC 5. AD8187 Frequency Response, VOUT = 2 V p-p, RL = 150
1 0
+85 C +25 C
1 -40 C 0
NORMALIZED GAIN (dB)
+25 C
NORMALIZED GAIN (dB)
-1 -40 C -2 -3 -4
150 976 DUT 50 52.3
-1 +85 C -2
-3 -4
-5 -6 0.1
-5 -6 0.1
1.0
10.0 FREQUENCY (MHz)
100.0
1000.0
1.0
10.0 FREQUENCY (MHz)
100.0
1000.0
TPC 3. AD8186 Large Signal Bandwidth vs. Temperature, VOUT = 2 V p-p, RL = 1 k
TPC 6. AD8187 Large Signal Bandwidth vs. Temperature, VOUT = 2 V p-p, RL = 150
REV. A
-5-
NORMALIZED FLATNESS (dB)
NORMALIZED GAIN (dB)
GAIN (dB)
AD8186/AD8187
0 -10 -20 -30
CROSSTALK (dB)
0 -10 -20 -30
CROSSTALK (dB)
-40 -50 -60 -70 -80 -90
-40 -50 -60 -70 -80 -90
-100 -110 0.1 1 10 FREQUENCY (MHz) 100 1000
-100 -110 0.1 1.0 10.0 FREQUENCY (MHz) 100.0 1000.0
TPC 7. AD8186 All Hostile Crosstalk* vs. Frequency
TPC 10. AD8187 All Hostile Crosstalk* vs. Frequency
0 -10 -20 -30
CROSSTALK (dB)
0 -10 -20 -30
-40 -50 -60 -70 -80 -90
CROSSTALK (dB)
-40 -50 -60 -70 -80 -90
-100 -110 -120
-100 -110 0.1 1.0 10.0 FREQUENCY (MHz) 100.0 1000.0
0.1
1.0
10.0 FREQUENCY (MHz)
100.0
1000.0
TPC 8. AD8186 Adjacent Channel Crosstalk* vs. Frequency
TPC 11. AD8187 Adjacent Channel Crosstalk* vs. Frequency
0 -10 -20
0 -10 -20 -30
OFF ISOLATION (dB)
0 10 100 FREQUENCY (MHz) 1000
OFF ISOLATION (dB)
-30 -40 -50 -60 -70 -80 -90
-40 -50 -60 -70 -80 -90 -100 -110 -120 1 10 100 FREQUENCY (MHz) 1000
-100
TPC 9. AD8186 OFF Isolation* vs. Frequency
TPC 12. AD8187 OFF Isolation* vs. Frequency
* All hostile crosstalk--Drive all INA, listen to output with INB selected. Adjacent channel crosstalk--Drive one INA, listen to an adjacent output with INB selected. Off isolation--Drive inputs with OE tied low.
-6-
REV. A
AD8186/AD8187
0 -10 -20
0 -10 -20
DISTORTION (dBc)
DISTORTION (dBc)
-30 -40 -50 -60 THIRD -70 SECOND -80 -90
-30 -40 -50 -60 THIRD -70 -80 SECOND -90
-100 1 10 FREQUENCY (MHz) 100
-100 1 10 FREQUENCY (MHz) 100
TPC 13. AD8186 Harmonic Distortion vs. Frequency VOUT = 2 V p-p, RL = 150
0 -10 -20 -30
PSRR (dB)
TPC 16. AD8187 Harmonic Distortion vs. Frequency VOUT = 2 V p-p, RL = 150
0 -10 -20 -30
-40 -50 -60
-PSRR
PSRR (dB)
-40 -50 -60 -70 -80 0.01
-PSRR
+PSRR -70
+PSRR
-80 -90 0.01
0.10
1 FREQUENCY (MHz)
10
100
0.10
1 FREQUENCY (MHz)
10
100
TPC 14. AD8186 PSRR vs. Frequency, RL = 150
TPC 17. AD8187 PSRR vs. Frequency, RL = 150
20 18 16 14
NOISE (nV/ Hz)
20 18 16 14
12 10 8 6 4 2 0 0.01 0.10 1 10 100 FREQUENCY (MHz) 1000 10000
NOISE (nV/ Hz)
12 10 8 6 4 2 0 0.01 0.1 1 10 100 FREQUENCY (MHz) 1000 10000
TPC 15. AD8186 Input Voltage Noise vs. Frequency
TPC 18. AD8187 Input Voltage Noise vs. Frequency
REV. A
-7-
AD8186/AD8187
10000
10000
1000
1000
IMPEDANCE (k )
100
IMPEDANCE (k )
0.1 1 10 FREQUENCY (MHz) 100 1000
100
10
10
1
1
0.1
0.1 0.1 1.0 10.0 FREQUENCY (MHz) 100.0 1000.0
TPC 19. AD8186 Input Impedance vs. Frequency
TPC 22. AD8187 Input Impedance vs. Frequency
1000
1000
100
100
IMPEDANCE ( )
10
IMPEDANCE ( )
1 10 FREQUENCY (MHz) 100 1000
10
1
1
0.1 0.1
0.1 0.1 1.0 10.0 FREQUENCY (MHz) 100.0 1000.0
TPC 20. AD8186 Enabled Output Impedance vs. Frequency
TPC 23. AD8187 Enabled Output Impedance vs. Frequency
10000
10000
1000
1000
IMPEDANCE (k )
100
IMPEDANCE ( )
0.1 1.0 10.0 FREQUENCY (MHz) 100.0 1000.0
100
10
10
1
1
0.1
0.1 0.1 1.0 10.0 FREQUENCY (MHz) 100.0 1000.0
TPC 21. AD8186 Disabled Output Impedance vs. Frequency
TPC 24. AD8187 Disabled Output Impedance vs. Frequency
-8-
REV. A
AD8186/AD8187
2.80 2.70 INPUT 2.60
OUTPUT VOLTAGE (V) INPUT VOLTAGE (V)
3.30
2.8 2.7 2.6
INPUT VOLTAGE (V)
3.2 3.1 3.0
OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V)
2.50 2.40 2.30 2.20 OUTPUT 2.10 2.00 1.90 1.80 0 5 10 TIME (ns) 15 20 25 2.30 2.80
2.5 2.4 2.3 2.2 2.1 2.0 1.9 1.8 0
INPUT
2.9 2.8 2.7 2.6
OUTPUT
2.5 2.4 2.3 2.2
5
10 TIME (ns)
15
20
25
TPC 25. AD8186 Small Signal Pulse Response, VOUT = 200 mV p-p, RL = 1 k
TPC 28. AD8187 Small Signal Pulse Response, VOUT = 200 mV p-p, RL = 150 k
3.0 2.5 2.0
INPUT VOLTAGE (V)
5.0 INPUT 4.5 4.0
OUTPUT VOLTAGE (V)
4.0 3.5 3.0
INPUT VOLTAGE (V)
6.0 5.5 5.0 INPUT 4.5 4.0 3.5 3.0 OUTPUT 2.5 2.0 1.5 1.0 0 5 10 TIME (ns) 15 20 25
2.5 2.0 1.5 1.0 0.5 0
1.5 1.0 0.5 0 -0.5 -1.0 0 5 10 TIME (ns) 15 20 25 OUTPUT
3.5 3.0 2.5 2.0 1.5 1.0
-0.5 -1.0
TPC 26. AD8186 Video Signal Pulse Response, VOUT = 700 mV p-p, RL = 1 k
TPC 29. AD8187 Video Amplitude Pulse Response, VOUT = 1.4 V p-p, RL = 150 k
4.0 3.5 INPUT 3.0 2.5
7.0 6.5 6.0 5.5
4.0 3.5 3.0 INPUT 2.5
OUTPUT VOLTAGE (V) INPUT VOLTAGE (V)
6.0 5.5 5.0 4.5 4.0 3.5 3.0 OUTPUT 2.5 2.0 1.5 1.0 0.5 0 0 5 10 TIME (ns) 15 20 25
INPUT VOLTAGE (V)
2.0 1.5 1.0 0.5 OUTPUT 0 -0.5 -1.0 -1.5 -2.0 0 5 10 TIME (ns) 15 20 25
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0
2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0
TPC 27. AD8186 Large Signal Pulse Response, VOUT = 2 V p-p, RL = 1 k
TPC 30. AD8187 Large Signal Pulse Response, VOUT = 2 V p-p, RL = 150 k
REV. A
-9-
AD8186/AD8187
OUTPUT (1mV/DIV)
tSETTLED
OUTPUT (1mV/DIV)
tSETTLED
t0
TIME (2ns/DIV)
t0
TIME (2ns/DIV)
TPC 31. AD8186 Settling Time (0.1%), VOUT = 2 V Step, RL = 1 k
TPC 34. AD8187 Settling Time (0.1%), VOUT = 2 V Step, RL = 150
2.3 1.8 SEL A/B
6.0 5.5 5.0 4.5 4.0 OUTPUT 3.5 3.0 2.5 2.0 1.5 0 5 10 TIME (ns) 15 20 1.0 25
2.0 SEL A/B 1.5 1.0 0.5 0 OUTPUT -0.5 -1.0 -1.5 -2.0 -2.5 0 5 10 TIME (ns) 15 20
5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 25
SELECT A/B PULSE AMPLITUDE (V)
1.3 0.8 0.3 -0.3 -0.8 -1.3 -1.8 -2.3 -2.8
SELECT A/B PULSE AMPLITUDE (V)
TPC 32. AD8186 Channel-to-Channel Switching Time, VOUT = 2 V p-p, INA = 3.5 V, INB = 1.5 V
OUTPUT AMPLITUDE (V)
TPC 35. AD8187 Channel-to-Channel Switching Time, VOUT = 2 V p-p, INA = 3.0 V, INB = 2.0 V
2.0 SEL A/B
3.0
2.00 SEL A/B
3.00
SELECT A/B PULSE AMPLITUDE (V)
SELECT A/B PULSE AMPLITUDE (V)
1.5
2.9
1.50
2.90
OUTPUT AMPLITUDE (V)
1.0
2.8
1.00
2.80
0.5
2.7
0.50 OUTPUT 0
2.70
0
OUTPUT
2.6
2.60
-0.5
2.5
-0.50
2.50
-1.0 0 5 10 15 20 25 30 TIME (ns) 35 40 45
2.4 50
-1.00 0 5 10 15 20 25 30 TIME (ns) 35 40 45 50
2.40
TPC 33. AD8186 Channel Switching Transient (Glitch), INA = INB = 0 V
TPC 36. AD8187 Channel Switching Transient (Glitch), INA = INB = VREF = 0 V
-10-
REV. A
OUTPUT AMPLITUDE (V)
OUTPUT AMPLITUDE (V)
AD8186/AD8187
2.0 OE 1.5 5.0 OE PULSE AMPLITUDE (V) 4.5 5.5 2.0 1.5 OE 1.0 0.5 0 OUTPUT -0.5 -1.0 -1.5 -2.0 0 40 80 120 TIME - ns 160 3.5 3.0 2.5 2.0 200 6.0 5.5 5.0 4.5 4.0
OE PULSE AMPLITUDE (V)
1.0
0.5 0 OUTPUT -0.5 -1.0 -1.5 0 40 80 120 TIME (ns) 160
4.0
3.5 3.0 2.5
2.0 200
TPC 37. AD8186 Enable ON/OFF Time, VOUT = 0 V to 1 V
OUTPUT AMPLITUDE (V)
TPC 39. AD8187 Enable ON/OFF Time, VOUT = 0 V to 1 V
1.5
3.0
2.00
3.00
2.9
1.50
OE PULSE AMPLITUDE (V)
2.90 OE
OUTPUT AMPLITUDE (V)
OE PULSE AMPLITUDE (V)
OE 1.0 2.8
OUTPUT AMPLITUDE (V)
1.00
2.80
2.7
0.50
2.70
0.5 OUTPUT
2.6
0 OUTPUT -0.50
2.60
2.5
2.50
0 0 5 10 15 20 25 30 TIME (ns) 35 40 45
2.4 50
-1.00 0 5 10 15 20 30 25 TIME (ns) 35 40 45 50
2.40
TPC 38. AD8186 Channel Enable/Disable Transient (Glitch)
TPC 40. AD8187 Channel Enable/Disable Transient (Glitch)
REV. A
-11-
OUTPUT AMPLITUDE (V)
AD8186/AD8187
THEORY OF OPERATION
The AD8186 (G = +1) and AD8187 (G = +2) are single-supply, triple 2:1 multiplexers with TTL compatible global input switching and output-enable control. Optimized for selecting between two RGB (red, green, blue) video sources, the devices have high peak slew rates, maintaining their bandwidth for large signals. Additionally, the multiplexers are compensated for high phase margin, minimizing overshoot for good pixel resolution. The multiplexers also have respectable video specifications and are superior for switching NTSC or PAL composite signals. The multiplexers are organized as three independent channels, each with two input transconductance stages and one output transimpedance stage. The appropriate input transconductance stages are selected via one logic pin (SEL A/B) such that all three outputs switch input connections simultaneously. The unused input stages are disabled with a proprietary clamp circuit to provide excellent crosstalk isolation between "on" and "off " inputs while protecting the disabled devices from damaging reverse base-emitter voltage stress. No additional input buffering is necessary, resulting in low input capacitance and high input impedance without additional signal degradation. The transconductance stage, a high slew rate, class AB circuit, sources signal current into a high impedance node. Each output stage contains a compensation network and is buffered to the output by a complementary emitter-follower stage. Voltage feedback sets the gain, with the AD8186 configured as a unity gain follower and the AD8187 as a gain-of-two amplifier with a feedback network. This architecture provides drive for a reverseterminated video load (150 ) with low differential gain and phase errors while consuming relatively little power. Careful chip layout and biasing result in excellent crosstalk isolation between channels.
High Impedance, Output Disable Feature, and Off Isolation
The peak slew rate is not the same as the average slew rate. The average slew rate is typically specified as the ratio
VOUT t
measured between the 20% to 80% output levels of a sufficiently large output pulse. For a natural response, the peak slew rate may be 2.7 times larger than the average slew rate. Therefore, calculating a full power bandwidth with a specified average slew rate will give a pessimistic result. In specifying the large signal performance of these multiplexers, we've published the large-signal bandwidth, the average slew rate, and the measurements of the total harmonic distortion. (Large signal bandwidth is defined as the -3 dB point measured on a 2 V p-p output sine wave.) Specifying these three aspects of the signal path's large signal dynamics allows the user to predict system behavior for either pulse or sinusoid waveforms.
Single-Supply Considerations DC-Coupled Inputs, Integrated Reference Buffers, and Selecting the VREF Level on the AD8187, (G = +2)
The AD8186 and AD8187 offer superior large signal dynamics. The trade-off is that the input and output compliance is limited to ~1.3 V from either rail when driving a 150 load. These sections address some challenges of designing video systems within a single 5 V supply.
The AD8186
The output-enable logic pin (OE) controls whether the three outputs are enabled or disabled to a high impedance state. The high impedance disable allows larger matrices to be built by busing the outputs together. In the case of the AD8187 (G = +2), a feedback isolation scheme is used so that the impedance of the gain-of-two feedback network does not load the output. When not in use, the outputs can be disabled to reduce power consumption. The reader may have noticed that the off isolation performance of the signal path is dependent upon the value of the load resistor, RL. For calculating off isolation, the signal path may be modeled as a simple high-pass network with an effective capacitance of 3 fF. Off isolation will improve as the load resistance is decreased. In the case of the AD8186, off isolation is specified with a 1 k load. However, a practical application would likely gang the outputs of multiple muxes. In this case, the proper load resistance for the off isolation calculation is the output impedance of an enabled AD8186, typically less than a 10th of an ohm.
Full Power Bandwidth vs. -3 dB Large Signal Bandwidth
The AD8186 is internally wired as a unity-gain follower. Its inputs and outputs can both swing to within ~1.3 V of either rail. This affords the user 2.4 V of dynamic range at input and output, which should be enough for most video signals, whether the inputs are ac- or dc-coupled. In both cases, the choice of output termination voltage will determine the quiescent load current. For improved supply rejection, the VREF pin should be tied to an ac ground (the more quiet supply is a good bet). Internally, the VREF pin connects to one terminal of an on-chip capacitor. The capacitor's other terminal connects to an internal node. The consequence of building this bypass capacitor on-chip is twofold. First, the VREF pin on the AD8186 draws no input bias current. (Contrast this to the case of the AD8187, where the VREF pin typically draws 2 A of input bias current). Second, on the AD8186, the VREF pin may be tied to any voltage within the supply range.
AD8186
MUX SYSTEM IN0A IN0B IN1A IN1B IN2A IN2B "C_BYPASS" VREF INTERNAL CAP BIAS REFERENCE DIRECT CONNECTION TO ANY "QUIET" AC GROUND (FOR EXAMPLE, GND, V CC, V EE) OUT2 OUT1 OUT0
Note that full power bandwidth for an undistorted sinusoidal signal is often calculated using the peak slew rate from the equation
Full Power Bandwidth = Peak Slew Rate 2 x Sinusoid Amplitude
Figure 3. VREF Pin Connection for AD8186 (Differs from AD8187)
-12-
REV. A
AD8186/AD8187
The AD8187
The AD8187 uses on-chip feedback resistors to realize the gainof-two function. To provide low crosstalk and a high output impedance when disabled, each set of 500 feedback resistors is terminated by a dedicated reference buffer. A reference buffer is a high speed op amp configured as a unity-gain follower. The three reference buffers, one for each channel, share a single, high impedance input, the VREF pin (see Figure 4). VREF input bias current is typically less than 2 A.
A0 5V OUT 0 1 5V 500 5V GBUF 0 VFO 500
3) To maximize the output dynamic range, the reference voltage should be chosen with some care. For example, consider amplifying a 700 mV video signal with a sync pulse 300 mV below black level. The user might decide to set VREF at black level to preferentially run video signals on the faster NPN transistor path. The AD8186 would, in this case, allow a reference voltage as low as 1.3 V + 300 mV = 1.6 V. If the AD8187 is used, the sync pulse would be amplified to 600 mV. Therefore, the lower limit on VREF becomes 1.3 V + 600 mV = 1.9 V. For routing RGB video, an advantageous configuration would be to employ +3 V and -2 V supplies, in which case VREF could be tied to ground. If system considerations prevent running the multiplexer on split supplies, a false ground reference should be employed. A low impedance reference may be synthesized with a second operational amplifier. Alternately, a well bypassed resistor divider may serve. Refer to the Application section for further explanation and more examples.
5V
B0
VREF
VF-1 5V GBUF 1 OUT1 500 5V GBUF 2 500 500 VF-2 OUT2 500
100k
10k
0.022 F 100 OP21 1F VREF 1F
Figure 4. Conceptual Diagram of a Single Multiplexer Channel, G = +2
This configuration has a few implications for single-supply operation: 1) On the AD8187, VREF may not be tied to the most negative analog supply, VEE. Limits on Reference Voltage (AD8187, see Figure 5): VEE + 1.3 V < VREF < VCC - 1.6 V 1.3 V < VREF < 3.4 V on 0 V / 5 V Supplies
5V 5V A0 OUT 0 1.3V GND 1.3V VO_MAX = 3.7V VOUT VO_MIN = 1.3V
FROM 1992 ADI AMPLIFIER APPLICATIONS GUIDE GND
Figure 6a. Synthesis of a False Ground Reference
5V
10k
VREF
10k
1F
CAP MUST BE LARGE ENOUGH TO ABSORB TRANSIENT CURRENTS WITH MINIMUM BOUNCE.
5V 5V VREF 1.6V VO_MAX = 3.4V VREF VO_MIN = 1.3V 1.3V GND
Figure 6b. Alternate Method for Synthesis of a False Ground Reference
High Impedance Disable
Figure 5. Output Compliance of Main Amplifier Channel and Ground Buffer
Both the AD8186 and the AD8187 may have their outputs disabled to a high impedance state. In the case of the AD8187, the reference buffers also disable to a state of high output impedance. This feature prevents the feedback network of a disabled channel from loading the output, which is valuable when busing together the outputs of several muxes.
2) Signal at the VREF pin appears at each output. Therefore, VREF should be tied to a well bypassed, low impedance source. Using superposition, it is easily shown that VOUT = 2 x VIN - VREF REV. A -13-
AD8186/AD8187
AC-Coupled Inputs (DC Restore before Mux Input)
IN0A
1 24
VCC OE
Using ac-coupled inputs presents an interesting challenge for video systems operating from a single 5 V supply. In NTSC and PAL video systems, 700 mV is the approximate difference between the maximum signal voltage and black level. It is assumed that sync has been stripped. However, given the two pathological cases shown in Figure 7, a dynamic range of twice the maximum signal swing is required if the inputs are to be ac-coupled. A possible solution would be to use a dc restore circuit before the mux.
WHITE LINE WITH BLACK PIXEL +700mV VREF VAVG VAVG VREF BLACK LINE WITH WHITE PIXEL +5 V VINPUT = V REF + V SIGNAL VSIGNAL VREF ~ V AVG VREF IS A DC VOLTAGE SET BY THE RESISTORS GND -700mV
DGND IN1A
2
23
3
22
SEL A/B VCC OUT 0
VREF IN2A
4
21
5
20
VCC 0.1 F VEE 1F IN2B
6
MUX0
19
VEE OUT 1 VCC OUT 2
7
18
8
MUX1
17
VEE
9
16
IN1B 10
MUX2
15
VEE DVCC VCC
VEE 11 IN0B 12
14
13
Figure 7. Pathological Case for Input Dynamic Range
Tolerance to Capacitive Load
Figure 8. Detail of Primary and Secondary Supplies
Split-Supply Operation
Op amps are sensitive to reactive loads. A capacitive load at the output appears in parallel with an effective resistance of REFF = (RL rO), where RL is the discrete resistive load, and rO is the openloop output impedance, approximately 15 for these muxes. The load pole, at fLOAD = 1/(2 REFF CL), can seriously degrade phase margin and therefore stability. The old workaround is to place a small series resistance directly at the output to isolate the load pole. While effective, this ruse also affects the dc and termination characteristics of a 75 system. The AD8186 and AD8187 are built with a variable compensation scheme that senses the output reactance and trades bandwidth for phase margin, ensuring faster settling and lower overshoot at higher capacitive loads.
Secondary Supplies and Supply Bypassing
Operating from split supplies (e.g., +3 V/-2 V or 2.5 V) simplifies the selection of the VREF voltage and load resistor termination voltage. In this case, it is convenient to tie VREF to ground. The logic inputs are level shifted internally to allow the digital supplies and logic inputs to operate from 0 V and 5 V when powering the analog circuits from split supplies. The maximum voltage difference between DVCC and VEE must not exceed 8 V (see Figure 9).
SPLIT-SUPPLY OPERATION DIGITAL SUPPLIES (+5) DVCC 8V MAX (0V) DGND (-2.5) VEE ANALOG SUPPLIES (+2.5) VCC
The high current output transistors are given their own supply pins (Pins 15, 17, 19, and 21) to reduce supply noise on-chip and to improve output isolation. Since these secondary, high current supply pins are not connected on-chip to the primary analog supplies (VCC/VEE, Pins 6, 7, 9, 11, 13, and 24), some care should be taken to ensure that the supply bypass capacitors are connected to the correct pins. At a minimum, the primary supplies should be bypassed. Pin 6 and Pin 7 may be a convenient place to accomplish this. Stacked power and ground planes could be a convenient way to bypass the high current supply pins.
Figure 9. Split-Supply Operation
-14-
REV. A
AD8186/AD8187
APPLICATION Single-Supply Operation
there is still enough dynamic range to handle an ac-coupled, standard video signal with 700 mV p-p amplitude. If the input is biased at 2.5 V dc, the input signal can potentially go 700 mV both above and below this point. The resulting 1.8 V and 2.2 V are within the input signal range for single 5 V operation. Since the part is unity-gain, the outputs will follow the inputs, and there will be adequate range at the output as well. When using the gain-of-two AD8187 in a simple ac-coupled application, there will be a dynamic range limitation at the output caused by its higher gain. At the output, the gain-of-two will produce a signal swing of 1.4 V, but the ac coupling will double this required amount to 2.8 V. The AD8187 outputs can only swing from 1.4 V to 3.6 V on a 5 V supply, so there are only 2.2 V of dynamic signal swing available at the output. A standard means for reducing the dynamic range requirements of an ac-coupled video signal is to use a dc restore. This circuit works to limit the dynamic range requirements by clamping the black level of the video signal to a fixed level at the input to the amplifier. This prevents the video content of the signal from varying the black level as happens in a simple ac-coupled circuit. After ac coupling a video signal, it is always necessary to use a dc restore to establish where the black level is. Usually, this appears at the end of a video signal chain. This dc restore circuit needs to have the required accuracy for the system. It compensates for all the offsets of the preceding stages. Therefore, if a dc restore circuit is to be used only for dynamic-range limiting, it does not require great dc accuracy.
The AD8186/AD8187 are targeted mainly for use in singlesupply 5 V systems. For operating on these supplies, both VEE and DGND should be tied to ground. The control logic pins will be referenced to ground. Normally, the DVCC supply should be set to the same positive supply as the driving logic. For dc-coupled single-supply operation, it is necessary to set an appropriate input dc level that is within the specified range of the amplifier. For the unity-gain AD8186, the output dc level will be the same as the input, while for the gain-of-two AD8187, the VREF input can be biased to obtain an appropriate output dc level. Figure 10 shows a circuit that provides a gain-of-two and is dc-coupled. The video input signals must have a dc bias from their source of approximately 1.5 V. This same voltage is applied to VREF of the AD8187. The result is that when the video signal is at 1.5 V, the output will also be at the same voltage. This is close to the lower dynamic range of both the input and the output. When the input goes most positive, which is 700 mV above the black level for a standard video signal, it reaches a value of 2.2 V and there is enough headroom for the signal. On the output side, the magnitude of the signal will change by 1.4 V, which will make the maximum output voltage 2.2 V + 1.4 V = 3.6 V. This is just within the dynamic range of the output of the part.
AC Coupling
When a video signal is ac-coupled, the amount of dynamic range required to handle the signal can potentially be double that required for dc-coupled operation. For the unity-gain AD8186,
3V TO 5V REDA GRNA
0.7V MAX 2.2V 1.5V BLACK LEVEL
5V VCC
IN0A IN1A
DVCC
AD8187
2 OUT0 RED
3.0V 1.4V MAX
BLUA 5V 3.48k 1.5k 1.5V
IN2A
VREF
TYPICAL INPUT LEVELS (ALL 6 OUTPUTS)
2
OUT1
1.5V
GRN
BLACK LEVEL TYPICAL OUTPUT LEVELS (ALL 3 OUTPUTS)
REDB GRNB BLUB
IN0B 2 IN1B IN2B DGND VEE SEL A/B
OUT2
BLU
OE
Figure 10. DC-Coupled (Bypassing and Logic Not Shown)
REV. A
-15-
AD8186/AD8187
A dc restore circuit using the AD8187 is shown in Figure 11. Two separate sources of RGB video are ac-coupled to the 0.1 F input capacitors of the AD8187. The input points of the AD8187 are switched to a 1.5 V reference by the ADG786, which works in the following manner: The SEL A/B signal selects the A or B inputs to the AD8187. It also selects the switch positions in the ADG786 such that the same selected inputs will be connected to VREF when EN is low. During the horizontal interval, all of the RGB input signals are at a flat black level. A logic signal that is low during HSYNC is applied to the EN of the ADG786. This closes the switches and clamps the black level to 1.5 V. At all other times, the switches are off and the node at the inputs to the AD8187 floats. There are two considerations for sizing the input coupling capacitors. One is the time constant during the H-pulse clamping. The other is the droop associated with the capacitor discharge due to the input bias current of the AD8187. For the former, it is better to have a small capacitor; but for the latter, a larger capacitor is better. The ON resistance of the ADG786 and the coupling capacitor forms the time constant of the input clamp. The ADG786 ON resistance is 5 max. With a 0.1 F capacitor, a time constant of 0.5 s is created. Thus, a sync pulse of greater than 2.5 s will cause less than 1% error. This is not critical because the black level from successive lines is very close and the voltage changes little from line to line. A rough approximation for the horizontal line time for a graphics system is 30 s. This will vary depending on the resolution and the vertical rate. The coupling capacitor needs to hold the voltage relatively constant during this time while the input bias current of the AD8187 is discharging it. The change in voltage is IBIAS times the line time divided by the capacitance. With an IBIAS of 2.5 A, a line time of 30 s, and a 0.1 F coupling capacitor, the amount of droop is 0.75 mV. This is roughly 0.1% of the full video amplitude and will not be observable in the video display.
High Speed Design Considerations
The AD8186/AD8187 are extremely high speed switching amplifiers for routing the highest resolution graphic signals. Extra care is required in the circuit design and layout to ensure that the full resolution of the video is realized. First, the board should have at least one layer of a solid ground plane. Long signal paths should be referenced to a ground plane as controlled-impedance traces. All bypass capacitors should be very close to the pins of the part with absolutely minimum extra circuit length in the path. It is also helpful to have a large VCC plane on a circuit board layer that is closely spaced to the ground plane. This creates a low inductance interplane capacitance, which is very helpful in supplying the fast transient currents that the part demands during high resolution signal transitions.
Evaluation Board
An evaluation board has been designed and is offered for running the AD8186/AD8187 on a single supply. The inputs and outputs are ac-coupled and terminated with 75 resistors. For the AD8187, a potentiometer is provided to allow setting VREF at any value between VCC and ground. The logic control signals can be statically set by adding or removing a jumper. If it is required to drive the logic pins with a fast signal, an SMA connector can be used to deliver the signal, and a place for a termination resistor is provided.
5V VDD ADG786 S1A D1 S1B GRNA BLUA 5V 3.48k 1.5k 0.1 F 10 F 0.1 F D3 S3A S3B GRNB GND HSYNC LOGIC EN A0 A1 A2 VSS BLUB 0.1 F REDB 0.1 F IN0B VREF 1.5V + S2A D2 S2B 0.1 F VREF REDA 0.1 F 0.1 F IN0A IN1A
3V TO 5V DVCC
5V VCC
AD8187
2 OUT0 RED
IN2A
VREF
2
OUT1
GRN
2 IN1B IN2B DGND VEE SEL A/B
OUT2
BLU
OE
2.4V MIN
0.8V MIN SEL A/B
Figure 11. AD8187 AC-Coupled with DC Restore
-16-
REV. A
AD8186/AD8187
EVALUATION BOARD
Figure 12. Component Side Board Layout
Figure 13. Circuit Side Board Layout
REV. A
-17-
AD8186/AD8187
Figure 14. Component Side Silkscreen
Figure 15. Circuit Side Silkscreen
-18-
REV. A
REV. A
R4 75 C1 0.1 F VREF VREF VCC VCC AGND R22 4.99k R22 4.99k GND1 GND2 GND3 GND4 AGND AGND R23 1k OE AGND C24 0.1 F
1
IN0A
AGND C10 0.1 F C15 10 F VCC
IN1A R5 75 C4 0.1 F R15* TBD AGND VCC 24 OE 23 SEL A/B 22
21
VCC AGND W1 AGND
AGND
R1
VREF
VCC AGND R24 1k SEL A/B
VREF VREF IN0A DGND IN1A VREF IN2A VCC VEE IN2B VEE IN1B VEE DVCC VCC 13 IN0B
14 2
AGND C14 0.01 F R20* TBD AGND DUT
CW
C13 10 F
AGND R16 4.99k AGND
4 3
VCC
W2
AGND AGND
IN2A C5 0.1 F
6
C7 0.1 F AGND
AGND VEE 19 OUT 1 18 VCC 17 OUT 2 16 VEE 15 AGND C3 0.1 F
7
R6 75
5
VCC
VCC OUT 0 20
C18 0.1 F OUT 0 R9 75 R10* TBD AGND R11 75 VCC R12* TBD C19 0.1 F OUT 1 AGND AGND
AGND VREF
9 10 11 12 8
Figure 16. Single-Supply Evaluation Board
AGND R17 4.99k C6 0.1 F VREF R18 4.99k AGND C8 0.1 F VREF R21 4.99k C9 0.1 F VCC C12 0.1 F AGND AGND R13 75
-19-
AD8186/ AD8187
VCC C17 0.1 F
IN2B
AGND
R7 75
AGND
C16 10 F
AGND
IN1B
AGND
R3 75
C20 0.1 F OUT 2 R14* TBD AGND AGND
AGND
IN0B
AGND
R8 75
AGND
AD8186/AD8187
*R10, R12, R14, R15, AND R20 NOT INSTALLED ON EVALUATION BOARD FOR TEST PURPOSES. R1 IS NOT USED FOR AD8186.
AD8186/AD8187
OUTLINE DIMENSIONS 24-Lead Thin Shrink Small Outline Package [TSSOP] (RU-24)
Dimensions shown in millimeters
24
13
4.50 4.40 4.30 6.40 BSC
1 12
PIN 1 0.65 BSC 0.15 0.05 0.30 0.19 0.10 COPLANARITY 1.20 MAX
SEATING PLANE
0.20 0.09
8 0
0.75 0.60 0.45
COMPLIANT TO JEDEC STANDARDS MO-153AD
Revision History
Location 6/03--Data Sheet changed from REV. 0 to REV. A. Page
Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Edits to TPCs 32, 35, and 40 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
REV. A -20-
C02985-0-6/03(A)
7.90 7.80 7.70


▲Up To Search▲   

 
Price & Availability of AD8186

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X