Part Number Hot Search : 
BST62 MAN5750 NTE328 N80C188 275LA40 TAA761 IN4747 ISL81486
Product Description
Full Text Search
 

To Download AAT1015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Technology, Inc.
AAT1015
Details are subject to change without notice
3-CHANNEL PC POWER SUPPLY SUPERVISOR
FEATURES
3-Channel PC Power Supply Supervisor Over Voltage Protection for 3.3V, 5V, 12V Output Under Voltage Protection for 3.3V, 5V Output with 75 ms Enable Delay Fault Protection Output with Open Drain Output Open Drain Power Good Output 300 ms Power Good Delay 2.3 ms ONCTL to FPO Turn Off Delay
GENERAL DESCRIPTION
The AAT1015 is a 3-channel PC switching power supply supervisor that provides Over Voltage Protection (OVP), Under Voltage Protection (UVP), and Power Good Indicator to monitor and control the output of the switching power supply system. In addition to the implemented remote function from external signal, i.e., On/Off Control ( ONCTL ), over voltage fault protection and under voltage fault protection can also be directly triggered without external voltage divider. AAT1015 also greatly reduce the PCB board space for power supply system. With a minimal number of external components, the AAT1015 offers a simple and cost effective solution.
38 ms ONCTL Signal De-Bounce 73 s De-Bounce Latch Function Controlled by ONCTL and Protection Input.
PIN CONFIGURATION
TOP VIEW
PGI GND FPO ONCTL
1 2 3 4
8 7 6 5
PGO Vcc V5 V33
(PDIP-8 PACKAGE)
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 1 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
FPO (Fault Protection Output) OVP and UVP (Over Voltage Protection and Under Voltage Protection)
NORMAL="LOW", FAULT="HIGH" FPO indicates the fault condition of either Over Voltage or Under Voltage. When a fault state occurs, the FPO would be latched high and combined with a low PGO output.
PGO (Power Good Output)
OVP monitors 3.3V, 5V, and 12V via VCC pin, while UVP monitors 3.3V and 5V. OVP and UVP levels are determined by internal voltage dividers. The typical values are 3.9V, 6.1V, 13.8V for OVP and 2.2V, 3.5V for UVP, respectively. ONCTL (On/Off Control) On/Off Control is used to reset the latched state of FPO and to externally control the switching power supply system with a 38 ms de-bounce time. AAT1015 offers 2.3 ms delay time after de-bounce to trigger FPO when ONCTL switches from low to high
NORMAL="HIGH", FAULT="LOW". A Power Good signal will be issued with 300 ms delay after 3.3V, 5V, 12V and PGI are ready. Power Good Output should be low before the output voltage is out of regulation at turn-off.
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 2 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
PIN DESCRIPTION
Pin No Name 1 PGI 2 GND 3 FPO 4 ONCTL 5 V33 6 V5 7 VCC 8 PGO I/O Description I Power Good Input Signal Ground O Inverted Fault Protection Output, Open Drain Output Stage I ON/OFF Control Input I Over and Under Voltage Protection for 3.3V I Over and Under Voltage Protection for 5V I Supply Voltage and 12V Over Voltage Protection Input O Power Good Output Signal; Open Drain Output Stage
ABSOLUTE MAXIMUM RATINGS
Characteristics Supply Voltage FPO Output Voltage PGO Output Voltage Supply Current Operating Free-Air Temperature Range Storage Temperature Range Symbol VCC VFPO VPGO I CC TC
Tstorage
Value 16 16 8 1
- 20 to +85 - 45 to +125
Unit V V V mA
o o
C C
RECOMMENDED OPERATING CONDITIONS
Test Condition Supply Voltage, VCC Input Voltage, VI Output Voltage VPGO Output Sink Current, I O (Sink) Supply Voltage Rising Time, t r
Note 1: VCC slew rate must be less than 14 V/ms.
Min Typ Max 4 15 7 15 7 30 10
Unit V V V V mA mA ms
ONCTL , V5, V33, PGI VFPO
I FPO I PGO See Note 1 1
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 3 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
ELECTRICAL CHARACTERISTICS, VCC = 5 V (UNLESS OTHERWISE SPECIFIED)
Over Voltage Protection and Under Voltage Protection
Parameter Test Condition Min Typ Max Unit
Over Voltage Threshold Under-Voltage Threshold
V33 V5 VCC V33 V5 VCC
3.7 5.7 13.2 2.0 3.3
3.9 6.1 13.8 2.2 3.5 3.8
4.1 6.5 14.4 2.4 3.7
V V
PGO and FPO
Parameter Test Condition Min Typ Max Unit
I LKG
Leakage Current (PGO)
PGO = 5 V
5 0.4 5 0.3 0.7
A
VOL Low Level Output Voltage I sin k = 10 mA (PGO) I LKG Leakage Current ( FPO ) V( FPO ) = 5 V Low Level Output Voltage I sin k = 10 mA VOL ( FPO ) I sin k = 30 mA PGI and ONCTL
Parameter Test Condition Min Typ
V
A
V
Max
Unit
Input Threshold Voltage (PGI) Input Pull-Up Current ( ONCTL ) ONCTL = 0 V High-Level Input Voltage ( ONCTL ) Low-Level Input Voltage ( ONCTL )
1.10
1.15 150
1.20
V A V
2.0 0.8
V
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 4 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
ELECTRICAL CHARACTERISTICS, VCC = 5 V (UNLESS OTHERWISE SPECIFIED)
Operating Current
Parameter Test Condition Min Typ Max Unit
I CC Supply Current
ONCTL = 5 V
1
mA
Switching Characteristics, VCC = 5V, Top = Full Range
Parameter Test Condition Min Typ Max Unit
t d1 PGO Delay Time t d 2 Under Voltage Protection Delay Time t d 3 ONCTL Off to FPO Delay t b1 ONCTL De-Bounce Time t b 2 Noise De-Bounce Time
200 49
300 75
450 114
ms ms
t b1 +1.1 t b1 +2.3 t b1 +4.4 ms 24 47 38 73 57 110 ms s
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 5 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
BLOCK DIAGRAM
V cc UVLO O V 12 GND V IN T V I N T = 3 .5 8 V P ow er o n R eset R eset L ev el S h ift R POD V ref OV5 R e se t V ref O V 33 R R 73 s D eboun ce S PO D2 Q Q FPO
V ref O V 12
S R
V5 UV5 V 33 U V 33 O V 33 73 s D eb ou nce V ref UV5 POD V ref U V 33 V ref PGI R e se t V cc 150 uA ONCTL R e se t 38 m s D ebounce 2 .3 m s C L R D e la y POD V B G = 1 .2 8 B andgap R e fe r e n c e POD2 P O D O sc illa to r 73 s D eb ou nce CLR 300 m s D e la y R R Q OV5 75 m s D e la y R L ev el S h ift PGO
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 6 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
TIMING CHART
V cc R eset R
ONCTL S Q FP O PG I 3.3 V 5V 12 V PG O t d1 t b1 t d1 t b1 t d3 t d1 PG O FF delay
P rotection O ccur
ONCTL OFF
ONCTL ON
AC O FF
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 7 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
PACKAGE DIMENSION
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 8 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
PACKAGE DIMENSION (CONT.)
SYMBOL A A1 A2 B B1 B2 C D E E1 e L eB S DIMENSION IN MILLIMETERS MIN TYP MAX 3.6 3.9 4.2 0.38 --------3.25 3.30 3.45 0.36 0.46 0.56 1.400 1.524 1.650 0.813 0.990 1.170 0.20 0.25 0.33 9.12 9.30 9.53 7.62 7.87 8.26 6.20 6.35 6.60 ----2.54 ----3.18 --------8.38 ----9.40 0.71 0.84 0.97 MIN 0.142 0.015 0.128 0.014 0.055 0.032 0.008 0.359 0.300 0.244 ----0.125 0.330 0.028 DIMENSION IN INCHES TYP 0.154 ----0.130 0.018 0.060 0.039 0.010 0.366 0.310 0.250 0.100 --------0.033 MAX 0.165 ----0.136 0.022 0.065 0.046 0.013 0.375 0.325 0.260 --------0.370 0.038
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. LEAD FRAM MATERIAL: C194. 3. PACKAGE DIMENSION EXCLUDE MOLDING FLASH. 4. AFTER SOLDER PLATING, LEAD THICKNESS WILL BE 0.013" MAX. 5. AFTER SOLDER DIPPING, LEAD THICKNESS WILL BE 0.020" MAX. 6. THE MAX. ALLOWABLE MOLDING FLASH IS 0.010". 7. TOLERANCE: 0.010" UNLESS OTERWISE SPECIFIED. 8. OTHERWISE DIMENSION FOLLOW ACCEPTABLE SPECS. 9. THE BOTTOM E - PIN INDENT IS MARKED AS BELOW.
10. PACKAGE DIMENSION IS IN COMPLIANCE WITH JEDEC STANDARD MS-001 AB JUL85' ISSUE B.
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 9 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
TAPE AND REEL
PACKING METHOD: 60PCS/TUBE, 3,000PCS/BOX, 12,000PCS/CARTON
POSITION OF THE PRODUCT INSIDE OF THE PLASTIC TUDE
NOTE: 60PCS/TUBE
TUBES ARE PLACED IN SMALL PAPER BOXES, WITH THE WHITE PLUG FACING THE SIDE WITH MARKING
NOTE: 50TUBES/B
MARKING FOR THE SMALL PAPER BOX SHOULD BE POSITIONED AS SHOWN ABOVE
NOTE: USE CLEAR TAPE TO SEAL THE SMALL BOX INSTEAD OF QA SEAL
POSITION LABEL ON THE RIGHT CORNER OF THE BLANK BOXES MARKING ON THE LARGE BOX AS SHOWN ABOVE
NOTE: 4 SMALL BOXES/LARGE BOX, WITH NO QA SEAL
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 10 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1015
PART MARKING
PDIP8 TOP MARKING
AAT1015 BXXXXX.X YYWW TAIWAN
(LOT NO.)
(DATE CODE: 0416->2004, WEEK 16)
NOTE: PDIP8 HAS NO BACK MARKING.
- xAEWAniN/|-1/2q - - Advanced Analog Technology, Inc. -
Page 11 of 11 V 1.0


▲Up To Search▲   

 
Price & Availability of AAT1015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X