Part Number Hot Search : 
F170LT1G MCJ36 170M2609 0ETTTS MC10H350 0ETTTS XCR5032C 100B6
Product Description
Full Text Search
 

To Download 2SC3946 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC3946
Silicon NPN triple diffusion planar type
For color TV horizontal deflection driver
0.70.1 10.00.2 5.50.2 2.70.2 4.20.2
Unit: mm
4.20.2
s Features
q q q
High collector to emitter VCEO Large collector power dissipation PC Full-pack package which can be installed to the heat sink with one screw
7.50.2
16.70.3
3.10.1
4.0
1.40.1
1.30.2
(TC=25C)
Ratings 350 300 7.5 400 200 15 2.0 150 -55 to +150 Unit V V V mA mA W C C
Solder Dip
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
14.00.5
0.5 +0.2 -0.1 0.80.1
2.540.25 5.080.5 1 2 3
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(TC=25C)
Symbol ICBO IEBO VCBO VCEO VCER VCEO hFE VCE(sat) fT Cob Conditions VCB = 200V, IE = 0 VEB = 5V, IC = 0 IC = 100A, IE = 0 IC = 5mA, IB = 0 IC = 100A, IB = 0, RBE = 1k IE = 100A, IC = 0 VCB = 10V, IC = 10mA IC = 50mA, IB = 5mA VCE = 30V, IC = 10mA, f = 1MHz VCB = 50V, IE = 0, f = 1MHz 50 5 350 300 350 7.5 40 250 1 V MHz pF min typ max 2 2 Unit A A V V V V
1
Power Transistors
PC -- Ta
20 TC=Ta 200 TC=25C TC=75C 200 IB=2.0mA 120
2SC3946
IC -- VCE
240 25C -25C VCE=10V
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (mA)
12
1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA 0.6mA 0.4mA
Collector current IC (mA)
16
160
160
120
8
80
80
4
40
0.2mA
40
0 0 40 80 120 160 200
0 0 4 8 12 16 20
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 IC/IB=10 1000
hFE -- IC
200 VCE=10V
fT -- IE
VCB=30V f=1MHz TC=25C 160
Forward current transfer ratio hFE
3
300
25C TC=100C
1
100
Transition frequency fT (MHz)
300
-25C
120
0.3
TC=100C -25C
30
80
0.1
25C
10
40
0.03
3
0.01 1 3 10 30 100 300
1 1 3 10 30 100
0 -1
-3
-10
-30
-100 -300 -1000
Collector current IC (mA)
Collector current IC (A)
Emitter current IE (A)
Cob -- VCB
20
Area of safe operation (ASO)
10 IE=0 f=1MHz TC=25C 3 Single pulse TC=25C
Collector output capacitance Cob (pF)
Collector current IC (A)
16
1 ICP 0.3 IC 0.1 1ms 0.03 0.01 0.003 DC t=10ms
12
8
4
0 1 3 10 30 100
0.001 1 3 10 30 100 300 1000
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SC3946

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X