Part Number Hot Search : 
IC16F 557T196M 21G304 BTS724 LA1210 ON0409 GEMMH GEMMH
Product Description
Full Text Search
 

To Download 2N5547JANTX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5545/46/47/JANTX/JANTXV
Vishay Siliconix
Monolithic N-Channel JFET Duals
PRODUCT SUMMARY
Part Number
2N5545 2N5546 2N5547
VGS(off) (V)
-0.5 to -4.5 -0.5 to -4.5 -0.5 to -4.5
V(BR)GSS Min (V)
-50 -50 -50
gfs Min (mS)
1.5 1.5 1.5
IG Max (pA)
-50 -50 -50
jVGS1 - VGS2j Max (mV)
5 10 15
FEATURES
D D D D D D Monolithic Design High Slew Rate Low Offset/Drift Voltage Low Gate Leakage: 3 pA Low Noise High CMRR: 100 dB
BENEFITS
D Tight Differential Match vs. Current D Improved Op Amp Speed, Settling Time Accuracy D Minimum Input Error/Trimming Requirement D Insignificant Signal Loss/Error Voltage D High System Sensitivity D Minimum Error with Large Input Signal
APPLICATIONS
D Wideband Differential Amps D High-Speed, Temp-Compensated, Single-Ended Input Amps D High-Speed Comparators D Impedance Converters
DESCRIPTION
The 2N5545/5546/5547JANTX/JANTXV are monolithic dual n-channel JFETs designed to provide high input impedance (IG < 50 pA) for general-purpose differential amplifiers. The 2N5545 features minimum system error and calibration (5 mV offset maximum).
TO-71
S1 1 D1 6
G2
2
5
D2
3 G1 Top View
4 S2
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . . . . . . . 300_C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 200_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Power Dissipation : Per Sidea . . . . . . . . . . . . . . . . . . . . . . . . 250 mW Totalb . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
Notes a. Derate 2 mW/_C above 25_C b. Derate 4 mW/_C above 25_C
Document Number: 70253 S-04031--Rev. C, 04-Jun-01
www.vishay.com
8-1
2N5545/46/47/JANTX/JANTXV
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N5545 2N5546 2N5547
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentb Gate Reverse Current Gate Operating Current Gate-Source Forward Voltage
Symbol
Test Conditions
Typa
Min Max
Min
Max
Min
Max
Unit
V(BR)GSS VGS(off) IDSS IGSS IG VGS(F)
IG = -1 mA, VDS = 0 V VDS = 15 V, ID = 0.5 nA VDS = 15 V, VGS = 0 V VGS = -30 V, VDS = 0 V TA = 150_C VDG = 15 V, ID = 200 mA IG = 1 mA , VDS = 0 V
-57 -2 3 -10 -20 -3 0.7
-50 -0.5 0.5 -4.5 8 -100 -150 -50
-50 -0.5 0.5 -4.5 8 -100 -150 -50
-50 V -0.5 0.5 -4.5 8 -100 -150 -50 mA pA nA pA V
Dynamic
Common-Source Forward Transconductanceb Common-Source Output Conductanceb Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Equivalent Input Noise Voltage Noise Figure gfs gos Ciss Crss en NF 2.5 VDS = 15 V, VGS = 0 V f = 1 kHz 2 3.5 VDS = 15 V, VGS = 0 V f = 1 MHz VDS = 15 V, ID = 200 mA f = 10 Hz RG = 1 MW 1.3 20 0.1 1.5 6.0 25 6 2 180 3.5 1.5 6.0 25 6 2 200 5 1.5 6.0 25 6 pF 2 nV Hz dB mS mS
Matching
Differential Gate-Source Voltage Gate-Source Voltage Differential Change with Temperature Saturation Drain Current Ratioc Transconductance Ratioc |V G7S1 - V GS2| D|V GS1 - V GS2| DT I DSS1 I DSS2 gfs1 gfs2 |g os1 - gos2| VDG = 15 V, ID = 50 mA VDG = 15 V, ID = 200 mA VDG = 15 V, ID = 200 mA TA = -55 to 125_C VDS = 15 V, VGS = 0 V VDS = 15 V, ID = 200 mA f = 1 kHz VDG = 15 V, VGS = 0 V f = 1 kHz VDG = 15 V, ID = 200 mA TA = 125_C 0.98 0.95 5 5 10 10 10 20 15 15 40 mV mV/ _C
1
0.9
1
0.9
1
0.99
0.97
1
0.95
1
0.9
1
Differential Output Conductance
0.1
1
2
3
mS
Differential Gate Current
|I G1 - I G2|
1
5
5
5
nA
Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. b. Pulse test: PW v300 ms duty cycle v3%. c. Assumes smaller value in the numerator.
NQP
www.vishay.com
8-2
Document Number: 70253 S-04031--Rev. C, 04-Jun-01
2N5545/46/47/JANTX/JANTXV
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Drain Current and Transconductance vs. Gate-Source Cutoff Voltage
5 IDSS - Saturation Drain Current (mA) 3 gfs - Forward Transconductance (mS) 100 nA IG @ ID = 200 mA 10 nA TA = 125_C IG - Gate Leakage 1 nA IGSS @ 125_C 100 pA 200 mA 50 mA 50 mA
Gate Leakage Current
4 gfs 3
IDSS
2.6
2.2
2
1.8
10 pA TA = 25_C 1 pA
IGSS @ 25_C
1
IDSS @ VDS = 15 V, VGS = 0 V gfs @ VDG = 15 V, VGS = 0 V f = 1 kHz
1.4
0 0 -1 -2 -3 -4 -5
1
0.1 pA 0 10 20 30 40 50 VDG - Drain-Gate Voltage (V)
VGS(off) - Gate-Source Cutoff Voltage (V)
Output Characteristics
5 VGS(off) = -2 V 4 ID - Drain Current (mA) ID - Drain Current (mA) 4 5
Output Characteristics
VGS(off) = -3 V VGS = 0 V -0.3 V -0.6 V 3 -0.9 V 2 -1.2 V -1.5 V 1 -1.8 V -2.1 V 0 20 0 4 8 12 -2.4 V 16 20
3
VGS = 0 V -0.2 V
2
-0.4 V -0.6 V
1
-1.0 V -1.2 V
-0.8 V
0 0 4 8 12 16
-1.4 V
VDS - Drain-Source Voltage (V)
VDS - Drain-Source Voltage (V)
Output Characteristics
2 VGS(off) = -2 V 1.6 ID - Drain Current (mA) VGS = 0 V -0.2 V -0.4 V 1.2 -0.6 V -0.8 V 0.8 -1.0 V 0.4 -1.2 V -1.4 V 0 0 0.2 0.4 0.6 0.8 -1.6 V 1 VDS - Drain-Source Voltage (V) Document Number: 70253 S-04031--Rev. C, 04-Jun-01 0 0 0.2 ID - Drain Current (mA) 2.0 2.5
Output Characteristics
VGS(off) = -3 V VGS = 0 V -0.3 V -0.6 V -0.9 V 1.5 -1.2 V 1.0 -1.5 V -1.8 V 0.5 -2.1 V -2.4 V
0.4
0.6
0.8
1
VDS - Drain-Source Voltage (V) www.vishay.com
8-3
2N5545/46/47/JANTX/JANTXV
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Transfer Characteristics
5 VGS(off) = -2 V 4 ID - Drain Current (mA) (mV) VDS = 10 V 100 VDG = 15 V TA = 25_C
Gate-Source Differential Voltage vs. Drain Current
VGS1 - VGS2
3
TA = -55_C
2N5547 10 2N5545
25_C 2
1
125_C
0 0 -0.5 -1.0 -1.5 -2.0 -2.5 VGS - Gate-Source Voltage (V)
1 0.01 0.1 ID - Drain Current (mA) 1
Voltage Differential with Temperature vs. Drain Current
100 VDG = 15 V DTA = 25 to 125_C DTA = -55 to 25_C 130
Common Mode Rejection Ratio vs. Drain Current
DVDG DV GS1 - VGS2
( m V/ _C )
CMRR = 20 log 120
CMRR (dB)
2N5547 10
VGS1 - VGS2
110 DVDG = 10 - 20 V 100 5 - 10 V 90
Dt
2N5545
D
1 0.01
80 0.1 ID - Drain Current (mA) 1 0.01 0.1 ID - Drain Current (mA) 1
Circuit Voltage Gain vs. Drain Current
100 rDS(on) - Drain-Source On-Resistance ( ) 1k
On-Resistance vs. Drain Current
80 AV - Voltage Gain
800
60 VGS(off) = -3 V VGS(off) = -2 V 40 AV + 20 g fs R L 1 ) R Lg os 10 V ID 0.1 ID - Drain Current (mA) 1
600 VGS(off) = -2 V 400 VGS(off) = -3 V
Assume VDD = 15 V, VDS = 5 V RL +
200
0 0.01
0 0.01 0.1 ID - Drain Current (mA) Document Number: 70253 S-04031--Rev. C, 04-Jun-01 1
www.vishay.com
8-4
2N5545/46/47/JANTX/JANTXV
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Common-Source Input Capacitance vs. Gate-Source Voltage
10 C rss - Reverse Feedback Capacitance (pF) f = 1 MHz 8 5 f = 1 MHz 4
Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage
C iss - Input Capacitance (pF)
6 VDS = 0 V 4 5V
3
VDS = 0 V 5V
2
2 15 V 0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
1
15 V
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
Equivalent Input Noise Voltage vs. Frequency
20 VDS = 10 V Hz 16 ID @ 200 mA 12 gos - Output Conductance (S) 2.0 2.5
Output Conductance vs. Drain Current
VGS(off) = -2 V VDS = 15 V f = 1 kHz
en - Noise Voltage nV /
1.5 TA = -55_C 1.0 25_C
8
VGS = 0 V
4
0.5 125_C 0 0.01
0 10 100 1k f - Frequency (Hz) 10 k 100 k
0.1 ID - Drain Current (mA)
1
Common-Source Forward Transconductance vs. Drain Current
2.5 rDS(on) - Drain-Source On-Resistance ( ) VGS(off) = -2 V gfs - Forward Transconductance (mS) 2.0 TA = -55_C 1.5 25_C 1.0 VDS = 15 V f = 1 kHz 1k
On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage
10
800
gos
8
g os- Output Conductance ( mS)
600
6
400
rDS
4
0.5
200 rDS @ ID = 100 mA, VGS = 0 V gos @ VDS = 15 V, VGS = 0 V, f = 1 kHz 0
2
125_C
0 0.01 0.1 ID - Drain Current (mA) 1
0 0 -1 -2 -3 -4 -5
VGS(off) - Gate-Source Cutoff Voltage (V)
Document Number: 70253 S-04031--Rev. C, 04-Jun-01
www.vishay.com
8-5


▲Up To Search▲   

 
Price & Availability of 2N5547JANTX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X