Part Number Hot Search : 
R2002 DS28E0 BCM563 MBT2222A CG3750T IDP23E60 1N988B RB2545CT
Product Description
Full Text Search
 

To Download 2N5398 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B-20
01/99
2N5397, 2N5398
N-Channel Silicon Junction Field-Effect Transistor
Low-Noise High Power Gain High Transconductance Mixers Oscillators VHF Amplifiers
Absolute maximum ratings at TA = 25C
Reverse Gate Source & Reverse Gate Drain Voltage Drain Source Voltage Continuous Forward Gate Current Continuous Device Power Dissipation Power Derating
- 25 V 25 V 10 mA 300 mW 1.7 mW/C
At 25C free air temperature: Static Electrical Characteristics Gate Source Breakdown Voltage Gate Source Forward Voltage Gate Reverse Current Gate Source Cutoff Voltage Drain Saturation Current (Pulsed) Dynamic Electrical Characteristics Common Source Forward Transconductance Common Source Forward Transfer Admittance Common Source Output Conductance Common Source Input Admittance Common Source Input Conductance Common Source Input Capacitance Common Source Reverse Transfer Capacitance gfs | Yfs | | gos | | Yos | gis Ciss Crss V(BR)GSS VGS(F) IGSS VGS(OFF) IDSS
2N5397 Min - 25 1 - 0.1 - 0.1 -1 10 -6 30 Max
2N5398 Min - 25 1 - 0.1 - 0.1 -1 5 -6 40 Max Unit V V nA A V mA
Process NJ26L Test Conditions IG = - 1 A, VDS = OV IG = 1 mA, VDS = OV VGS = - 15V, VDS = OV VGS = - 15V, VDS = OV VDS = 10V, ID = 1 nA VDS = 10V, VGS = OV TA = 150C
5.5 6
9 10 0.4 0.2 2 5 1.2
5 5.5
10 10 0.5 0.4 3 5.5 1.3
mS mS mS mS mS pF pF
VDG = 10V, ID = 10 mA VDS = 10V, ID = 10 mA VDG = 10V, ID = 10 mA VDS = 10V, ID = 10 mA VDG = 10V, ID = 10 mA VDG = 15V, VGS = OV VDG = 15V, VGS = OV
f = 450 MHz f = 1 kHz f = 450 MHz f = 1 kHz f = 450 MHz f = 1 kHz f = 1 kHz
TO72 Package
Dimensions in Inches (mm)
Surface Mount
SMP5397, SMP5398
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case 1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375
www.interfet.com


▲Up To Search▲   

 
Price & Availability of 2N5398

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X