Part Number Hot Search : 
HT46R23 D8749H MM1662K 30620 D8284A LT11151 1N58311 2409D
Product Description
Full Text Search
 

To Download 232CL9R0900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 232CL9R0900 - pg. 1/2
9 Pin RS-232 to Current Loop Converter
Model 232CL9R
The Model 232CL9R is a passive 9 pin RS-232 to current loop converter. This converter requires a 12VDC-power supply at 100mA. Additional resistors are supply for an active source.
Figure 1. To connect the converter to an existing current loop port, you must first determine if the port is active or passive. For a port to be active, it must have an internal power supply which provides the 20mA current for the transmitter, receiver, or for both. This information should be available in the instruction manual. If the instruction manual is not available the simplest way to determine this is to break the loop (disconnect it) and see if there is any DC voltage across the output or input pairs. Current loop interfaces normally consist of four wires. They are usually labeled T+, T-, R+, and R-. T+ and T- are the transmit plus and transmit minus lines and data is output from that device on those lines. The R+ and R- lines are the receive plus and receive minus lines and data is input into that device on these lines. Interconnection of the two current loop devices is different depending on whether your unit is active or passive. Connection to an active current loop port is very simple. Your unit's T+ and T- lines go to the B&B unit's R+ and R- lines, and your unit's R+ and R- lines go to the B&B unit's T+ and T- lines, as shown in figure 2.
(c) B&B Electronics - January 2000
This product designed and manufactured in USA of domestic and imported parts by
232CL9R0900 - pg. 2/2
Note: The R+ & R- indentification doesn't imply a direct connection across the receiver. R+ RT+
Vs Vs
T+
RS-232 to Current Loop Converter
TR+ R-
T-
Active Current Loop Port
Note: The T+ & T- indentification doesn't imply a direct connection across the transmitter.
Figure 2. Connection to an Active Current Loop
Connection to a passive current loop port requires a 12 VDC power supply. Use the 470 ohm resistors inside of our converter to create a 20 ma current source, as shown in figure 3.
RS232 TO CURRENT LOOP CONVERTER T+ T14 19
PASSIVE CURRENT LOOP CONVERTER R+ R-
6 470 9 21 470 22 25 +12VDC
T+ TYOUR EQUIPMENT
R+ R-
23
Figure 3. Connection to a Passive Current Loop
Interconnection of two B&B current loop converters also requires the use of a 12 VDC power supply since they are both passive ports. See figure 4.
T+ T14 19 6 470 9 21 470 22 25 +12VDC 14 19 6 9 21 22 25 470 470
T+ T-
R+ R-
R+ R-
23
23
Figure 4. Interconnection of Two Current Loop converters
(c) B&B Electronics - January 2000
This product designed and manufactured in USA of domestic and imported parts by
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 232CL9R0900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X