Part Number Hot Search : 
MT3S14FS S4805 2N4029 VAL1Z STA015T M1201 MMBT440 MT110
Product Description
Full Text Search
 

To Download 1SS118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS118
Silicon Epitaxial Planar Diode for High Speed Switching
ADE-208-297 (Z) Rev. 0 Features
* High average forward current. (I O = 200mA) * High reliability with glass seal.
Ordering Information
Type No. 1SS118 Cathode band Black Mark S118 Package Code DO-35
Outline
1
S1 18
2
Type No. Cathode band 1. Cathode 2. Anode
1SS118
Absolute Maximum Ratings (Ta = 25C)
Item Peak reverse voltage Reverse voltage Peak forward current Non-Repetitive peak forward surge current Average forward current Power dissipation Junction temperature Storage temperature Note: Value at duration of 1s Symbol VRM VR I FM I FSM * IO Pd Tj Tstg Value 75 50 600 4 200 500 175 -65 to +175 Unit V V mA A mA mW C C
Electrical Characteristics (Ta = 25C)
Item Forward voltage Reverse current Capacitance Reverse recovery time Symbol VF IR C t rr Min -- -- -- -- Typ -- -- -- -- Max 1.0 0.1 3.5 3.0 Unit V A pF ns Test Condition I F = 10mA VR = 50V VR = 0V, f = 1MHz I F = 10mA, VR = 6V, Irr = 0.1IR , RL = 50
1SS118
10
-1
Forward current I F (A)
10
-2
10
-3
10
-4
0
0.2
Ta = 125 C Ta = 75C Ta = 25C Ta = -25 C
0.8 0.4 0.6 1.0 Forward voltage VF (V)
1.2
Fig.1 Forward current Vs. Forward voltage
-4
10
Reverse current I R (A)
Ta = 125C 10
-5
10
-6
Ta = 75C
10
-7
0
30 10 20 40 Reverse voltage VR (V)
50
Fig.2 Reverse current Vs. Reverse voltage
1SS118
3.0 f = 1MHz 2.5
Capacitance C (pF)
2.0
1.5
1.0
0.5
0
0
10
20
30
40
50
60
Reverse voltage VR (V)
Fig.3 Capacitance Vs. Reverse voltage
1SS118
Package Dimensions
Unit: mm
26.0 Min
4.2 Max
26.0 Min 2.0 Max
0.5
1
S1 18 Type No. (Black) Cathode band (Black)
2
1 Cathode 2 Anode
HITACHI Code JEDEC Code EIAJ Code Weight (g)
DO-35 DO-35 SC-48 0.13
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 1SS118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X