Part Number Hot Search : 
25X25 GW3B2 51163 SB604G 100AC 3006A 40HFR120 N411044
Product Description
Full Text Search
 

To Download 1N5380A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5333B thru 1N5388B Silicon 5 Watt Zener Diodes
SCOTTSDALE DIVISION
DESCRIPTION The 1N5333-5388B JEDEC registered series of axial-leaded 5.0 watt Zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by specific suffix letter on the part number. These plastic encapsulated Zeners have moisture classification of Level 1 with no dry pack required and are also available in various military equivalent screening levels by adding a prefix identifier as also described in the Features section. They may be operated at high maximum dc currents with adequate heat sinking with their comparatively low thermal resistance design. Microsemi also offers numerous other Zener products to meet higher and lower power applications.
APPEARANCE
WWW . Microsemi .C OM
T-18
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* JEDEC registered 1N5333 to 1N5388B * Zener voltage available 3.3V to 200V * Standard voltage tolerances are plus/minus 5% with B suffix and 10 % with A suffix identification * Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively * Options for screening in accordance with MILPRF-19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. * Surface mount equivalents available as SMBJ5333 to SMBJ5388B, or SMBG5333B to SMBG5388B
APPLICATIONS / BENEFITS
* Regulates voltage over a broad operating current and temperature range * Wide selection from 3.3 to 200 V * Flexible axial-lead mounting terminals * Nonsensitive to ESD per MIL-STD-750 Method 1020 * Withstands high surge stresses * Minimal changes of voltage versus current as specified by voltage regulation (VZ) * High specified maximum current (IZM) when adequately heat sunk * Moisture classification is Level 1 per IPC/JEDEC JSTD-020B with no dry pack required
MAXIMUM RATINGS
* * * Power dissipation at 25 C: 5.0 watts (also see derating in Figure 1). Operating and Storage temperature: -65C to +150C Thermal Resistance: 25 C/W junction to lead at 3/8 (10 mm) lead length from body, or 85C/W junction to ambient when mounted on FR4 PC board (1oz Cu) with 4 mm2 copper pads and track width 1 mm, length 25 mm Steady-State Power: 5 watts at TL < 25oC 3/8 inch (10 mm) from body, or 1.47 watts at TA = 25 C when mounted on FR4 PC described for thermal resistance (also see Figure 1) Forward voltage @1.0 A: 1.2 volts (maximum) Solder Temperatures: 260 C for 10 s (max)
MECHANICAL AND PACKAGING
* CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 * TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 * POLARITY: Cathode indicated by band. Diode to be operated with the banded end positive with respect to the opposite end. * MARKING: Part number * TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) * WEIGHT: 0.7 grams * See package dimensions on last page
1N5333B thru 1N5388B
*
* *
Copyright 2003 7-23-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N5333B thru 1N5388B Silicon 5 Watt Zener Diodes
SCOTTSDALE DIVISION
*ELECTRICAL CHARACTERISTICS @ 25oC
TYPE NUMBER
REGULATOR VOLTAGE TEST CURRENT MAXIMUM DYNAMIC IMPEDANCE (A&B Suffix) MAXIMUM REVERSE CURRENT IR TEST VOLTAGE (Non-Suffix & A Suffix)
WWW . Microsemi .C OM
(VZ)
V
(IZT)
mA dc
380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
(ZZ)
(VR)
V
IR TEST VOLTAGE (B,C,D Suffix)
(IR)
A
300 150 50 10 5.0 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
(VR)
V
MAXIMUM REGULATOR CURRENT (B,C,D Suffix)
(IZM)
MAXIMUM DYNAMIC KNEE IMPEDANCE ZZK @ 1.0 mA (A,B,C,D Suffix)
MAXIMUM SURGE CURRENT
MAXIMUM VOLTAGE REGULATION (A,B,C,D Suffix)
(IZSM)
AMPS
20 18.7 17.6 16.4 15.3 14.4 13.4 12.7 12.4 11.5 10.7 10 9.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9
(VZ)
OHMS
3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
mA
1440 1320 1220 1100 1010 930 865 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 264 250 237 216 198 190 176 170 158 144 132 122 110 100 93 86 79 76 70 63 58 54.5 52.5 47.5 43 39.5 36.6 34 31.6 29.4 28 26.4 25 23.6
OHMS
400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
VOLTS
0.85 0.80 0.54 0.49 0.44 0.39 0.25 0.19 0.10 0.15 0.15 0.20 0.20 0.22 0.22 0.25 0.25 0.25 0.25 0.25 0.30 0.35 0.40 0.40 0.40 0.45 0.55 0.55 0.60 0.60 0.60 0.60 0.65 0.65 0.70 0.80 0.90 1.00 1.20 1.35 1.50 1.60 1.80 2.00 2.20 2.30 2.50 2.50 2.50 2.50 3.00 3.00 3.00 4.00 5.00 5.00
1N5333B 1N5334B 1N5335B 1N5336B 1N5337B 1N5338B 1N5339B 1N5340B 1N5341B 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 4.9 5.4 5.9 6.25 6.6 7.2 8.0 8.6 9.4 10.1 10.8 11.5 12.2 13 13.7 14.4 15.8 17.3 18 19.4 20.1 21.6 23.8 25.9 28.1 31 33.8 36.7 40.3 43 44.6 49 54 59 63 65.5 72 79.2 86.4 93.6 101 108 115 122 130 137 144
1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56 62.2 66 69.2 76 83.6 91.2 98.8 106 114 122 129 137 144 152
1N5333B thru 1N5388B
*JEDEC Registered Data.
NOTE 1: Devices listed above with B suffix have 5% tolerance, A suffix designates 10% tolerance, C suffix designates 2% tolerance, and D suffix designates 1% tolerance. No suffix designates 20%. o o NOTE 2: Zener voltage (Vz) is measured at TL = 25 C (+8, -2 C). Voltage measurement performed at 40 10 milliseconds after application of dc current. NOTE 3: The zener impedance is derived from 1 kHz ac voltage resulting from an ac current modulation having an rms value equal to 10% of the dc zener current (IZT or IZK) superimposed on IZT or IZK. See Micro Note 202 for zener impedance variation with different operating currents. NOTE 4: The maximum current (IZM) shown is for a 5% tolerance devices. The IZM for other tolerances can be calculated using the formula: IZM = P/VZM where VZM is the VZ at the high end of the voltage tolerance specified and P is the rated power for the method of mounting. NOTE 5: The surge current (IZSM) is specified as the maximum peak of a non-recurrent half-sine wave of 8.3 ms duration. NOTE 6: Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of IZM. Copyright 2003 7-23-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N5333B thru 1N5388B Silicon 5 Watt Zener Diodes
SCOTTSDALE DIVISION
OUTLINE AND CIRCUIT
WWW . Microsemi .C OM
Pd, Maximum Power Dissipation (Watts)
TL
TA on FR4 PC board
TL, Lead temperature ( C) 3/8" from body. or TA ambient temperature on FR4 PC Board
o
FIGURE 1 Power Derating Curve
FIGURE 2 Typical Capacitance vs. Reverse Voltage for 5 Watt Zeners
PACKAGE DIMENSIONS
1N5333B thru 1N5388B
FIGURE 3 Typical Capacitance vs. Reverse Voltage for 5 Watt Zeners
Copyright 2003 7-23-2003 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N5380A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X