Part Number Hot Search : 
P3415PBF 0512E TFS70AG 170M5191 MV8713 C3528 TB2921HQ 4VHC59
Product Description
Full Text Search
 

To Download 163CMQ060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.255 rev. B 05/02
163CMQ... SERIES
SCHOTTKY RECTIFIER 160 Amp
TO-249AA
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 80 Apk, TJ = 125C (per leg) range
Description/ Features
The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. 175 C TJ operation Isolated heatsink Center tap module High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Low profile, high current package
163CMQ... Units
160 60, 80 to 100 9000 0.80 A V A V
- 55 to 175
C
163CMQ100
(Isolated Base)
1
2
3
Anode
1
Common Cathode
Anode
2
Outline D-60 (Modified JEDEC TO-249AA) Dimensions in millimeters and (inches)
www.irf.com
1
163CMQ... Series
Bulletin PD-2.255 rev. B 05/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
163CMQ060 163CMQ080 163CMQ090 163CMQ100
60 80 90 100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 9000 800 15 1 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
163CMQ Units
160 A
Conditions
50% duty cycle @ TC = 87 C, rectangular wave form
TJ = 25 C, IAS = 1 Amps, L = 30 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
163CMQ Units
0.98 1.17 0.80 0.96 1.5 20 1400 8.0 10000 V V V V mA mA pF nH V/ s @ 80A @ 160A @ 80A @ 160A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from terminal hole to terminal hole
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
163CMQ Units
-55 to 175 -55 to 175 1.0 0.50 0.10 58 (2.0) Min. Max. 40 (35) 58 (50) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in) JEDEC
TO - 249AA
2
www.irf.com
163CMQ... Series
Bulletin PD-2.255 rev. B 05/02
10 00
10 00 10 0 R v rs C rr n - I (m ) ee e u et A R 1 0 1 .1 5 0C .0 1 .0 1 0 0 2 5C T =1 5 C 7 J 1 0C 5 1 5C 2 1 0C 0 7 5C
In ta ta e u F rw rdC rre t - IF (A s n nos o a un )
10 0
2 0
4 0
6 0
8 0
10 0
R v rs V lta e- V (V ee e o g R)
T =1 5 C 7 J T =1 5 C 2 J
J n tio C p c n e- C (p ) u c n a a ita c F T
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
100 00
T= 2 5C J 1 0
T =2 5C J 10 00
1 0
.2
.4
.6
.8
1
1 .2
1 .4
1 .6
10 0 0 1 2 3 4 5 6 7 8 9 1 01 0 0 0 0 0 0 0 0 0 00 1 R v rs V lta e- V (V ee e o g ) R
F rw rdV lta eD p- V (V oa o g ro ) F M
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c - Zth C ( /W h rm l p d n e C) J
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
.1
D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
PM D
t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr 2 P a T =P xZ . ek +T JD M th C C J .0 1 .1 1 1 0 10 0
.0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0
t1, R c n u r P ls D ra n(S c n s e ta g la u e u tio eo d)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
163CMQ... Series
Bulletin PD-2.255 rev. B 05/02
10 8 A w b C s T m e tu - ( ) llo a le a e e p ra re C 13 M 6C Q R J (D ) =1 /W .0 C th C C
9 0 D=0 8 .0 8 D=0 7 0 .1 D=0 5 .2 7 0 D=0 3 .3 .5 6 D=0 0 0 5 0 4 R SL it 0 M im 3 0 2 0 1 0 D C
10 6
10 4
10 2
D C
10 0
8 0 0
A e g P w r L s - (W tts v ra e o e o s a)
2 0
4 0
6 0
8 0
10 0
10 2
0 0
2 0
4 0
6 0
8 0
10 0
10 2
A e g F rw rdC rre t - IF V (A v ra e o a un (A ) )
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
FSM
Non-Repetitive Surge Current - I
(A) 1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H -SPE ED SW IT C H FRE E-W H EEL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 2 5 oh m
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
163CMQ... Series
Bulletin PD-2.255 rev. B 05/02
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/02
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 163CMQ060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X