Part Number Hot Search : 
HMC43 ADP1740 LM385 6040942 2SC17 RFU37 MOC208 VUO12
Product Description
Full Text Search
 

To Download VRE202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRE202
Precision Surface Mount Reference Supplies
THALER CORPORATION * 2015 N. FORBES BOULEVARD * TUCSON, AZ. 85745 * (520) 882-4000
FEATURES
* VERY HIGH ACCURACY: 2.5000 V OUTPUT 200 V * EXTREMELY LOW DRIFT: 0.6 ppm/C 55C to +125C * LOW WARM-UP DRIFT: 1 ppm Typ. * EXCELLENT STABILITY: 6 ppm/1000 Hrs. Typ.
APPLICATIONS
* PRECISION A/D and D/A CONVERTERS * TRANSDUCER EXCITATION * ACCURATE COMPARATOR THRESHOLD REFERENCE * HIGH RESOLUTION SERVO SYSTEMS
* EXCELLENT LINE REGULATION: 6ppm/V Typ. * DIGITAL VOLTMETERS * HERMETIC 20 TERMINAL CERAMIC LCC * MILITARY PROCESSING OPTION * HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS
DESCRIPTION
VRE202 Series Precision Voltage References provide ultrastable +2.5000V outputs with 200 V initial accuracy and temperature coefficient as low as 0.6 ppm/C over the full military temperature range. This improvement in accuracy is made possible by a unique, proprietary multipoint laser compensation technique developed by Thaler Corporation. Significant improvements have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and longterm stability, making the VRE202 series the most accurate and stable 2.5V surface mount references available. VRE202 devices are available in two operating temperature ranges, -25C to +85C and -55C to +125C, and two electrical performance grades. All devices are packaged in 20 terminal ceramic LCC packages for maximum long-term stability. "M" versions are screened for high reliability and quality.
VRE202DS REV. D NOV 2000
SELECTION GUIDE Type VRE202C VRE202CA VRE202M VRE202MA Output +2.5V +2.5V +2.5V +2.5V Temperature Operating Range -25C to +85C -25C to +85C -55C to +125C -55C to +125C Max. Volt Deviation 200V 100V 400V 200V
ELECTRICAL SPECIFICATIONS
Vps =15V, T = 25C, RL = 10k? unless otherwise noted.
VRE202
CA
MIN TYP MAX MIN
MODEL PARAMETERS
MIN
C
TYP MAX
M
TYP MAX MIN
MA
TYP MAX
UNITS
ABSOLUTE MAXIMUM RATINGS Power Supply +13.5 +22 Operating Temperature -25 85 Storage Temperature -65 150 Short Circuit Protection Continuous OUTPUT VOLTAGE * * * * * * * * -55 * * * 125 * * -55 * * * 125 * V C C
VRE202 OUTPUT VOLTAGE ERRORS Initial Error Warmup Drift Tmin - Tmax (1) Long-Term Stability Noise (.1-10Hz) OUTPUT CURRENT Range REGULATION Line Load OUTPUT ADJUSTMENT Range Temperature Coeff. POWER SUPPLY CURRENTS VRE202 +PS VRE202 -PS 10
+2.5
*
*
*
V
300 2 200 6 1.5 * * 1
200 2 100 * *
300 1 400 * *
200 200
V ppm V ppm/1000hrs Vpp
*
*
*
mA
6 3
10
* *
*
* *
*
* *
*
ppm/V ppm/mA
10 4
(2)
* *
* *
* *
mV V/C/mV
5 5
7 7
* *
* *
* *
* *
* *
* *
mA mA
NOTES:
*Same as C Models.
1.Using the box method, the specified value is the maximum deviation from the output voltage at 25C over the specified operating temperature range. 2.The specified values are unloaded.
VRE202DS REV. D NOV 2000
TYPICAL PERFORMANCE CURVES
VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE
Temperature oC VRE202C
Temperature oC VRE202CA
VOUT vs. TEMPERATURE
VOUT vs. TEMPERATURE
Temperature oC VRE202M
Temperature oC VRE202MA
QUIESCENT CURRENT VS. TEMP
JUNCTION TEMP. RISE VS. OUTPUT CURRENT
PSRR VS. FREQUENCY
Temperature oC
Output Current (mA)
Frequency (Hz)
VRE202DS REV. D NOV 2000
DISCUSSION OF PERFORMANCE
THEORY OF OPERATION
The following discussion refers to the schematic below. A FET current source is used to bias a 6.3 zener diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninverting input of the operational amplifier which amplifies the voltage to produce a 2.5000V output. The gain is determined by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3 zener diode is used because it is the most stable diode over time and temperature. The current source provides a closely regulated zener current, which determines the slope of the references' voltage vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges. Thaler Corporation has developed a nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references. This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By then adjusting the slope, Thaler Corporation produces a very stable voltage over wide temperature ranges. This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability. By using highly stable resistors in our network, we produce a voltage reference that also has very good long term stability.
APPLICATION INFORMATION
Figure 2 shows the proper connection of the VRE202 series voltage references with the optional trim resistors. Pay careful attention to the circuit layout to avoid noise pickup and voltage drops in the lines. The VRE202 series voltage references have the ground terminal brought out on two pins (pin 9 and pin 10) which are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20ppm. By connecting pin 10 to the power supply ground and pin 9 to a high impedance ground point in the measurement circuit, the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is sufficiently small that it does not effect performance.
VRE202
FIGURE 1
VRE202DS REV. D NOV 2000
EXTERNAL CONNECTIONS
-15V
3 4 2 1 20 19 18 17 16 15 9 10 11 12 13 14
+15V
5 6 7 8
VOUT = +2.5V
Ref. Gnd.
?
10k? FIGURE 2
PIN CONFIGURATION
NC -VIN NC NC NC
3
NC +VIN NC NC NC
2
1
20 19 18
NC NC NC VOUT NC
4 5 6 7 8 9 10 11 12 13
TOP VIEW
17 16 15 14
VRE202
REF GND NC TRIM NC GND
MECHANICAL
INCHES DIM A B D D1 E E1 j h L MIN 0.090 0.022 0.342 0.048 0.342 0.045 MAX 0.110 0.028 0.358 0.052 0.358 0.055
MILLIMETER MIN 2.29 0.56 8.68 1.22 8.68 1.114 .254 REF 1.02 REF 1.14 1.40 MAX 2.79 0.71 9.09 1.32 9.09 1.40
0.010 REF 0.040 REF 0.045 0.055
VRE202DS REV. D NOV 2000


▲Up To Search▲   

 
Price & Availability of VRE202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X