Part Number Hot Search : 
SPL880PT L4760 LBN72501 120F6 4ACT5 PT22431 B65821 C1390
Product Description
Full Text Search
 

To Download V62C21164096 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V62C21164096 256K x 16, 0.20 m CMOS STATIC RAM
PRELIMINARY
s s s s s s s s
CILETIV LESOM
Features
A0 A6 A7 A8 A9 I/O1 I/O16 UBE LBE OE WE CE1 CE2
Description
The V62C21164096 is a 4,194,304-bit static random-access memory organized as 262,144 words by 16 bits. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
High-speed: 70, 85 ns Ultra low CMOS standby current of 4A (max.) Fully static operation All inputs and outputs directly TTL compatible Three state outputs Ultra low data retention current (VCC = 1.2V) Operating voltage: 2.3V - 3.0V Packages - 44-pin TSOP (Standard) - 48-Ball CSP BGA (8mm x 10mm)
Functional Block Diagram
VCC Row Decoder 1024 x 4096 Memory Array GND
Column I/O Input Data Circuit Column Decoder
A10
A17
Control Circuit
Device Usage Chart
Operating Temperature Range 0C to 70C -40C to +85C Package Outline T * * B * * Access Time (ns) 70 * * 85 * * L * Power LL * * Temperature Mark Blank I
V62C21164096 Rev. 1.6 October 2001
1
V62C21164096
UBE, LBE Byte Enable Active low inputs. These inputs are used to enable the upper or lower data byte. Write Enable Input WE The write enable input is active LOW and controls read and write operations. With the chip enabled, when WE is HIGH and OE is LOW, output data will be present at the I/O pins; when WE is LOW and OE is HIGH, the data present on the I/O pins will be written into the selected memory locations. I/O1-I/O16 Data Input and Data Output Ports These 16 bidirectional ports are used to read data from and write data into the RAM. VCC GND Power Supply Ground
A 0-A17 Address Inputs These 18 address inputs select one of the 256K x 16 bit segments in the RAM. CE1, CE2* Chip Enable Inputs CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active to read from or write to the device. If either chip enable is not active, the device is deselected and is in a standby power mode. The I/O pins will be in the high-impedance state when deselected. OE Output Enable Input The output enable input is active LOW. With chip enabled, when OE is Low and WE High, data will be presented on the I/O pins. The I/O pins will be in the high impedance state when OE is High. *CE2 is available on BGA package only.
CILETIV LESOM
Pin Descriptions
A4 A3 A2 A1 A0 CE1 I/O1 I/O2 I/O3 I/O4 VCC GND I/O5 I/O6 I/O7 I/O8 WE A15 A14 A13 A12 A16
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
Pin Configurations (Top View)
44-Pin TSOP-II (Standard)
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
A5 A6 A7 OE UBE LBE I/O16 I/O15 I/O14 I/O13 GND VCC I/O12 I/O11 I/O10 I/O9 NC A8 A9 A10 A11 A17
48 BGA
1 A B C D E F G H 2 3 4 5 6 A B 1 BLE I/O9 2 OE BHE 3 A0 A3 4 A1 A4 A6 A7 5 A2 6 CE2
CE1 I/O1 I/O2 I/O3 I/O4 VCC
C I/O10 I/O11 A5 D E F VSS I/O12 A17 VCC I/O13 NC
A16 I/O5 VSS
I/O15 I/O14 A14 A15 I/O6 I/O7 NC A8 A12 A13 A9 WE I/O8 NC
G I/O16 H NC
A10 A11
Note: NC means no connect. TOP VIEW TOP VIEW
V62C21164096 Rev. 1.6 October 2001
2
V62C21164096
CILETIV LESOM
V
MOSEL-VITELIC MANUFACTURED 62 = STANDARD
Part Number Information
62 C 21 16 4096 -
TEMP. SRAM FAMILY OPERATING VOLTAGE DENSITY 4096K PWR. 70 ns 85 ns T = TSOP STANDARD B = BGA L = LOW POWER LL = DOUBLE LOW POWER SPEED PKG BLANK = 0C to 70C I = -40C to +85C
C = CMOS PROCESS 21 = 2.3V-3.0V ORGANIZATION 16 = 16-bit
Absolute Maximum Ratings (1)
Symbol
VCC VN V DQ TBIAS TSTG
Parameter
Supply Voltage Input Voltage Input/Output Voltage Applied Temperature Under Bias Storage Temperature
Commercial
-0.5 to VCC + 0.5 -0.5 to VCC + 0.5 VCC + 0.3 -10 to +125 -55 to +125
Industrial
-0.5 to VCC + 0.5 -0.5 to VCC + 0.5 VCC + 0.3 -65 to +135 -65 to +150
Units
V V V C C
NOTE: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Capacitance* TA = 25C, f = 1.0MHz
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VIN = 0V VI/O = 0V Max. 6 8 Unit pF pF
NOTE: 1. This parameter is guaranteed and not tested.
Truth Table
Mode
Standby Standby Output Disable Output Disable Read Read Read Write Write Write
CE1
H X L L L L L L L L
CE2
X L H H H H H H H H
OE
X X X H L L L X X X
WE
X X X H H H H L L L
UBE
X X H X L L H L L H
LBE
X X H X L H L L H L
I/O9-16 Operation
High Z High Z High Z High Z DOUT DOUT High Z DIN DIN High Z
I/O1-8 Operation
High Z High Z High Z High Z DOUT High Z DOUT DIN High Z DIN
NOTE: X = Don't Care, L = LOW, H = HIGH
V62C21164096 Rev. 1.6 October 2001
3
V62C21164096
NOTES: 1. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 2. VIL (Min.) = -3.0V for pulse width < 20ns. 3. Maximum values.
CILETIV LESOM
Symbol
VIL VIH IIL IOL VOL V OH
DC Electrical Characteristics (over all temperature ranges, VCC = 2.3V - 3.0V)
Parameter
Input LOW Voltage(1,2) Input HIGH Voltage(1) Input Leakage Current Output Leakage Current Output LOW Voltage Output HIGH Voltage VCC = Max, VIN = 0V to VCC VCC = Max, CE = VIH, VOUT = 0V to VCC VCC = Min, IOL = 2.1mA VCC = Min, IOH = -0.5mA
Test Conditions
Min.
-0.3 2.0 -1 -1 -- VCC - 0.4
Typ.
-- -- -- -- -- --
Max.
0.4 VCC + 0.3 1 1 0.4 --
Units
V V A A V V
Symbol
ICC1
Parameter
Average Operating Current, CE1 = VIL, CE2 = VCC - 0.2V, Output Open, V CC = Max. TTL Standby Current CE VIH, VCC = Max., f = 0 CMOS Standby Current, CE1 VCC - 0.2V, CE2 < 0.2V V IN VCC - 0.2V or VIN 0.2V, VCC = Max., f = 0
Power Com.(3)
f = fmax f = 1 MHz L LL L LL 35 4 0.5 0.3 10 4
Ind.(3)
40 5 1 1 15 6
Units
mA
ISB
mA
ISB1
A
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Timing Reference Levels Output Load 0 to 2.0V
Key to Switching Waveforms
WAVEFORM INPUTS MUST BE STEADY MAY CHANGE FROM H TO L OUTPUTS WILL BE STEADY WILL BE CHANGING FROM H TO L WILL BE CHANGING FROM L TO H CHANGING: STATE UNKNOWN CENTER LINE IS HIGH IMPEDANCE "OFF" STATE
5 ns 1.1V see below
AC Test Loads and Waveforms
MAY CHANGE FROM L TO H
TTL CL*
DON'T CARE: ANY CHANGE PERMITTED DOES NOT APPLY
* Includes scope and jig capacitance CL = 30 pF + 1 TTL Load
V62C21164096 Rev. 1.6 October 2001
4
V62C21164096
NOTES: 1. tRC = Read Cycle Time 2. TA = +25C.
CILETIV LESOM
Symbol
VDR
Data Retention Characteristics
Parameter
VCC for Data Retention CE1 VCC - 0.2V, CE2 < 0.2V, VIN VCC - 0.2V, or VIN 0.2V Data Retention Current CE1 VDR - 0.2V, CE2 < 0.2V, VIN VCC - 0.2V, or VIN 0.2V, VDR = 1.2V Com'l L LL Ind. L LL tCDR tR Chip Deselect to Data Retention Time Operation Recovery Time (see Retention Waveform)
Power
Min.
1.2
Typ.(2)
--
Max.
3.0
Units
V
ICCDR
-- -- -- -- 0 tRC(1)
1 0.5 -- -- -- --
3 2 5 4 -- --
A
ns ns
Low VCC Data Retention Waveform (CE Controlled)
Data Retention Mode VCC 2.3V tCDR CE1 2.0V CE1 VCC - 0.2V VDR 1.2V tR 2.0V 2.3V
V62C21164096 Rev. 1.6 October 2001
5
V62C21164096
CILETIV LESOM
Read Cycle
Parameter Name
tRC tAA tACS tBA tOE tCLZ tBLZ tOLZ tCHZ tOHZ tBHZ tOH
AC Electrical Characteristics
(over all temperature ranges)
70 Parameter
Read Cycle Time Address Access Time Chip Enable Access Time UBE, LBE Access Time Output Enable to Output Valid Chip Enable to Output in Low Z UBE, LBE to Output in Low Z Output Enable to Output in Low Z Chip Disable to Output in High Z Output Disable to Output in High Z UBE, LBE to Output in High Z Output Hold from Address Change
85 Max.
-- 70 70 70 35 -- -- -- 25 25 25 --
Min.
70 -- -- -- -- 10 10 5 0 0 0 5
Min.
85 -- -- -- -- 10 10 10 0 0 0 10
Max.
-- 85 85 85 35 -- -- -- 30 30 30 --
Unit
ns ns ns ns ns ns ns ns ns ns ns ns
Write Cycle
Parameter Name
tWC tCW tAS tAW tWP tWR tWHZ tDW tDH tBW
70 Parameter
Write Cycle Time Chip Enable to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width Write Recovery Time Write to Output High-Z Data Setup to End of Write Data Hold from End of Write UBE, LBE to End of Write
85 Max.
-- -- -- -- -- -- 20 -- -- --
Min.
70 60 0 60 50 0 0 35 0 60
Min.
85 70 0 70 60 0 0 40 0 70
Max.
-- -- -- -- -- -- 25 -- -- --
Unit
ns ns ns ns ns ns ns ns ns ns
V62C21164096 Rev. 1.6 October 2001
6
V62C21164096
NOTES: 1. WE = VIH. 2. CE1 = VIL. CE2 = VIH. 3. Address valid prior to or coincident with CE transition LOW. 4. OE = VIL. 5. Transition is measured 500mV from steady state with CL = 5pF. This parameter is guaranteed and not 100% tested. 6. UBE = VIL, LBE = VIL. 7. CE2 is offered on BGA package only.
CILETIV LESOM
Read Cycle 1(1, 2, 7)
ADDRESS OE UBE, LBE I/O ADDRESS I/O ADDRESS CE1 CE2 I/O
Switching Waveforms (Read Cycle)
tRC
tAA
tOE tOLZ tBLZ
tOHZ(5) tBHZ
tBA
Read Cycle 2(1, 2, 4, 6, 7)
tRC
tOH
tAA
tOH
Read Cycle 3(1, 3, 4, 6, 7)
tACS
tCLZ(5)
tCHZ(5)
V62C21164096 Rev. 1.6 October 2001
7
V62C21164096
NOTES: 1. The internal write time of the memory is defined by the overlap of CE1 and CE2 active and WE low. All signals must be active to initiate and any one signal can terminate a write by going inactive. The data input setup and hold timing should be referenced to the second transition edge of the signal that terminates the write. 2. tWR is measured from the earlier of CE1 or WE going high, or CE2 going LOW at the end of the write cycle. 3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the outputs must not be applied. 4. OE = VIL or VIH. However it is recommended to keep OE at VIH during write cycle to avoid bus contention. 5. If CE1 is LOW and CE2 is HIGH during this period, I/O pins are in the output state. Then the data input signals of opposite phase to the outputs must not be applied to them. 6. tCW is measured from CE1 going low or CE2 going HIGH to the end of write. 7. CE2 is available on BGA package only.
V62C21164096 Rev. 1.6 October 2001
CILETIV LESOM
ADDRESS CE1 CE2 WE OUTPUT INPUT ADDRESS CE1 CE2 WE OUTPUT INPUT
Switching Waveforms (Write Cycle)
Write Cycle 1 (WE Controlled)(4, 7)
tWC
tWR(2) tCW(6)
tAW tCW(6) tAS
tWP(1)
tWHZ
tDW
tDH
Write Cycle 2 (CE Controlled)(4, 7)
tWC
tCW(6)
(4)
tWR(2)
tAW tCW(6) tAS
High-Z tDW tDH
(5)
8
V62C21164096
0.463 0.008 [11.76 0.20]
1
22 0-5
0.741[18.81] MAX 0.725 0.004 [18.41 0.10] 0.004 MAX Unit in inches [mm] 0.032 [0.80] 0.031 [0.80] 0.014 0.004 [0.35 0.10] 0.000 [0.0] MIN 0.047 [1.20] MAX
48 Ball--8x10 BGA
D D1 SYMBOL A A1 6
e
0.400 [10.16]
E1
E
A
C
aaa SIDE VIEW
V62C21164096 Rev. 1.6 October 2001
9
A1
CILETIV LESOM
Package Diagrams
44-pin 400 mil TSOP-II
44 23
b c 5 4 3 2 1 A B C D E F G H D D1 E E1 e aaa BOTTOM VIEW b SOLDER BALL
+0.004 0.006 -0.002 +0.01 0.15 -0.05 0.020 0.006 [0.50 .019]
UNIT.MM 1.05+0.15 0.250.05 0.35.0.05 0.30(TYP) 10.000.10 5.25 8.000.10 3.75 0.75TYP 0.10
WORLDWIDE OFFICES
TAIWAN
7F, NO. 102 MIN-CHUAN E. ROAD, SEC. 3 TAIPEI PHONE: 886-2-2545-1213 FAX: 886-2-2545-1209 NO 19 LI HSIN ROAD SCIENCE BASED IND. PARK HSIN CHU, TAIWAN, R.O.C. PHONE: 886-3-579-5888 FAX: 886-3-566-5888
V62C21164096
UK & IRELAND
SUITE 50, GROVEWOOD BUSINESS CENTRE STRATHCLYDE BUSINESS PARK BELLSHILL, LANARKSHIRE, SCOTLAND, ML4 3NQ PHONE: 44-1698-748515 FAX: 44-1698-748516
U.S.A.
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
NORTHWESTERN
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
The information in this document is subject to change without notice. MOSEL VITELIC makes no commitment to update or keep current the information contained in this document. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of MOSEL-VITELIC.
MOSEL VITELIC
CILETIV LESOM
SINGAPORE
10 ANSON ROAD #23-13 INTERNATIONAL PLAZA SINGAPORE 079903 PHONE: 65-3231801 FAX: 65-3237013
JAPAN
ONZE 1852 BUILDING 6F 2-14-6 SHINTOMI, CHUO-KU TOKYO 104-0041 PHONE: 03-3537-1400 FAX: 03-3537-1402
GERMANY (CONTINENTAL EUROPE & ISRAEL)
BENZSTRASSE 32 71083 HERRENBERG GERMANY PHONE: +49 7032 2796-0 FAX: +49 7032 2796 22
U.S. SALES OFFICES
SOUTHWESTERN
302 N. EL CAMINO REAL #200 SAN CLEMENTE, CA 92672 PHONE: 949-361-7873 FAX: 949-361-7807
CENTRAL, NORTHEASTERN & SOUTHEASTERN
604 FIELDWOOD CIRCLE RICHARDSON, TX 75081 PHONE: 214-352-3775 FAX: 214-904-9029
(c) Copyright , MOSEL VITELIC Inc.
Printed in U.S.A.
MOSEL VITELIC subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applications. MOSEL VITELIC does not do testing appropriate to provide 100% product quality assurance and does not assume any liability for consequential or incidental arising from any use of its products. If such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications.
3910 N. First Street, San Jose, CA 95134-1501 Ph: (408) 433-6000 Fax: (408) 433-0952 Tlx: 371-9461


▲Up To Search▲   

 
Price & Availability of V62C21164096

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X