Part Number Hot Search : 
00102 2MBI1 200D1 AO4817L GR8837R 082AN LMG7520 CNQ04
Product Description
Full Text Search
 

To Download TDA7910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDB7910 TDA7910
MEDIUM POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIER
.OUTPUTCURRENTUPTO500mA .OFFSETVOLTAGENULLCAPABI .SHORT.THERMALOVERLOADPROTECTI .PLASTI
CIRCUIT PROTECTION DESCRIPTION
LITY
ON C PACKAGE FOR EASY ASSEMBLY
N DIP16 (Plastic Package)
TDA7910
-40 C, +105 C
o
o
*
Example : TDB7910N
PIN CONNECTIONS (top view)
V V
CC
-
1
2
16
15
Co m p e n sa t i o n
B al a nc e
CC
-
NC
3
14
B al a nc e
V V
CC
-
4
13 12
V V
CC CC
-
CC
-
5
-
Ou t p ut
6
7
11
10
No n - in v e rt in g i n p u t
I n v er t in g in p u t
Vc c
+
March 1994
1/5
7910-01.EPS
C urr e n t li m iti n g
8
9
Co m p e n sa t i o n
7910-01.TBL
The TDB7910 and TDA7910 are internally compensated medium power operational amplifiers intended for use in those applications requiring load currents of several hundred milliamperes. Applications include servo amplifiers, driver interfaces, precision power comparators and motor speed control. These amplifiers are designedto operatefrom a single or dual power supplies and the input commonmode range includes the negative supply if balance inputs are tied to the negative supply. The TDB7910 and TDA7910 are thermal overload and short-circuit protected.
ORDER CODES
Part Number TDB7910 Temperature Range 0 C, +70 C
o o
Package N *
TDB7910-TDA7910
SCHEMATIC DIAGRAM
Compensation
VCC
Q9
Q11
Q12 Q29 Q31 R13 R17
Q3 Non-inverting Input Inverting Input Q1
Q4 Q2 C1 R14 R8 R7 Q19 Q18
Q24 Q26
R15 Current limiting Q25 Q27 Output D2
Q17 Q14 Q7 Q8 Q13 R15 Q5 Q6
D1
Q20
R9
R10
C2
R11
Q28
Balance R6
Q15 R2
Q16
Q21 Q22
Q23 R12
Q30
R1
Compensation
VCC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vi Vid IO Ptot Toper Tstg Supply Voltage Input Voltage Differential Input Voltage Output Current* Power Dissipation Operating Free-air Temperature Range Storage Temperature Range TDB7910 TDA7910 Parameter Value 18 15 30 0.75 7.5 0 to +70 -40 to +105 -65 to +150 Unit V V V A W
7910-02.TBL
C C
* Under short-circuit conditions, the safe operating area and dc power dissipation limi tations must be observed.
2/5
7910-02.EPS
TDB7910-TDA7910
ELECTRICAL CHARACTERISTICS VCC = 15V, T amb = 25oC (unless otherwise specified) Symbol
Vio Input Offset Voltage Tamb = +25C Tmin. Tamb Tmax. Input Offset Current Tamb = +25C Tmin. Tamb Tmax. Input Bias Current Tamb = +25C Tmin. Tamb Tmax. Large Signal Voltage Gain (RL = 47, Vo = 10V) Tamb = +25C Tmin. Tamb Tmax. Supply Current - (no load) Tamb = +25C Tmin. Tamb Tmax. Input Common Mode Voltage Range Output Short Circuit Current (R SC = 1.5) Supply Voltage Rejection Ratio Common Mode Rejection Ratio Input Impedance Output Voltage Swing (RSC = 0, RL = 47) Tamb = +25C Tmin. Tamb Tmax. Offset Voltage Adjustment Range Slew Rate (RL = 47, Tamb = +25C , AV = 1, Vin = 10V) Gain Bandwidth Product (CC = 0, RL = 47, C L = 100pF, f = 100kHz, Vin = 10mV) Thermal Resistance 77 70 0.3 11 10 12 15 0.5 0.5 60 C/W 12 20 15 mA 10 13 0.5 20 25 V A dB dB M V Parameter TDB7910 - TDA7910 MIn. Typ. 2 Max. mV 6 7.5 nA 20 200 300 nA 80 500 800 V/mV
Unit
Iio
Iib
Avd
ICC
Vicm IOS SVR CMR Zi VOPP
Vior SR GBP RTH
mV V/s
7910-03.TBL 7910-04.TBL
MHz
ELECTRICAL CHARACTERISTICS VCC+ = 10V, VCC- = 0V, Tamb = 25oC, Vo = +5V (unless otherwise specified)
Symbol Vio Input Offset Voltage T amb = +25C T min. Tamb Tmax. Large Signal Voltage Gain (RL = 47, Vo = 1 to 5V) T amb = +25C, T min. Tamb Tmax. Supply Current - (no load) T amb = +25C T min. Tamb Tmax. High Level Output Voltage (R SC = 0, R L = 47) T amb = +25C T min. Tamb Tmax. Low Level Output Voltage T amb = +25C T min. Tamb Tmax. Gain Bandwidth Product (CC = 0, RL = 47, CL = 100pF, f = 100kHz, Vin = 10mV) 6 5 20 15 mA 5 20 25 V 8 V 2 3 3 MHz 1 Parameter TDB7910 - TDA7910 Min. Typ. Max. 6 7.5 V/mV Unit mV
Avd
ICC
VOH
VOL
GBP
3/5
TDB7910-TDA7910
BASIC DIAGRAM
+15V
Non-inverting Input Inverting Input
11
7 6 8
R sc Output
TDB7910 16
9 10 15 14
Cc
20k 1, 2, 4, 5, 12, 13 Offset adjust (optional) -15V
INPUT BIAS CURRENT
350 INPUT BIAS CURRENT (nA) 15V INPUT BIAS CURRENT (nA) 300 250 200 150 100 50 -60 VCC = 150
INPUT OFFSET CURRENT
VCC = 100
15V
50
7910-04.EPS
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE (C)
SHORT-CIRCUIT CURRENT
SHORT-CIRCUIT CURRENT (m A) 1250 1000 750
R
500 250 0 -50
SC = 1.5
R SC = 3
-25 0 25 50 75 100 JUNCTION TEMPERATURE (C)
125
4/5
7910-06.EPS
7910-05.EPS
-20
20
60
100
140
180
0 -60
-20
20
60
100
140
180
7910-03.EPS
TDB7910-TDA7910
PACKAGE MECHANICAL DATA 16 PINS - PLASTIC DIP
a1
I
b Z
B e3
e
L
b1
E
D
16
9
F
1
8
Dimensions a1 B b b1 D E e e3 F i L Z
Min. 0.51 0.77
Millimeters Typ.
Max. 1.65
Min. 0.020 0.030
Inches Typ.
Max. 0.065
0.5 0.25 20 8.5 2.54 17.78 7.1 5.1 3.3 1.27
0.020 0.010 0.787 0.335 0.100 0.700 0.280 0.201 0.130 0.050
DIP16.TBL
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this pub lication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
ORDER CODE :
(c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
5/5
PM-DIP16.EPS


▲Up To Search▲   

 
Price & Availability of TDA7910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X