Part Number Hot Search : 
FMMV2109 15KP43 TDA8808 MST9220 2V360A T240L VB409 L8022
Product Description
Full Text Search
 

To Download STK22C48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STK22C48
2K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
FEATURES
* 25ns, 35ns and 45ns Access Times * "Hands-off" Automatic STORE with External 68F Capacitor on Power Down * STORE to Nonvolatile Elements Initiated by Hardware or AutoStoreTM on Power Down * Automatic RECALL on Power Up * 10mA Typical ICC at 200ns Cycle Time * Unlimited READ, WRITE and RECALL Cycles * 1,000,000 STORE Cycles to Nonvolatile Elements * 100-Year Data Retention in Nonvolatile Elements * Single 5V + 10% Operation * Commercial and Industrial Temperatures * 28-Pin DIP and SOIC Packages
DESCRIPTION
The Simtek STK22C48 is a fast static RAM with a nonvolatile element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent, nonvolatile data resides in Nonvolatile Elements. Data transfers from the SRAM to the Nonvolatile Elements (the STORE operation) can take place automatically on power down. A 68F or larger capacitor tied from VCAP to ground guarantees the STORE operation, regardless of power-down slew rate or loss of power from "hot swapping". Transfers from the Nonvolatile Elements to the SRAM (the RECALL operation) take place automatically on restoration of power. A hardware STORE may be initiated with the HSB pin.
BLOCK DIAGRAM
VCCX VCAP POWER CONTROL
PIN CONFIGURATIONS
VCAP NC A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
Quantum Trap 32 x 512 ROW DECODER
A5 A6 A7 A8 A9
STORE STATIC RAM ARRAY 32 x 512 RECALL
STORE/ RECALL CONTROL
HSB
VCCX W HSB A8 A9 NC G A10 E DQ7 DQ6 DQ5 DQ4 DQ3
28 - 300 PDIP 28 - 600 PDIP 28 - 300 SOIC 28 - 350 SOIC
DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7
INPUT BUFFERS
COLUMN I/O COLUMN DEC
PIN NAMES
A0 - A10 DQ0 -DQ7 E W Address Inputs Data In/Out Chip Enable Write Enable Output Enable Hardware Store Busy (I/O) Power (+ 5V) Capacitor Ground
A0 A1 A2 A3 A4 A10
G E W
G HSB VCCX VCAP VSS
December 2002
1
Document Control # ML0004 rev 0.0
STK22C48
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . -0.5V to 7.0V Voltage on Input Relative to VSS . . . . . . . . . .-0.6V to (VCC + 0.5V) Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .-0.5V to (VCC + 0.5V) Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .-55C to 125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to 150C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC CHARACTERISTICS
SYMBOL ICC b
1
(VCC = 5.0V 10%)e
INDUSTRIAL MIN MAX 90 75 65 3 10 2 26 22 19 1.5 1 5 2.2 VSS - .5 2.4 VCC + .5 0.8 UNITS mA mA mA mA mA mA mA mA mA mA A A V V V 0.4 0.4 -40 85 V V C tAVAV = 25ns tAVAV = 35ns tAVAV = 45ns All Inputs Don't Care, VCC = max W (V CC - 0.2V) All Others Cycling, CMOS Levels All Inputs Don't Care tAVAV = 25ns, E VIH tAVAV = 35ns, E VIH tAVAV = 45ns, E VIH E (V CC - 0.2V) All Others VIN 0.2V or (VCC - 0.2V) VCC = max VIN = VSS to VCC VCC = max VIN = VSS to VCC, E or G VIH All Inputs All Inputs IOUT = - 4mA except HSB IOUT = 8mA except HSB IOUT = 3mA NOTES
PARAMETER Average VCC Current
COMMERCIAL MIN MAX 85 75 65 3 10 2 25 21 18 1.5 1 5 2.2 VSS - .5 2.4 0.4 0.4 0 70 VCC + .5 0.8
ICC c
2 3
Average VCC Current during STORE Average VCC Current at tAVAV = 200ns 5V, 25C, Typical Average VCAP Current during AutoStoreTM Cycle Average VCC Current (Standby, Cycling TTL Input Levels) VCC Standby Current (Standby, Stable CMOS Input Levels) Input Leakage Current Off-State Output Leakage Current Input Logic "1" Voltage Input Logic "0" Voltage Output Logic "1" Voltage Output Logic "0" Voltage Logic "0" Voltage on HSB Output Operating Temperature
ICC b ICC
c
4
ISB d
1
ISB d
2
IILK IOLK VIH VIL VOH VOL VBL TA
Note b: Note c: Note d: Note e:
ICC and ICC are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. 1 3 ICC and ICC are the average currents required for the duration of the respective STORE cycles (tSTORE ) . 2 4 E VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out. VCC reference levels throughout this datasheet refer to VCCX if that is where the power supply connection is made, or VCAP if VCCX is connected to ground.
AC TEST CONDITIONS
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V Input Rise and Fall Times. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
5.0V
480 Ohms OUTPUT 255 Ohms 30 pF INCLUDING SCOPE AND FIXTURE
CAPACITANCE
SYMBOL CIN COUT
f
(TA = 25C, f = 1.0MHz)
MAX 8 7 UNITS pF pF CONDITIONS V = 0 to 3V V = 0 to 3V
PARAMETER Input Capacitance Output Capacitance
Note f:
These parameters are guaranteed but not tested.
Figure 1: AC Output Loading
December 2002
2
Document Control # ML0004 rev 0.0
STK22C48
SRAM READ CYCLES #1 & #2
NO. 1 2 3 4 5 6 7 8 9 10 11 SYMBOLS #1, #2 tELQV tAVAVg tAVQVh tGLQV tAXQXh tELQX tEHQZi tGLQX tGHQZi tELICCHf tEHICCLf Alt. tACS tRC tAA tOE tOH tLZ tHZ tOLZ tOHZ tPA tPS PARAMETER Chip Enable Access Time Read Cycle Time Address Access Time Output Enable to Data Valid Output Hold after Address Change Chip Enable to Output Active Chip Disable to Output Inactive Output Enable to Output Active Output Disable to Output Inactive Chip Enable to Power Active Chip Disable to Power Standby 0 25 0 10 0 35 5 5 10 0 13 0 45 25 25 10 5 5 13 0 15 STK22C48-25 MIN MAX 25 35 35 15 5 5 15 MIN
(VCC = 5.0V 10%)e
STK22C48-35 MAX 35 45 45 20 STK22C48-45 MIN MAX 45 UNITS ns ns ns ns ns ns ns ns ns ns ns
Note g: W and HSB must be high during SRAM READ cycles. Note h: Device is continuously selected with E and G both low. Note i: Measured 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
2 tAVAV ADDRESS 5 tAXQX DQ (DATA OUT) 3 tAVQV
DATA VALID
SRAM READ CYCLE #2: E Controlledg
tAVAV ADDRESS tELQV E
6 tELQX 7 1 1 1 2
tEHICCL
tEHQZ
G tGLQV
4
tGHQZ
9
8 tGLQX
DQ (DATA OUT)
10 tELICCH ACTIVE
DATA VALID
ICC
STANDBY
December 2002
3
Document Control # ML0004 rev 0.0
STK22C48
SRAM WRITE CYCLES #1 & #2
NO. 12 13 14 15 16 17 18 19 20 21 SYMBOLS #1 tAVAV tWLWH tELWH tDVWH tWHDX tAVWH tAVWL tWHAX tWLQZ i, j tWHQX #2 tAVAV tWLEH tELEH tDVEH tEHDX tAVEH tAVEL tEHAX Alt. tWC tWP tCW tDW tDH tAW tAS tWR tWZ tOW Write Cycle Time Write Pulse Width Chip Enable to End of Write Data Set-up to End of Write Data Hold after End of Write Address Set-up to End of Write Address Set-up to Start of Write Address Hold after End of Write Write Enable to Output Disable Output Active after End of Write 5 PARAMETER STK22C48-25 MIN 25 20 20 10 0 20 0 0 10 5 MAX
(VCC = 5.0V 10%)e
STK22C48-35 MIN 35 25 25 12 0 25 0 0 13 5 MAX STK22C48-45 MIN 45 30 30 15 0 30 0 0 15 MAX UNITS ns ns ns ns ns ns ns ns ns ns
Note j: If W is low when E goes low, the outputs remain in the high-impedance state. Note k: E or W must be VIH during address transitions. Note l: HSB must be high during SRAM WRITE cycles.
SRAM WRITE CYCLE #1: W Controlledk, l
12 tAVAV ADDRESS 14 tELWH E 17 tAVWH 13 tWLWH 15 tDVWH DATA IN 20 tWLQZ
PREVIOUS DATA DATA VALID
19 tWHAX
tAVWL W
18
16 tWHDX
DATA OUT
HIGH IMPEDANCE
21 tWHQX
SRAM WRITE CYCLE #2: E Controlledk, l
12 tAVAV ADDRESS 18 tAVEL E 14 tELEH 19 tEHAX
17 tAVEH W
13 tWLEH 15 tDVEH 16 tEHDX
DATA VALID HIGH IMPEDANCE
DATA IN DATA OUT
December 2002
4
Document Control # ML0004 rev 0.0
STK22C48
HARDWARE MODE SELECTION
E H L L X W X H L X HSB H H H L A12 - A0 (hex) X X X X MODE Not Selected Read SRAM Write SRAM Nonvolatile STORE I/O Output High Z Output Data Input Data Output High Z POWER Standby Active Active lCC
2
NOTES
n
m
Note m: HSB STORE operation occurs only if an SRAM write has been done since the last nonvolatile cycle. After the STORE (if any) completes, the part will go into standby mode, inhibiting all operations until HSB rises. Note n: I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
HARDWARE STORE CYCLE
NO. 22 23 24 25 26 SYMBOLS Standard tSTORE tDELAY tRECOVER tHLHX tHLBL Alternate tHLHZ tHLQZ tHHQX STORE Cycle Duration Time Allowed to Complete SRAM Cycle Hardware STORE High to Inhibit Off Hardware STORE Pulse Width Hardware STORE Low to Store Busy PARAMETER
(VCC = 5.0V 10%)e
STK22C48 MIN MAX 10 1 700 15 300 UNITS NOTES ms s ns ns ns i, o i, p o, q
Note o: E and G low for output behavior. Note p: E and G low and W high for output behavior. Note q: tRECOVER is only applicable after tSTORE is complete.
HARDWARE STORE CYCLE
25 tHLHX HSB (IN) 24 tRECOVER 22 tSTORE
HSB (OUT)
26 tHLBL
HIGH IMPEDANCE HIGH IMPEDANCE
23 tDELAY DQ (DATA OUT)
DATA VALID DATA VALID
December 2002
5
Document Control # ML0004 rev 0.0
STK22C48
AutoStoreTM / POWER-UP RECALL
NO. 27 28 29 30 31 32 SYMBOLS Standard tRESTORE tSTORE tVSBL tDELAY VSWITCH VRESET tBLQZ tHLHZ Alternate PARAMETER Power-up RECALL Duration STORE Cycle Duration Low Voltage Trigger (VSWITCH) to HSB Low Time Allowed to Complete SRAM Cycle Low Voltage Trigger Level Low Voltage Reset Level 1 4.0 4.5 3.6
(VCC = 5.0V 10%)e
STK22C48 MIN MAX 550 10 300 UNITS s ms ns s V V NOTES r p, s l o
Note r: tRESTORE starts from the time VCC rises above VSWITCH. Note s: HSB is asserted low for 1s when VCAP drops through VSWITCH. If an SRAM write has not taken place since the last nonvolatile cycle, HSB will be released and no STORE will take place.
AutoStoreTM / POWER-UP RECALL
VCC 31 VSWITCH 32 VRESET
AutoStoreTM
POWER-UP RECALL 27 tRESTORE HSB
29 tVSBL
28 tSTORE
30 tDELAY W
DQ (DATA OUT)
POWER-UP RECALL
BROWN OUT NO STORE (NO SRAM WRITES) NO RECALL (VCC DID NOT GO BELOW VRESET)
BROWN OUT AutoStoreTM NO RECALL (VCC DID NOT GO BELOW VRESET)
BROWN OUT AutoStoreTM RECALL WHEN VCC RETURNS ABOVE VSWITCH
December 2002
6
Document Control # ML0004 rev 0.0
STK22C48
DEVICE OPERATION
The STK22C48 has two separate modes of operation: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as a standard fast static RAM. In nonvolatile mode, data is transferred from SRAM to Nonvolatile Elements (the STORE operation) or from Nonvolatile Elements to SRAM (the RECALL operation). In this mode SRAM functions are disabled.
POWER-UP RECALL
During power up, or after any low-power condition (VCAP < VRESET), an internal RECALL request will be latched. When VCAP once again exceeds the sense voltage of VSWITCH, a RECALL cycle will automatically be initiated and will take tRESTORE to complete. If the STK22C48 is in a WRITE state at the end of power-up RECALL, the SRAM data will be corrupted. To help avoid this situation, a 10K Ohm resistor should be connected either between W and system VCC or between E and system VCC.
NOISE CONSIDERATIONS
The STK22C48 is a high-speed memory and so must have a high-frequency bypass capacitor of approximately 0.1F connected between VCAP and VSS, using leads and traces that are as short as possible. As with all high-speed CMOS ICs, normal careful routing of power, ground and signals will help prevent noise problems.
AutoStoreTM OPERATION
The STK22C48 can be powered in one of three modes. During normal AutoStoreTM operation, the STK22C48 will draw current from VCCX to charge a capacitor connected to the VCAP pin. This stored charge will be used by the chip to perform a single STORE operation. After power up, when the voltage on the VCAP pin drops below VSWITCH, the part will automatically disconnect the VCAP pin from VCCX and initiate a STORE operation. Figure 2 shows the proper connection of capacitors for automatic store operation. A charge storage capacitor having a capacity of between 68F and 220F ( 20%) rated at 6V should be provided. In system power mode (Figure 3), both VCCX and VCAP are connected to the + 5V power supply without the 68F capacitor. In this mode the AutoStoreTM function of the STK22C48 will operate on the stored system charge as power goes down. The user must, however, guarantee that VCCX does not drop below 3.6V during the 10ms STORE cycle. If an automatic STORE on power loss is not required, then VCCX can be tied to ground and + 5V applied to VCAP (Figure 4). This is the AutoStoreTM Inhibit mode, in which the AutoStoreTM function is disabled. If the STK22C48 is operated in this configuration, references to VCCX should be changed to VCAP throughout this data sheet. In this mode, STORE operations may be triggered with the HSB pin. It is not permissable to change between these three options "on the fly".
SRAM READ
The STK22C48 performs a READ cycle whenever E and G are low and W and HSB are high. The address specified on pins A0-10 determines which of the 2,048 data bytes will be accessed. When the READ is initiated by an address transition, the outputs will be valid after a delay of tAVQV (READ cycle #1). If the READ is initiated by E or G, the outputs will be valid at tELQV or at tGLQV, whichever is later (READ cycle #2). The data outputs will repeatedly respond to address changes within the tAVQV access time without the need for transitions on any control input pins, and will remain valid until another address change or until E or G is brought high, or W or HSB is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are low and HSB is high. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either E or W goes high at the end of the cycle. The data on the common I/O pins DQ0-7 will be written into the memory if it is valid tDVWH before the end of a W controlled WRITE or tDVEH before the end of an E controlled WRITE. It is recommended that G be kept high during the entire WRITE cycle to avoid data bus contention on common I/O lines. If G is left low, internal circuitry will turn off the output buffers tWLQZ after W goes low.
December 2002
7
Document Control # ML0004 rev 0.0
STK22C48
In order to prevent unneeded STORE operations, automatic STOREs as well as those initiated by externally driving HSB low will be ignored unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. An optional pull-up resistor is shown connected to HSB. This can be used to signal the system that the AutoStoreTM cycle is in progress. operate in this mode the HSB pin should be connected together to the HSB pins from the other STK22C48s. An external pull-up resistor to + 5V is required since HSB acts as an open drain pull down. The VCAP pins from the other STK22C48 parts can be tied together and share a single capacitor. The capacitor size must be scaled by the number of devices connected to it. When any one of the STK22C48s detects a power loss and asserts HSB, the common HSB pin will cause all parts to request a STORE cycle (a STORE will take place in those STK22C48s that have been written since the last nonvolatile cycle). During any STORE operation, regardless of how it was initiated, the STK22C48 will continue to drive the HSB pin low, releasing it only when the STORE is complete. Upon completion of the STORE operation the STK22C48 will remain disabled until the HSB pin returns high. If HSB is not used, it should be left unconnected.
HSB OPERATION
The STK22C48 provides the HSB pin for controlling and acknowledging the STORE operations. The HSB pin is used to request a hardware STORE cycle. When the HSB pin is driven low, the STK22C48 will conditionally initiate a STORE operation after tDELAY; an actual STORE cycle will only begin if a WRITE to the SRAM took place since the last STORE or RECALL cycle. The HSB pin acts as an open drain driver that is internally driven low to indicate a busy condition while the STORE (initiated by any means) is in progress.
SRAM READ and WRITE operations that are in
progress when HSB is driven low by any means are given time to complete before the STORE operation is initiated. After HSB goes low, the STK22C48 will continue SRAM operations for tDELAY. During tDELAY, multiple SRAM READ operations may take place. If a WRITE is in progress when HSB is pulled low it will be allowed a time, tDELAY, to complete. However, any SRAM WRITE cycles requested after HSB goes low will be inhibited until HSB returns high. The HSB pin can be used to synchronize multiple STK22C48s while using a single larger capacitor. To
PREVENTING STORES
The STORE function can be disabled on the fly by holding HSB high with a driver capable of sourcing 30mA at a VOH of at least 2.2V, as it will have to overpower the internal pull-down device that drives HSB low for 20s at the onset of a STORE. When the STK22C48 is connected for AutoStoreTM operation (system VCC connected to VCCX and a 68F capacitor on VCAP) and VCC crosses VSWITCH on the way down, the STK22C48 will attempt to pull HSB low; if HSB doesn't actually get below VIL, the part
10k
0.1F Bypass
10k
10k
1 28 27 26 14 15
10k
10k
1
28 27 26
1
28 27 26
68F 6v, 20%
+
0.1F Bypass
0.1F Bypass
14 14 15
15
Figure 2: AutoStoreTM Mode
Figure 3: System Power Mode
Figure 4: AutoStoreTM Inhibit Mode
*If HSB is not used, it should be left unconnected.
December 2002
8
Document Control # ML0004 rev 0.0
10k
STK22C48
will stop trying to pull HSB low and abort the STORE attempt.
LOW AVERAGE ACTIVE POWER
The STK22C48 draws significantly less current when it is cycled at times longer than 50ns. Figure 5 shows the relationship between ICC and READ cycle time. Worst-case current consumption is shown for both CMOS and TTL input levels (commercial temperature range, VCC = 5.5V, 100% duty cycle on chip enable). Figure 6 shows the same relationship for WRITE cycles. If the chip enable duty cycle is less than 100%, only standby current is drawn when the chip is disabled. The overall average current drawn by the STK22C48 depends on the following items: 1) CMOS vs. TTL input levels; 2) the duty cycle of chip enable; 3) the overall cycle rate for accesses; 4) the ratio of READs to WRITEs; 5) the operating temperature; 6) the Vcc level; and 7) I/O loading.
100
HARDWARE PROTECT
The STK22C48 offers hardware protection against inadvertent STORE operation and SRAM WRITEs during low-voltage conditions. When VCAP < VSWITCH, all externally initiated STORE operations and SRAM WRITEs are inhibited. AutoStoreTM can be completely disabled by tying VCCX to ground and applying + 5V to VCAP . This is the AutoStoreTM Inhibit mode; in this mode STOREs are only initiated by explicit request using the HSB pin.
100
Average Active Current (mA)
60
Average Active Current (mA)
80
80
60 TTL CMOS 20
40 TTL 20 CMOS 0 50 100 150 Cycle Time (ns) 200
40
0 50 100 150 Cycle Time (ns) 200
Figure 5: Icc (max) Reads
Figure 6: Icc (max) Writes
December 2002
9
Document Control # ML0004 rev 0.0
STK22C48 ORDERING INFORMATION
STK22C48 - P 45 I Temperature Range
Blank = Commercial (0 to 70C) I = Industrial (-40 to 85C)
Access Time
25 = 25ns 35 = 35ns 45 = 45ns
Package
P = Plastic 28-pin 300 mil DIP W = Plastic 28-pin 600 mil DIP N = Plastic 28-pin 300 mil SOIC S = Plastic 28-pin 350 mil SIOC
December 2002
10
Document Control # ML0004 rev 0.0
STK22C48
Document Revision History
Revision 0.0
Date December 2002
Summary Removed 20 nsec device.
December 2002
11
Document Control # ML0004 rev 0.0


▲Up To Search▲   

 
Price & Availability of STK22C48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X