Part Number Hot Search : 
P1C4F SMBJ58CA B82499A 2SB12 P1C4F PST9332U ZTB237D XR16L580
Product Description
Full Text Search
 

To Download SR4030PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR4020PT THRU SR4060PT
40.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 40.0 Amperes TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low VF High surge capability Epitaxial construction For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 260OC/ 10 seconds, 0.17"(4.3mm)lead lengths at 5 lbs., (2.3kg) tension
Mechanical Data
Cases: JEDEC TO-3P/TO-247AD molded plastic Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% SR SR Symbol Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage 20.0A (Note 3) Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance Per Leg (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR
RJC
4020PT 20 14 20
4030PT 30 21 30
SR 4040PT 40 28 40 40 400
SR 4050PT 50 35 50
SR 4060PT 60 42 60
Units
V V V A A
0.55 1.0 75 1.2 1100 -65 to +125 -65 to +150
0.70
V mA mA
Cj
TJ TSTG
600 -65 to +150
/W pF
Notes: 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4" x 6" x 0.25") Al-Plate. 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. 3. 300 us Pulse Width, 2% Duty Cycle
- 162 -
RATINGS AND CHARACTERISTIC CURVES (SR4020PT THRU SR4060PT)
FIG.1- FORWARD CURRENT DERATING CURVE
400
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDEC METHOD) Tj=Tj max.
40
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
SR4
300
SR4
30
050
020 -40
-60P T
20
PT
200
10
0 0 50 100 o CASE TEMPERATURE. ( C) 150
100
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
FIG.2- TYPICAL REVERSE CHARACTERISTICS PER LEG
5 Tc=1
0 0C
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
1.0
INSTANTANEOUS FORWARD CURRENT. (A)
SR4020PT THRU SR4040PT
2 Tc=1
0 5C
10
SR4050PT THRU SR4060PT
.10
Tc=
.01
75
0
C
1.0
= Tc
25
0
C
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 100 120 140 0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
.001 0
20
40
60
80
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000
JUNCTION CAPACITANCE.(pF)
2000
SR4020-40PT
1000 800 600 400 SR4050-60PT
200
100 0.1
0.4
1.0
4
10
40
80 100
REVERSE VOLTAGE. (V)
- 163 -


▲Up To Search▲   

 
Price & Availability of SR4030PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X