Part Number Hot Search : 
TFS456 DTA113ED 1PP75 TLP641J BC860CL BSV27 80001 LM134
Product Description
Full Text Search
 

To Download SN74AHC139DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54AHC139, SN74AHC139 DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS259K - DECEMBER 1995 - REVISED MARCH 2003
D D D
Operating Range 2-V to 5.5-V VCC Designed Specifically for High-Speed Memory Decoders and Data-Transmission Systems Incorporate Two Enable Inputs to Simplify Cascading and/or Data Reception
D D
Latch-Up Performance Exceeds 250 mA Per JESD 17 ESD Protection Exceeds JESD 22 - 2000-V Human-Body Model (A114-A) - 200-V Machine Model (A115-A) - 1000-V Charged-Device Model (C101)
SN54AHC139 . . . FK PACKAGE (TOP VIEW)
VCC
1A 1G NC VCC
GND
2Y3
8
9
NC - No internal connection
description/ordering information
The 'AHC139 devices are dual 2-line to 4-line decoders/demultiplexers designed for 2-V to 5.5-V VCC operation. These devices are designed to be used in high-performance memory-decoding or data-routing applications requiring very short propagation delay times. In high-performance memory systems, these decoders can be used to minimize the effects of system decoding. When used with high-speed memories utilizing a fast enable circuit, the delay times of these decoders and the enable time of the memory usually are less than the typical access time of the memory. This means that the effective system delay introduced by the decoders is negligible. ORDERING INFORMATION
TA PACKAGE QFN - RGY PDIP - N SOIC - D -40C to 85C SOP - NS SSOP - DB TSSOP - PW TVSOP - DGV CDIP - J -55C to 125C CFP - W LCCC - FK Tape and reel Tube Tube Tape and reel Tape and reel Tape and reel Tube Tape and reel Tape and reel Tube Tube Tube ORDERABLE PART NUMBER SN74AHC139RGYR SN74AHC139N SN74AHC139D SN74AHC139DR SN74AHC139NSR SN74AHC139DBR SN74AHC139PW SN74AHC139PWR SN74AHC139DGVR SNJ54AHC139J SNJ54AHC139W SNJ54AHC139FK AHC139 HA139 HA139 HA139 SNJ54AHC139J SNJ54AHC139W SNJ54AHC139FK TOP-SIDE MARKING HA139 SN74AHC139N AHC139
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
1Y3 GND NC 2Y3 2Y2
1G 1A 1B 1Y0 1Y1 1Y2 1Y3 GND
1 2 3 4 5 6 7
16 15 14 13 12 11 10
VCC 2G 2A 2B 2Y0 2Y1 2Y2 2Y3
1
1G
16 15 2G 14 2A 13 2B 12 2Y0 11 2Y1 10 2Y2
1A 1B 1Y0 1Y1 1Y2 1Y3
2 3 4 5 6 7 8 9
1B 1Y0 NC 1Y1 1Y2
4 5 6 7 8
3 2 1 20 19 18 17 16 15 14 9 10 11 12 13
2G 2A 2B NC 2Y0 2Y1
SN54AHC139 . . . J OR W PACKAGE SN74AHC139 . . . D, DB, DGV, N, NS OR PW PACKAGE (TOP VIEW)
SN74AHC139 . . . RGY PACKAGE (TOP VIEW)
1
SN54AHC139, SN74AHC139 DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS259K - DECEMBER 1995 - REVISED MARCH 2003
description/ordering information (continued)
The active-low enable (G) input can be used as a data line in demultiplexing applications. These decoders/demultiplexers feature fully buffered inputs, each of which represents only one normalized load to its driving circuit.
FUNCTION TABLE (each decoder/demultiplexer) INPUTS SELECT G H L L L L B X L L H H A X L H L H Y0 H L H H H OUTPUTS Y1 H H L H H Y2 H H H L H Y3 H H H H L
logic diagram (positive logic)
4 1G 1 5 1Y1 1Y0
6 1A Select Inputs 1B 2 7
1Y2
3
1Y3 Data Outputs
12 2G 15 11
2Y0
2Y1
10 2A Select Inputs 2B 14 9
2Y2
13
2Y3
Pin numbers shown are for the D, DB, DGV, J, N, NS, PW, RGY, and W packages.
2
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
SN54AHC139, SN74AHC139 DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS259K - DECEMBER 1995 - REVISED MARCH 2003
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to 7 V Input voltage range, VI (see Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to 7 V Output voltage range, VO (see Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Input clamp current, IIK (VI < 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 mA Output clamp current, IOK (VO < 0 or VO > VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Continuous output current, IO (VO = 0 to VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA Continuous current through VCC or GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 mA Package thermal impedance, JA (see Note 2): D package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73C/W (see Note 2): DB package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82C/W (see Note 2): DGV package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120C/W (see Note 2): N package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67C/W (see Note 2): NS package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64C/W (see Note 2): PW package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108C/W (see Note 3): RGY package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39C/W Storage temperature range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to 150C
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. 3. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 4)
SN54AHC139 MIN VCC VIH Supply voltage High-level input voltage VCC = 2 V VCC = 3 V VCC = 5.5 V VCC = 2 V VIL VI VO IOH Low-level input voltage Input voltage Output voltage High-level output current VCC = 2 V VCC = 3.3 V 0.3 V VCC = 5 V 0.5 V VCC = 2 V IOL Low-level output current VCC = 3.3 V 0.3 V VCC = 5 V 0.5 V VCC = 3.3 V 0.3 V VCC = 5 V 0.5 V VCC = 3 V VCC = 5.5 V 0 0 2 1.5 2.1 3.85 0.5 0.9 1.65 5.5 VCC -50 -4 -8 50 4 8 100 20 0 0 MAX 5.5 SN74AHC139 MIN 2 1.5 2.1 3.85 0.5 0.9 1.65 5.5 VCC -50 -4 -8 50 4 8 100 20 V V V V MAX 5.5 UNIT V
mA
mA
mA
mA ns/V
t/v
Input transition rise or fall rate
TA Operating free-air temperature -55 125 -40 85 C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
3
SN54AHC139, SN74AHC139 DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS259K - DECEMBER 1995 - REVISED MARCH 2003
electrical characteristics over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER TEST CONDITIONS VCC 2V IOH = -50 mA VOH IOH = -4 mA IOH = -8 mA IOL = 50 mA VOL IOL = 4 mA II ICC Ci IOL = 8 mA VI = 5.5 V or GND VI = VCC or GND, VI = VCC or GND IO = 0 3V 4.5 V 3V 4.5 V 2V 3V 4.5 V 3V 4.5 V 0 V to 5.5 V 5.5 V 5V 2 MIN 1.9 2.9 4.4 2.58 3.94 0.1 0.1 0.1 0.36 0.36 0.1 4 10 TA = 25C TYP MAX 2 3 4.5 SN54AHC139 MIN 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.5 0.5 1* 40 MAX SN74AHC139 MIN 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 1 40 10 V V MAX UNIT
mA mA
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL FROM (INPUT) A or B TO (OUTPUT) Y Y Y Y LOAD CAPACITANCE CL = 15 pF CL = 15 pF CL = 50 pF CL = 50 pF TA = 25C MIN TYP MAX 7.2** 7.2** 6.4** 6.4** 9.7 9.7 8.9 8.9 11** 11** 9.2** 9.2** 14.5 14.5 12.7 12.7 SN54AHC139 MIN 1** 1** 1** 1** 1 1 1 1 MAX 13** 13** 11** 11** 16.5 16.5 14.5 14.5 SN74AHC139 MIN 1 1 1 1 1 1 1 1 MAX 13 13 11 11 16.5 16.5 14.5 14.5 UNIT ns ns ns ns
G A or B G
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range, VCC = 5 V 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL FROM (INPUT) A or B TO (OUTPUT) Y Y Y Y LOAD CAPACITANCE CL = 15 pF CL = 15 pF CL = 50 pF CL = 50 pF MIN TA = 25C TYP MAX 5** 5** 4.4** 4.4** 6.5 6.5 5.9 5.9 7.2** 7.2** 6.3** 6.3** 9.2 9.2 8.3 8.3 SN54AHC139 MIN 1** 1** 1** 1** 1 1 1 1 MAX 8.5** 8.5** 7.5** 7.5** 10.5 10.5 9.5 9.5 SN74AHC139 MIN 1 1 1 1 1 1 1 1 MAX 8.5 8.5 7.5 7.5 10.5 10.5 9.5 9.5 UNIT ns ns ns ns
G A or B G
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
4
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
SN54AHC139, SN74AHC139 DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCLS259K - DECEMBER 1995 - REVISED MARCH 2003
operating characteristics, VCC = 5 V, TA = 25C
PARAMETER Cpd Power dissipation capacitance TEST CONDITIONS No load, f = 1 MHz TYP 13 UNIT pF
PARAMETER MEASUREMENT INFORMATION
RL = 1 k S1 VCC Open GND
From Output Under Test CL (see Note A)
Test Point
From Output Under Test CL (see Note A)
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open Drain
S1 Open VCC GND VCC
LOAD CIRCUIT FOR TOTEM-POLE OUTPUTS
LOAD CIRCUIT FOR 3-STATE AND OPEN-DRAIN OUTPUTS VCC Timing Input tw VCC tsu Data Input 0V 50% VCC 50% VCC th 0V VCC 50% VCC 0V VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VCC VCC 50% VCC tPZL 50% VCC tPZH Output Waveform 2 S1 at GND (see Note B) 50% VCC 50% VCC 0V tPLZ VCC VOL + 0.3 V tPHZ VOH - 0.3 V VOH 0 V VOL
Input
50% VCC
50% VCC
VOLTAGE WAVEFORMS PULSE DURATION
Input tPLH In-Phase Output tPHL Out-of-Phase Output
50% VCC
50% VCC 0V tPHL
Output Control
50% VCC
VOH 50% VCC VOL tPLH
Output Waveform 1 S1 at VCC (see Note B)
50% VCC
VOH 50% VCC VOL
VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING
NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR 1 MHz, ZO = 50 , tr 3 ns, tf 3 ns. D. The outputs are measured one at a time with one input transition per measurement. E. All parameters and waveforms are not applicable to all devices.
Figure 1. Load Circuit and Voltage Waveforms
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
5
PACKAGE OPTION ADDENDUM
www.ti.com
18-Feb-2005
PACKAGING INFORMATION
Orderable Device SN74AHC139D SN74AHC139DBLE SN74AHC139DBR SN74AHC139DGVR SN74AHC139DR SN74AHC139N SN74AHC139NSR SN74AHC139PW SN74AHC139PWLE SN74AHC139PWR SN74AHC139RGYR
(1)
Status (1) ACTIVE OBSOLETE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE ACTIVE OBSOLETE ACTIVE ACTIVE
Package Type SOIC SSOP SSOP TVSOP SOIC PDIP SO TSSOP TSSOP TSSOP QFN
Package Drawing D DB DB DGV D N NS PW PW PW RGY
Pins Package Eco Plan (2) Qty 16 16 16 16 16 16 16 16 16 16 16 2000 2000 2000 2500 25 2000 90 40 Pb-Free (RoHS) None Pb-Free (RoHS) Pb-Free (RoHS) Pb-Free (RoHS) Pb-Free (RoHS) Pb-Free (RoHS) Pb-Free (RoHS) None Pb-Free (RoHS)
Lead/Ball Finish CU NIPDAU Call TI CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU CU NIPDAU Call TI CU NIPDAU CU NIPDAU
MSL Peak Temp (3) Level-2-260C-1 YEAR/ Level-1-235C-UNLIM Call TI Level-2-260C-1 YEAR/ Level-1-235C-UNLIM Level-1-250C-UNLIM Level-2-260C-1 YEAR/ Level-1-235C-UNLIM Level-NC-NC-NC Level-2-260C-1 YEAR/ Level-1-235C-UNLIM Level-1-250C-UNLIM Call TI Level-1-250C-UNLIM Level-2-260C-1YEAR
1000 Green (RoHS & no Sb/Br)
The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device.
(2)
Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3)
MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
Addendum-Page 1
MECHANICAL DATA
MPDS006C - FEBRUARY 1996 - REVISED AUGUST 2000
DGV (R-PDSO-G**)
24 PINS SHOWN 0,23 0,13 13
PLASTIC SMALL-OUTLINE
0,40 24
0,07 M
0,16 NOM 4,50 4,30 6,60 6,20
Gage Plane
0,25 0- 8 1 A 12 0,75 0,50
Seating Plane 1,20 MAX 0,15 0,05 0,08
PINS ** DIM A MAX A MIN
14 3,70 3,50
16 3,70 3,50
20 5,10 4,90
24 5,10 4,90
38 7,90 7,70
48 9,80 9,60
56 11,40 11,20
4073251/E 08/00 NOTES: A. B. C. D. All linear dimensions are in millimeters. This drawing is subject to change without notice. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. Falls within JEDEC: 24/48 Pins - MO-153 14/16/20/56 Pins - MO-194
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
MECHANICAL DATA
MSSO002E - JANUARY 1995 - REVISED DECEMBER 2001
DB (R-PDSO-G**)
28 PINS SHOWN 0,65 28 0,38 0,22 15 0,15 M
PLASTIC SMALL-OUTLINE
0,25 0,09 5,60 5,00 8,20 7,40
Gage Plane 1 A 14 0- 8 0,25 0,95 0,55
Seating Plane 2,00 MAX 0,05 MIN 0,10
PINS ** DIM A MAX
14
16
20
24
28
30
38
6,50
6,50
7,50
8,50
10,50
10,50
12,90
A MIN
5,90
5,90
6,90
7,90
9,90
9,90
12,30 4040065 /E 12/01
NOTES: A. B. C. D.
All linear dimensions are in millimeters. This drawing is subject to change without notice. Body dimensions do not include mold flash or protrusion not to exceed 0,15. Falls within JEDEC MO-150
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
MECHANICAL DATA
MTSS001C - JANUARY 1995 - REVISED FEBRUARY 1999
PW (R-PDSO-G**)
14 PINS SHOWN
PLASTIC SMALL-OUTLINE PACKAGE
0,65 14 8
0,30 0,19
0,10 M
0,15 NOM 4,50 4,30 6,60 6,20 Gage Plane 0,25 1 A 7 0- 8 0,75 0,50
Seating Plane 1,20 MAX 0,15 0,05 0,10
PINS ** DIM A MAX
8
14
16
20
24
28
3,10
5,10
5,10
6,60
7,90
9,80
A MIN
2,90
4,90
4,90
6,40
7,70
9,60
4040064/F 01/97 NOTES: A. B. C. D. All linear dimensions are in millimeters. This drawing is subject to change without notice. Body dimensions do not include mold flash or protrusion not to exceed 0,15. Falls within JEDEC MO-153
POST OFFICE BOX 655303
* DALLAS, TEXAS 75265
IMPORTANT NOTICE Texas Instruments Incorporated and its subsidiaries (TI) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to TI's terms and conditions of sale supplied at the time of order acknowledgment. TI warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with TI's standard warranty. Testing and other quality control techniques are used to the extent TI deems necessary to support this warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. TI assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using TI components. To minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. TI does not warrant or represent that any license, either express or implied, is granted under any TI patent right, copyright, mask work right, or other TI intellectual property right relating to any combination, machine, or process in which TI products or services are used. Information published by TI regarding third-party products or services does not constitute a license from TI to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from TI under the patents or other intellectual property of TI. Reproduction of information in TI data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. TI is not responsible or liable for such altered documentation. Resale of TI products or services with statements different from or beyond the parameters stated by TI for that product or service voids all express and any implied warranties for the associated TI product or service and is an unfair and deceptive business practice. TI is not responsible or liable for any such statements. Following are URLs where you can obtain information on other Texas Instruments products and application solutions: Products Amplifiers Data Converters DSP Interface Logic Power Mgmt Microcontrollers amplifier.ti.com dataconverter.ti.com dsp.ti.com interface.ti.com logic.ti.com power.ti.com microcontroller.ti.com Applications Audio Automotive Broadband Digital Control Military Optical Networking Security Telephony Video & Imaging Wireless Mailing Address: Texas Instruments Post Office Box 655303 Dallas, Texas 75265 Copyright 2005, Texas Instruments Incorporated www.ti.com/audio www.ti.com/automotive www.ti.com/broadband www.ti.com/digitalcontrol www.ti.com/military www.ti.com/opticalnetwork www.ti.com/security www.ti.com/telephony www.ti.com/video www.ti.com/wireless
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SN74AHC139DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X