Part Number Hot Search : 
TPD4121K 16A4C V115K7 2SC2908 8RD2C DTA12 IF2415S E001041
Product Description
Full Text Search
 

To Download REC5-1215SRWZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC5-S/DRW Ser., 5W, DIP24, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output) Selection Guide
Part Number DIP24 REC5-XX05SRW* REC5-XX09SRW* REC5-XX12SRW* REC5-XX15SRW* REC5-XX05DRW* REC5-XX12DRW* REC5-XX15DRW* REC5-XX05SRWZ* REC5-XX09SRWZ* REC5-XX12SRWZ* REC5-XX15SRWZ* REC5-XX05DRWZ* REC5-XX12DRWZ* REC5-XX15DRWZ* XX = 9-18Vin = 12 XX = 18-36Vin = 24 XX = 36-72Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 XX = 9-36Vin = 24 XX = 18-72Vin = 48 Output Voltage (VDC) 5 9 12 15 5 12 15 5 9 12 15 5 12 15 Output Current (mA) 1000 556 470 400 500 230 190 1000 556 470 400 500 230 190 Efficiency (%) 75 80 80 81 75 80 81 74 76 78 80 81 81 81
Features

5W DIP Package 9-18V, 18-36V, 36-72V Wide Input Range Short Circuit Protection Regulated Output
UL94V-0 Package Material Efficiency to 81%
*add /A" or / B" for Pinning, see next page.
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Voltage Setting Accuracy Temperature Coefficient Ripple and Noise (20MHz BW) Line Regulation (HL-LL) Load Regulation (for output load current change from 10% to 100%) Short Circuit Protection Operating Temperature Storage Temperature Cooling Input Filter Efficiency Isolation Voltage Isolation Resistance Switching Frequency at Full Load Isolation Capacitance Weight Case Material www.recom-international.com 2% max. 0.03%/C 100mVp-p max. 0.2% max. 0.2% max. Continuous -25C to +70C (see Graph) -55C to +100C Free-Air Convection Pi Network 70% min. 1.000VDC min. 109 ohms min. 25kHz min. 80pF max. 14.6g Non-Conductive Plastic August 2002 EC 79
Output Power (Watts) 10.0 7.5 5.0 2.5 0 75 100 125 70 90 Operating Temperature C -25 0 25 50 Safe Operating Area
ECONOLINE - DC/DC-Converter
REC5-S/DRW Ser., 5W, DIP24, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output) Package Style and Pinning (mm)
Package Style and Pinning A Recommended Footprint Details
1.00 o+0.15/-0
3rd angle projection
Pin Connections Pin # 2 3 Single -Vin -Vin NC NC +Vout -Vout +Vin +Vin Dual -Vin -Vin Common -Vout +Vout Common +Vin +Vin
4.60
23 22 2 3
2.54
Bottom View
9
31.80
2.54
11 14 16 22 23
16 14
9 11
15.24 20.30
3.81
12.20
2.54
Package Style and Pinning B
Recommended Footprint Details
2.06
24 23 22 1 2 3
1.00 o+0.15/-0
Pin Connections Pin # 1 2 3 10 11 12 13 14 15 22 23 24 Single +Vin NC NC -Vout +Vout -Vin -Vin +Vout -Vout NC NC +Vin Dual +Vin -Vout Common Common +Vout -Vin -Vin +Vout Common Common -Vout +Vin
Bottom View
31.80
2.54
15 14 13
10 11 12
2.54
15.24 20.30
3.81
12.20
2.54
XX.X 0.5 mm XX.XX 0.25 mm
EC 80
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC5-1215SRWZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X