Part Number Hot Search : 
SBL2060C NSPG300A C4570C C115T N4099 KP190C XM1002 X9317WS8
Product Description
Full Text Search
 

To Download REC5-1215SRWL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC8-S/DRWL-Series, 8W, 1"x 2", Regulated, Wide Input 2:1 & 4:1 (Single & Dual Output) Features

8W DIL Package 9-18V, 18-36V, 36-72V Wide Input Range Short Circuit Protection

Regulated Output 100% Burned In
UL94V-0 Package Material Efficiency to 83%
Selection Guide
Part Number 1" x 2" REC8-XX05SRWL REC8-XX09SRWL REC8-XX12SRWL REC8-XX15SRWL REC8-XX05DRWL REC8-XX09DRWL REC8-XX12DRWL REC8-XX15DRWL XX = 9-18Vin = 12 XX =18-36Vin = 24 XX =36-72Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 Output Voltage (VDC) 5 9 12 15 5 09 12 15 Output Current (mA) 1600 888 670 533 800 444 335 267 Efficiency (%) 75 82 82 83 77 82 82 83
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Voltage Setting Accuracy Temperature Coefficient Ripple and Noise (20MHz BW) Line Regulation (HL-LL) Load Regulation (Rated Load to no Load) Voltage Stability (24 Hrs) Short Circuit Protection Cooling Input Filter Efficiency Isolation Voltage (Tested for 60 Seconds) Isolation Resistance Switching Frequency at Full Load Operating Temperature Storage Temperature Case Material 1% max. 0.02%/C 100mVp-p max. 0.2% max.
Output Power (Watts) 16.0 12.0 8.0 4.0 0 75 100 125 70 90 Operating Temperature C -25 0 25 50 Safe Operating Area
0.5% max. 0.05% Continuous Free-Air Convection Pi Network 70% min. 1.000VDC min. 109 ohms min. 50kHz min. -25C to +70C (see Graph) -40C to +100C Metal Case
www.recom-international.com
August 2002
EC 83
ECONOLINE - DC/DC-Converter
REC8-S/DRWL-Series, 8W, 1"x 2", Regulated, Wide Input 2:1 & 4:1 (Single & Dual Output) Package Style and Pinning (mm)
1" x 2" Package
3rd angle projection
11.27 8.30 20.32 15.24
Bottom View
Pin Connections
3
10.20
1
Pin # 1
Single +Vin -Vin +Vout No Pin -Vout
Dual +Vin -Vin +Vout Common -Vout
20.40 5.08
2
4
25.4
5
2 3 4 5
7.66
50.80
Recommended Footprint Details
3 1
2.54
4 2 5
2.54
1.2o+0.2/-0.1
XX.X 0.5 mm XX.XX 0.25 mm
EC 84
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC5-1215SRWL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X