Part Number Hot Search : 
K10101TA 3KP15CA HD74LV 593802 SPD5806S M54537FP C4001 TA1814A
Product Description
Full Text Search
 

To Download RE200B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RE200B TYPE OF SENSOR BALANCED DIFFERENTIAL (SERIES OPPOSED TYPE.) PHYSICAL CONFIGURATION 1) PACKAGE : TO - 5 METAL CAN WITH DIMENSIONS SHOWN IN FIGURE 1-C (NICKEL-PLATED) 2) ELEMENT GEOMETRY : TWO SENSITIVE AREAS 2. 0 LONG, 1. 0 AND SPACED 1. 0 APART. 3) ELEMENT ORIENTATION : SEE FIGURE 1 - B 4) LEAD CONFIGURATION : SEE FIGURE 1-C, 1-D ELECTRICAL CHARACTERISTICS (AT 25 5 ) 1) CIRCUIT CONFIGURATION : THREE-TERMINAL SENSOR WITH SOURCE FOLLOWER SEE FIGURE 2 2) OPERATING VOLTAGE : 3 ... 10 V DC (Rs : 47 K) 3) SOURCE VOLTAGE : 0. 35 ... 1. 5 V (VD : 5V, Rs : 47 K) 4) SIGNAL OUTPUT : MIN. 2. 5 Vp - p (TYP. 4. 0 Vp - p) SIGNAL OUTPUT IS MEASURED AT CHOPPER FREQUENCY OF 1 WHEN CONNECTED TO THE AMPLIFIER OF GAIN 72. 5 (AT 1 ) AND SUBMITTED TO THE EMISSION OF INFRARED ENERGY OF 13 / FROM 420 K BLACK BODY. SEE FIGURE 3 5) NOISE OUTPUT : MAX. 250 mVp - p (TYP. 90 mVp - p) NOISE OUTPUT SHALL BE MEASURED FOR 20 SECONDS WHEN CONNECTED TO THE AMPLIFIER OF GAIN 72. 5 dB AND SHUT OUT FROM INFRARED ENERGY. SEE FIGURE 3 6) BALANCE OUTPUT : MAX. 15 % BO / I SA+SB I / 0. 15 BO : BALANCE OUTPUT SA : SIGNAL OUTPUT ON ELEMENT A SB : SIGNAL OUTPUT ON ELEMENT B BALANCE OUTPUT IS MEASURED AT CHOPPER FREQUENCY OF 1 Hz WHEN CONNECTED TO THE AMPLIFIER OF GAIN 72. 5 dB ( AT 1 Hz ) AND SUBMITTED TO THE EMISSION OF INFRARED ENERGY OF 13 u W/ FROM 420 K BLACK BODY. SEE FIGURE 3 7) FREQUENCY RESPONSE : 0. 3 Hz TO 3. 0 Hz / 10 dB OPTICAL CHARACTERISTICS 1) FIELD OF VIEW : 138 FROM EDGE OF ELEMENT ON AXIS X : 125 FROM EDGE OF ELEMENT ON AXIS Y : SEE FIGURE 1-A 2) FIELTER SUBSTRATE : SILICON 3) CUT ON (5 % T ABS) : 5. 0 0. 5 um 4) TRANSMISSION : 70 % AVERAGE 7 ... 14 ENVIRONMENTAL REQUIREMENTS 1) OPERATING TEMPERATURE : -30 TO + 70 2) STORAGE TEMPERATURE : -40 TO + 80 3) RELATIVE HUMIDITY : THE SENSOR SHALL OPERATE WITHOUT INCREASE IN NOISE OUTPUT WHEN EXPOSED TO 90 ... 95 RH AT 30 CONTINUOUSLY. 4) HERMETIC SEAL : THE SENSOR SHALL BE SEALED TO WITHSTAND A VACUUM OF 160 MILLIMETERS OF MERCURY.
RE200B


▲Up To Search▲   

 
Price & Availability of RE200B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X