Part Number Hot Search : 
S78DL33 5KE110 CLL4614 11640 PJ14126 P6KE68 PJ1509 H1G22
Product Description
Full Text Search
 

To Download Q67100-Q3017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4M x 36-Bit EDO-DRAM Module
HYM 364035S/GS-60
Advanced Information
* *
4 194 304 words by 36-Bit organization Fast access and cycle time 60 ns RAS access time 15 ns CAS access time 104 ns cycle time Hyper page mode (EDO) capability 25 ns cycle time Single + 5 V ( 10 %) supply Low power dissipation max. 7260 mW active CMOS - 66 mW standby TTL - 132 mW standby CAS-before-RAS refresh RAS-only-refresh Hidden-refresh 12 decoupling capacitors mounted on substrate All inputs, outputs and clocks fully TTL compatible 72 pin Single in-Line Memory Module (L-SIM-72) with 22.9 mm (900 mil) height Utilizes 12 4M x 3 DRAM's in 300 mil SOJ packages 2048 refresh cycles / 32 ms Optimized for use in byte-write parity applications Tin-Lead contact pads (HYM 364035S-60) Gold contact pads (HYM 364035GS-60)
*
* *
*
* * * * * * * *
Semiconductor Group
1
4.96
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
The HYM 364035S/GS-60 is a 16 MByte EDO-DRAM module organized as 4 194 304 words by 36Bit in a 72-pin single-in-line package comprising twelve HYB 5117305BJ 4M x 3 DRAMs in 300 mil wide SOJ-packages mounted together with twelve 0.2 F ceramic decoupling capacitors on a PC board. The HYB 5117305BJ is described in the data sheet and is fully electrical tested and processed according to SIEMENS standard quality procedure prior to module assembly. After assembly onto the board, a further set of electrical tests is performed. The speed of the module can be detected by the use of four presence detect pins. The common I/O feature on the HYM 364035S-60 dictates the use of early write cycles. Ordering Information Type HYM 364035S-60 HYM 364035GS-60 Ordering Code Q67100-Q3016 Q67100-Q3017 Package L-SIM-72-13 L-SIM-72-13 Description DRAM Module (access time 60 ns) DRAM Module (access time 60 ns)
Semiconductor Group
2
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
Pin Configuration (top view)
Pin Names A0-A10 DQ0-DQ35 CAS0 - CAS3 RAS0, RAS2 WE Address Inputs for HYM 364035S/GS Data Input/Output Column Address Strobe Row Address Strobe Read/Write Input Power (+ 5 V) Ground Presence Detect Pin No Connection
VCC VSS
PD N.C.
Presence Detect Pins -60 PD0 PD1 PD2 PD3
VSS
N.C. N.C. N.C.
Semiconductor Group
3
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
Block Diagram
Semiconductor Group
4
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
Absolute Maximum Ratings Operation temperature range ......................................................................................... 0 to + 70 C Storage temperature range......................................................................................... - 55 to 125 C Input/output voltage ........................................................................ - 0.5 V to min (VCC + 0.5, 7.0) V Power supply voltage...................................................................................................... - 1 to + 7 V Power dissipation................................................................................................................... 9.24 W Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics TA = 0 to 70 C, VCC = 5 V 10 % Parameter Input high voltage Input low voltage Output high voltage (IOUT = - 5 mA) Output low voltage (IOUT = 4.2 mA) Input leakage current (0 V < VIN < 6.5 V, all other pins = 0 V) Output leakage current (DO is disabled, 0 V < VOUT < 5.5 V) Average VCC supply current (RAS, CAS, address cycling, tRC = tRC min) -60 ns version Standby VCC supply current (RAS = CAS = VIH) Average VCC supply current during RAS only refresh cycles (RAS cycling, CAS = VIH, tRC = tRC min) -60 ns version Symbol Limit Values min. max. 2.4 - 0.5 2.4 - - 80 - 10 Unit Test Condition
1) 1) 1) 1) 1)
VIH VIL VOH VOL II(L) IO(L) ICC1
VCC + 0.5 V
0.8 - 0.4 80 10 V V V A A
1)
-
1320 24
mA mA
2),3),4)
ICC2 ICC3
-
-
1320
mA
2),4)
Semiconductor Group
5
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
DC Characteristics1) (cont'd) Parameter Average VCC supply current during hyper page mode (EDO) (RAS = VIL, CAS, address cycling, tPC = tPC min) -60 ns version Standby VCC supply current (RAS = CAS = VCC - 0.2 V) Average VCC supply current during CAS-before-RAS refresh mode (RAS, CAS cycling, tRC = tRC min) -60 ns version Symbol Limit Values min. max. Unit Test Condition
ICC4
-
660 12
mA mA
2),3),4)
ICC5 ICC6
-
1)
-
1320
mA
2),4)
Capacitance TA = 0 to 70 C, VCC = 5 V 10 %, f = 1 MHz Parameter Input capacitance (A0 to A10) Input capacitance (RAS0, RAS2) Input capacitance (CAS0 - CAS3) Input capacitance (WE) I/O capacitance(DQ0-DQ35) Symbol Limit Values min. max. 90 45 40 90 20 pF pF pF pF pF - - - - - Unit
CI1 CI2 CI3 CI4 CIO1
Semiconductor Group
6
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
AC Characteristics 5)6) TA = 0 to 70 C, VCC = 5 V 10 %, tT = 2 ns Parameter
Symbol Unit Note
-60 min. max.
Common Parameters
Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay time RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period
tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF
104 40 60 10 0 10 0 10 14 12 15 60 5 1 -
- - 10k 10k - - - - 45 30 - - - 50 32
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms 7
Read Cycle
Access time from RAS Access time from CAS Access time from column address Column address to RAS lead time Read command setup time Read command hold time Read command hold time referenced to RAS CAS to output in low-Z Output buffer turn-off delay
tRAC tCAC tAA tRAL tRCS tRCH tRRH tCLZ tOFF
- - - 30 0 0 0 0 0
60 15 30 - - - - - 15
ns ns ns ns ns ns ns ns ns
8, 9 8, 9 8,10
11 11 8 12
Semiconductor Group
7
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
AC Characteristics (cont'd) 5)6) TA = 0 to 70 C, VCC = 5 V 10 %, tT = 2 ns Parameter
Symbol Unit Note
-60 min. max.
Early Write Cycle
Write command hold time Write command pulse width Write command setup time Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time
tWCH tWP tWCS tRWL tCWL tDS tDH
10 10 0 15 15 0 10
- - - - - - -
ns ns ns ns ns ns ns 14 14 13
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time CAS precharge time Access time from CAS precharge Output data hold time RAS pulse width in hyper page mode CAS precharge to RAS Delay
tHPC tCP tCPA tCOH tRAS tRHCP
25 10 - 5 60 32
- - 32 - 200k -
ns ns ns ns ns ns 7
CAS before RAS Refresh Cycle
CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time Write hold time referenced to RAS
tCSR tCHR tRPC tWRP tWRH
10 10 5 10 10
- - - - -
ns ns ns ns ns
Semiconductor Group
8
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
Notes:
1) All voltages are referenced to VSS. 2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. 3) ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open. 4) Address can be changed once or less while RAS = VIL. In case of ICC4 it can be changed once or less during a hyper page mode (EDO) cycle. 5) An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using the internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 2 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8) Measured with the specified current load and 100 pF at VOL = 0.8 V and VOH = 2.0 V. Access time is determined by the latter of tRAC, tCAC, tAA, tCPA. tCAC is measured from tristate. 9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 10) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 11) Either tRCH or tRRH must be satisfied for a read cycle. 12) tOFF (max.) define the time at which the output achieves the open-circuit conditions and are not referenced to output voltage levels. tOFF is referenced from the rising edge of RAS or CAS, whichever occurs last. 13) tWCS is not a restrictive operating parameter. This is included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain open-circuit (high impedance) through the entire cycle. 14) These parameters are referenced to the CAS leading edge.
Semiconductor Group
9
HYM 364035S/GS-60 4M x 36-Bit EDO-Module
Package Outline L-SIM-72-13 (Single In-line Module)
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 10
Dimensions in mm


▲Up To Search▲   

 
Price & Availability of Q67100-Q3017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X