Part Number Hot Search : 
FRX130H3 BUZ72AL B80C1 VN920 OV480 04501 4LVCH 82402304
Product Description
Full Text Search
 

To Download PS7200J-1A-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
FEATURES
* 1 CHANNEL TYPE 1A output * LOW C X R C X R = 15 pF * * LOW OUTPUT CAPACITANCE COUT = 1.7 pF TYP * LOW OFF-STATE LEAKAGE CURRENT ILOFF = 0.02 nA TYP * HIGH SPEED TURN-ON TIME tON = 8 s TYP * DESIGNED FOR AC/DC SWITCHING LINE CHANGER * SMALL PACKAGE 4 pin SOP * HIGH ISOLATION VOLTAGE BV = 1500 Vr.m.s. * LOW OFFSET VOLTAGE * AVAILABLE IN TAPE AND REEL PS7200J-1A-E3, E4, F3, F4
PS7200J-1A
DESCRIPTION
The PS7200J-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input side) and MOSFETs on the output side. It is suitable for high-frequency signal control, due to its low C x R and low output capacitance. This device is not recommended for new designs. It has been replaced by the PS7200R.
APPLICATIONS
* MEASUREMENT EQUIPMENT * HIGH SPEED COMMUNICATIONS EQUIPMENT
ELECTRICAL CHARACTERISTICS1 (TA = 25 C)
PART NUMBER SYMBOLS PARAMETERS Forward Voltage, IF = 10 mA Reverse Current, VR = 5 V Off-State Leakage Current, VD = 40 V Output Capacitance, V = 0 V, f = 1 MHz LED On-State Current, IL = 100 mA On-State Resistance, IF = 10 mA, IL = 10 mA IF = 10 mA, IL = 100 mA Turn-on Time, IF = 10 mA, VO = 5 V, PW 10 ms Turn-off Time, IF = 10 mA, VO = 5 V, PW 10 ms Isolation Resistance, VI-O = 1.0 kVDC Isolation Capacitance, V = 0 V, f = 1 MHz UNITS V A A pF mA ms ms pF 10
9
PS7200J-1A MIN TYP 1.2 MAX 1.4 5.0 3.0 1.7 2 8.5 8.5 0.008 0.3 15 15 1.0 100
MOS Diode FET
VF IR ILOFF COUT IFON RON
Coupled
tON tOFF RI-O CI-O
0.5
Note: 1. Turn-On, Turn-Off Time
Input 50% 0 VO = 5 V Output 10% tON tOFF
PS7200J-1A
4 3
90%
1
2
California Eastern Laboratories
PS7200J-1A ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS Diode IF VR PD IFP MOSFET VL IL PD Coupled BV PT TA TSTG PARAMETERS Forward Current (DC) Reverse Voltage Power Dissipation Peak Foward Current2 Break Down Voltage Continuous Load Current Power Dissipation Isolation Voltage3 Total Power Dissipation Operating Ambient Temp. Storage Temperature UNITS mA V mW A V mA mW Vr.m.s. mW C C RATINGS 50 5.0 50 1 40 100 100 1500 150 -40 to +80 -40 to +100
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
PART NUMBER SYMBOLS PARAMETERS IF LED Operating Current VF LED Off Voltage PS7200J-1A UNITS mA V MIN TYP MAX 2 10 20 0 0.5
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. PW = 100 s, Duty Cycle = 1 % 3. AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output.
TYPICAL PERFORMANCES CURVES (TA = 25C)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
100
150
MAXIMUM LOAD CURRENT vs. AMBIENT TEMPERATURE
Maximum Forward Current, IF (mA)
80
Maximum Load Current, IL (mA)
100
60
40
50
20
0 -25
0
25
50
75 80
100
0 -25
0
25
50
75 80
100
Ambient Temperature, TA (C) FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.6
Ambient Temperature, TA (C) OUTPUT CAPACITANCE vs. SUPPLY VOLTAGE
5.0 f = 1 MHz 4.0
1.4 IF = 50 mA 1.2 30 mA 20 mA 10 mA 5 mA 1.0 1 mA
Output Capacitance, COUT (pF)
Forward Voltage, VF (V)
3.0
2.0
1.0
0.8 -25 0 25 50 75 100
0 0 5 10 15 20 25 30
Ambient Temperature, TA (C)
Supply Voltage, VCC (V)
PS7200J-1A TYPICAL PERFORMANCE CURVES (TA = 25C)
OFF-STATE LEAKAGE CURRENT vs. SUPPLY VOLTAGE
10-6 IF = 10 mA
LOAD CURRENT vs. LOAD VOLTAGE
Off-state Leakage Current, ILoff (A)
100 10-7
Load Current, IL (mA)
10-8
TA = 80C
50
10-9
-2.0
-1.0
0
1.0
2.0
10 -10
25C
-50
10-11 10-12 0 10 20 30 40 50
-100
Supply Voltage, VCC (V)
Load Voltage, VL (V)
NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE
3.0 30 Normalized to 1.0 at TA = 25C, IF = 10 mA, IL = 10 mA
ON-STATE RESISTANCE DISTRIBUTION
n = 50 pcs IF = 10 mA IL = 10 mA
Normalized On-State Resistance, RON
2.5
25
1.5
Number (pcs)
2.0
20
15
1.0
10
0.5
5
0.0 -25
0 0 25 50 75 100 8.2 8.4 8.6 8.8 9.0
Ambient Temperature, TA (C)
On-State Resistance, RON ()
TURN-ON TIME vs. FORWARD CURRENT
0.05 VO = 5 V 0.04
TURN-OFF TIME vs. FORWARD CURRENT
0.5 VO = 5 V 0.4
Turn-on Time, ton (mS)
0.03
Turn-off Time, toff (mS)
0 5 10 15 20 25 30
0.3
0.02
0.2
0.01
0.1
0 0 5 10 15 20 25 30
Forward Current, IF (mA)
Forward Current, IF (mA)
PS7200J-1A TYPICAL PERFORMANCE CURVES (TA = 25C)
TURN-ON TIME DISTRIBUTION
30 n = 50 pcs IF = 10 mA V0 = 5 V 30 n = 50 pcs IF = 10 mA V0 = 5 V
TURN-OFF TIME DISTRIBUTION
25
25
Number (pcs)
15
TNumber
(pcs)
0.007 0.008 0.009 0.010 0.011
20
20
15
10
10
5
5
0
0 0.1 0.2 0.3 0.4 0.5
Turn-on Time, ton (mS)
Turn-off Time, toff (mS)
NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0
3.0
NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
Normalized to 1.0 at TA = 25C, IF = 10 mA VO = 5 V
Normalized Turn-on Time, ton
2.5
Normalized Turn-off Time, toff
100
Normalized to 1.0 at TA = 25C, IF = 10 mA VO = 5 V
2.5
2.0
2.0
1.5
1.5
1.0
1.0
0.5
0.5
0.0 -25 0 25 50 75
0.0 -25 0 25 50 75 100
Ambient Temperature,TA (C)
Ambient Temperature,TA (C)
INSERTION LOSS vs. FREQUENCY
0 0
ISOLATION vs. FREQUENCY
-1
-20
Isolation, ISOL (dB)
Insertion Loss, dB
-2
-40
-3
-60
-4
-80
-5 0 1000 2000 3000 4000 5000
-100
0
1000
2000
3000
4000
5000
Frequency, f (MHz)
Frequency, f (MHz)
PS7200J-1A OUTLINE DIMENSIONS (Units in mm)
PS7200J-1A (Top View)
4.50.5
4 3
1. LED Anode 2. LED Cathode 3. MOSFET 4. MOSFET
1
2
7.00.3 4.4 2.05 -0.06
+0.06
2.0
+0.10 0.15 -0.05
1.3
+0.06 0.05 -0.06
0.4 -0.06 2.54
0.25 M
+0.10
0.50.3
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (TAPE)
2.0 0.1 4.0 0.1 1.75 0.1 1.55 0.1 2.4 0.1
12 0
21.0 - 0.8 1.5 - 0.1
OUTLINE AND DIMENSIONS (REEL)
1.5 - 0.1
5.5 0.1 7.4 0.1 12.0 0.2
2.0 - 0.5 1.5 - 0.5
PS7200J-1A-E3, E4: 178 PS7200J-1A-F3, F4: 330
0.3 1.55 0.1 4.6 0.1 8.0 0.1
60
6.0 - 1
13.0-0.5
66
12.4 -0.0
+2.0
18.4 MAX
Notes: 1. Packing : PS7200J-1A-E3, E4 PS7200J-1A-F3, F4 TAPE DIRECTION PS7200J-1A-E3 PS7200J-1A-F3
900 pcs. 3500 pcs.
PS7200J-1A-E4 PS7200J-1A-F4
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM 11/30/01 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of PS7200J-1A-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X