Part Number Hot Search : 
B80C1 M0365 2C508 2E225 SP2111 EX242 56F8000 DT60L
Product Description
Full Text Search
 

To Download PC619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultraminiature Automotive PCB Twin Power Relay
PC619
FEATURES Subminiature twin relay 2 X 1 C contact form Contact switching capacity up to 60 Amps Sealed, immersion cleanable Super quiet version available Coils can be used together or independently Uniquely designed for motor reversing
CONTACT RATINGS
Contact Form Max Switching Current Max. Switching Voltage Max. Continuous Current Minimum Load 2 Times 1 Form C 2 X SPDT Make 60 Amps Break 40 Amps 16 VDC 20 Amps @ 14 VDC 0.5 Amps @ 12 VDC
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical
AgSnO (Silver Tin Oxide) AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC 1 X 10 Operations 1 X 10 5 Operations
7
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Drop Resistance Power Consumption Ambient Temperature Range Weight 10 ms. typical 10 ms. typical 1000 megohms min, at 500VDC, 50%RH 1000 Vrms, 1 min. between coil and contacts 30 g, 6 ms, functional; 100 g, destructive 6g, 10 - 500 Hz 1 Meter height drop on concrete 0.64 W -40 to 85 degrees C operating, -40 to 125 storage 17 grams approx.
ORDERING INFORMATION
Example: Model Coil Voltage Enclosure C: Dust Cover, S: Sealed Case Noise Code Nil: Standard, Q: Super Quiet Contact Material Nil: AgSnO, T: AgSnOInO PC619 -12 S Q T
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC619 Rev B 4-14-04
PAGE 1
PC619
COIL DATA
Coil Voltage Resistance _ ohms + 10% Must Operate Voltage Max. (VDC) Must Release Voltage Min. (VDC) 1.2
PC619
Continuous Voltage Max. (VDC) 14.4
225 12 6.8 Note: Custom coil voltages are available on special order.
Dimensions in Inches (millimeters) PC Board Layout Bottom View
.300 (7.62)
Side View
.886 (22.5)
End View
.650 (16.5)
.150 (3.81)
.200 (5.08)
.650 (16.5)
.500 (12.7) .250 (6.35) .153 (3.9)
.100 (2.54) .200 (5.08)
.700 (17.78)
+12VDC
+12VDC Coil A
MOTOR
+12VDC Coil B
Wiring Diagram Bottom View
Typical Schematic Motor on, off, Fwd. & Rev.
Notes: Tolerances + .010 unless otherwise noted
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 2


▲Up To Search▲   

 
Price & Availability of PC619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X