Part Number Hot Search : 
FRF1250 3225X 2SB904 PF3503 ACT88 IC16F6 ST16N10 46VLA
Product Description
Full Text Search
 

To Download NTE3056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE3056 thru NTE3060 0.3" Single Digit Numeric Display, Seven Segment, Common Cathode
Description: The NTE3056 through NTE3060 are 0.3 inch (7.62mm) height single digit, seven segment, common cathode displays. The NTE3056 and NTE3057 utilize LED chips which are made from GaAsP on a GaAs substrate. The NTE3059 utilizes LED chips which are made from GaP on a transparent GaP substrate. The NTE3058 and NTE3060 utilize LED chips which are made from GaAsP on a transparent GaP substrate. Features: D 0.3 Inch (7.62mm) Digit Height D Choice of Four Bright Colors: Red - NTE3056, NTE3057 Orange - NTE3058 Green - NTE3059 Yellow - NTE3060
D D D D D
Low Power Requirement Excellent Characters Appearance Categorized for Luminous Intensity IC Compatible Easy Mounting on PC Board or Sockets
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Dissipation (Per Segment), PT NTE3056, NTE3057 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55mW NTE3058, NTE3059 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mW NTE3060 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mW Peak Forward Current (Per Segment, 1/10 Duty Cycle, 0.1ms Pulse Width), IFpeak NTE3056, NTE3057 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160mA NTE3058, NTE3059 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA NTE3060 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mA Continuous Forward Current (Per Segment), IF NTE3056, NTE3057, NTE3058, NTE3059 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA NTE3060 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Derate Linearly from 25C (Per Segment) NTE3056, NTE3057, NTE3058, NTE3059 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.30mA/C NTE3060 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.24mA/C Reverse Voltage (Per Segment), VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to +85C Lead Temperatue (During Solder, 1/16" Below Seating Plane, 3sec max), TL . . . . . . . . . . . . +260C
Electrical/Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter Average Luminous Intensity NTE3056, NTE3057 NTE3058, NTE3059, NTE3060 Peak Emission Wavelength NTE3056, NTE3057 NTE3058 NTE3059 NTE3060 Spectral Line Half-Width NTE3056, NTE3057 NTE3058 NTE3059 NTE3060 Forward Voltage, Any Segment or D.P. NTE3056, NTE3057 NTE3058, NTE3059, NTE3060 Reverse Current, Any Segment or D.P. Luminous Intensity Matching Ratio IR Iv-m VR = 5V IF = 20mA VF IF = 20mA IF = 20mA P IF = 20mA Symbol Iv Test Conditions IF = 10mA Min 200 800 - - - - - - - - - - - - Typ 500 2000 655 630 565 585 24 40 30 35 1.7 2.1 - - Max - - - - - - - - - - 2.0 2.8 100 2:1 Unit cd cd nm nm nm nm nm nm nm nm V V A
Pin Connection Diagram NTE3056, NTE3058, NTE3059, NTE3060 Anode F 1 Anode G 2 No Pin 3 Common Cathode 4 Anode E 6 Anode D 7 NTE3057 No Pin 1 Common Cathode 2 Anode F 3 Anode G 4 Anode D 6 No Pin 7 F G B Anode E 5 E A 14 No Pin 13 Anode A 12 Anode B 11 Anode C C 10 Anode D.P. D D.P. 9 Common Cathode 8 No Pin F G B No Pin 5 E A 14 Anode A 13 Anode B 12 Common Cathode 11 No Pin C 10 No Pin D D.P. 9 Anode D.P. 8 Anode C
.188 (4.78) 10
1 .380 (9.65)
14
.300 (7.62)
.738 (18.75) 7 8 .100 (2.54) Typ .010 (.254) x .020 (.508) .386 (9.8)


▲Up To Search▲   

 
Price & Availability of NTE3056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X