Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download MSM2812D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* * * * * * * * * * *
-55C to +125C operation 16 to 40 VDC input Surface mountable Will withstand solder reflow Transient protection up to 80V/120 ms, meets MIL-STD-704A requirements Inhibit function Fully isolated Ultra-wide bandwidth magnetic feedback Up to 82% efficiency Indefinite short circuit protection Undervoltage shutdown below 10 Vin
DC/DC CONVERTERS 28 VOLT INPUT
MSM SERIES 5 WATT
MODELS
VDC OUTPUT SINGLES 3.3 5 12 15 DUALS 12 15
Size (max.): Weight:
2.01 x 2.01 x 0.312 inches (51.1 x 51.1 x 7.9 mm) 20 grams maximum
DESCRIPTION
The MSM SeriesTM of DC/DC converters delivers up to 5 watts in a surface mountable package. The use of commercially available discrete components, printed wiring board construction, and surface mount technology keep costs low. Mature design technology and severe derating maintain high-reliability, providing full power operation over the full military temperature range of -55 to +125C. Output voltages of 3.3, 5, 5.2, 12, 15, 12, or 15 operate from an input range of 16 to 40 VDC. Operation below 16 volts is possible at reduced power while still maintaining output regulation. The converters are rated for input transients up to 80 V for up to 120 milliseconds which meets the requirements for MIL-STD-704A. The converter is inhibited when the TTL compatible low (0.8 V) is applied to the inhibit pin. The unit is enabled when the pin, which is internally connected to a pull-up resistor, is left unconnected or is connected to an open collector gate. The open circuit output voltage associated with the inhibit pin is 9 to 11 V. In the inhibit mode, a maximum of 0.5 mA must be sunk from the inhibit pin.
PROTECTION FEATURES
Undervoltage lockout prevents the MSM Series converters from operating below approximately 10 VDC input. This circuitry can prevent system shutdown problems in starting "constant power" devices at low input voltages. All models include a soft-start function to prevent large current draw and minimize overshoot under all load and line conditions. The MSM Series of converters also provide short circuit and overload protection. Short circuit internal dissipation is lower than the internal dissipation which occurs during full load conditions.
CONVERTER DESIGN
The converters incorporate a flyback topology with a constant frequency to minimize EMI and noise. The pulse-width-modulator is constructed of discrete devices to allow to the use of mature technologies and assure operation over the full temperature range. A proprietary magnetic isolator, designed with feed-forward and load correction, provides nearly instantaneous output control for good output regulation.
SURFACE MOUNTABLE PACKAGING
The MSM Series of DC/DC converters can be surface mounted or hand-soldered. Maximum reflow temperature for surface mounting the MSM converter is 230C for a maximum of 30 seconds. SN60, 62, or 63 are the recommended types of solder. Hand soldering should not exceed 300C for 10 seconds per pin.
INHIBIT FUNCTION
MSM Series converters provide a TTL open collector-compatible inhibit feature that can be used to disable internal switching and inhibit the unit's output. Inhibiting in this manner results in low standby current, and no generation of switching noise.
1
MSM SERIES 5 WATT
ABSOLUTE MAXIMUM RATINGS
Input Voltage * 16 to 40 VDC Output Power * 5W Power Dissipation * 1.9 W Lead Soldering Temperature (10 sec per lead) * 300C Storage Temperature Range (Base plate) * -55C to +130C
DC/DC CONVERTERS
INHIBIT
Inhibit - TTL Open Collector * Logic low (output disabled) * Inhibit pin current 0.34 mA typ * Referenced to input common * Logic high (output enabled) open collector
TYPICAL CHARACTERISTICS
Output Voltage Temperature Coefficient * 200 ppm/C typical Temperature Rise (Still Air) * 18C / watt dissipated, typical Input to Output Capacitance * 100 pF typical Undervoltage Lockout * 10 V input typical Current Limit * 160% of full load typical Isolation * 100 megohm minimum at 500 V Conversion Frequency (kHz) * 25C, 200 min, 300 typ, 400 max Inhibit Pin Voltage (unit enabled) * 10 V, typical
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range * 16 to 40 VDC continuous * 80 V for 120 msec transient Case Operating Temperature (Tc) * -55C to +125C full power * -55C to +130C absolute Derating Output Power/Current (Tc) * Linearly from 100% at 125C to 0% at 130C
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
SINGLE OUTPUT MODELS PARAMETER CONDITIONS OUTPUT VOLTAGE Tc = 25C OUTPUT CURRENT VIN = 16 TO 40 VDC OUTPUT POWER OUTPUT RIPPLE VOLTAGE LINE REGULATION LOAD REGULATION INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT VIN = 16 TO 40 VDC 10 kHz - 2 MHz Tc = -55C TO +125C VIN = 16 TO 40 VDC NO LOAD TO FULL CONTINUOUS TRANSIENT 120 ms NO LOAD FULL LOAD INHIBITED 10k Hz - 10 MHz Tc = -55C TO +125C Tc = 25C POWER DISSIPATION OVERLOAD SHORT CIRCUIT1 RECOVERY2 OUTPUT CURRENT TRIP POINT SHORT CIRCUIT 50 %-100%- 50% TRANSIENT3 RECOVERY2 16 TO 40 TO 16 V IN TRANSIENT3 RECOVERY2 DELAY OVERSHOOT MSM283R3S MSM2805S MSM2812S MSM2815S MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX 3.25 3.3 3.35 4.93 5 5.08 11.82 12 12.18 14.78 15 15.23 -- 1.52 -- -- 1.0 -- -- 0.42 -- -- 0.33 -- 0 -- -- -- -- 16 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 250 1800 60 150 28 -- 28 242 4.5 30 180 74 1.9 1 9 2.2 2.3 350 0.8 400 1.5 4 250 5 -- -- -- -- 40 80 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0 -- -- -- -- 16 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 200 1500 80 250 28 -- 25 235 4.5 25 150 76 1.8 0.9 8.5 1.5 1.6 350 0.8 400 1.5 4 300 5 -- -- -- -- 40 80 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0 -- -- -- -- 16 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 180 1200 120 350 28 -- 20 230 4.5 20 120 78 1.7 0.8 8 0.7 0.8 400 1.0 500 2.0 4 350 5 -- -- -- -- 40 80 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0 -- -- -- -- 16 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 150 1000 150 400 28 -- 16 223 4.5 15 100 80 1.5 0.7 7.5 0.56 0.6 400 1.0 500 2.0 4 400 5 -- -- -- -- 40 80 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- UNITS VDC A W mV p-p mV mV VDC V mA
INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT
mA p-p %
W ms
A mV pk ms mV pk ms ms mV pk
STEP LOAD RESPONSE STEP LINE RESPONSE START-UP 0 TO 28 VIN
Notes: 1. Short circuit is measured with a 50 mohm resistive load. 2. Time to settle within 1% of VOUT 3. Transition 10 s.
2
DC/DC CONVERTERS
DUAL OUTPUT MODELS PARAMETER OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER1 OUTPUT RIPPLE VOLTAGE +VOUT -VOUT LINE REGULATION VIN = 16 TO 40 VDC LOAD REGULATION NO LOAD TO FULL INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT CONDITIONS Tc = 25C VIN = 16 TO 40 VDC VIN = 16 TO 40 VDC 10 kHz - 2 MHz Tc = -55C TO +125C 10 kHz - 2 MHz Tc = -55C TO +125C +VOUT -VOUT +VOUT -VOUT CONTINUOUS TRANSIENT 120 ms NO LOAD FULL LOAD INHIBITED 10 kHz - 2 MHz Tc = -55C TO +125C POWER DISSIPATION OVERLOAD SHORT CIRCUIT2 RECOVERY OUTPUT CURRENT TRIP POINT SHORT CIRCUIT 50 %-100%- 50% TRANSIENT4 RECOVERY3 16 TO 40 TO 16 VIN TRANSIENT4 RECOVERY3 DELAY OVERSHOOT
3
MSM SERIES 5 WATT
UNITS VDC mA W
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MSM2812D MIN TYP MAX 11.82 12 12.18 0 208 -- 0 -- -- -- -- -- -- -- -- 16 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 180 1200 180 1200 120 120 350 350 28 -- 20 230 4.5 20 120 80 1.7 0.8 8.0 350 380 400 1 500 2 4 350 5 -- -- -- -- -- -- -- -- 40 80 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- MSM2815D MIN TYP MAX 14.78 15 15.23 0 167 -- 0 -- -- -- -- -- -- -- -- 16 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 150 1000 150 1000 150 150 400 400 28 -- 16 220 4.5 15 100 82 1.5 0.7 7.5 280 300 400 1 500 2 3.5 400 5 -- -- -- -- -- -- -- -- 40 80 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- VDC V mV
mV p-p
mV
mA mA p-p %
INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT
W ms
mA
STEP LOAD RESPONSE VOUT STEP LINE RESPONSE VOUT START-UP VOUT
mV pk ms mV pk ms ms mV pk
Notes: 1. The maximum specification indicates the converter's total output power, Up to 75% of the total is available from either output providing the other output maintains a minimum of 25% of the total power. 2. Short circuit is measured with a 50 mohm resistive load.
3. Time to settle within 1% of V 4. Transition 10 s.
OUT
3
MSM SERIES 5 WATT
DC/DC CONVERTERS
PIN OUT Pin 1 2 3 4 5 6 7 8 9 10 Single Output Input Common Input Common Positive Input No connection Inhibit No connection Output Common Positive Output Output Common No connection Dual Output Input Common Input Common Positive Input No connection Inhibit No connection Output Common Positive Output Output Common Negative Output
1 2 3 4 Top View Component Side
10 9 8 7
5
6
FIGURE 1: PIN OUT
MODEL NUMBERING KEY
MSM Base Model Input Voltage Output Voltage Number of Outputs (S = single, D = dual)
28 12 D
4
DC/DC CONVERTERS
2.00 (50.8) 0.00 0.25 0.65 2.00 (50.8) 0.95 1.25
MSM SERIES 5 WATT
1.65
0.02 (0.51)
0.312 max. (7.92)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places, 0.01 (0.3) for two decimal places unless otherwise specified. Pin spacing tolerance is 0.010 CAUTION Maximum reflow temperature for surface mounting the MSM converter is 230C for a maximum of 30 seconds. SN60, 62, or 63 are the recommended types of solder. Hand soldering should not exceed 300C for 10 seconds per pin. Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy. FIGURE 2: MSM SERIES OUTLINE DRAWING
Contact Information: Interpoint Headquarters USA Phone: 1-800-822-8782 +425-882-3100 Email: power@intp.com
www.interpoint.com Interpoint UK Phone: +44-1252-815511 Email: poweruk@intp.com Interpoint France Phone: +33-134285455 Email: powerfr@intp.com
27922 DTS Rev B This revision supercedes all previous releases. All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MSM Series is a trademark of Interpoint. Copyright (c) 2000-2001 Interpoint. All rights reserved.
5
YOUR NOTES ON INTERPOINT'S NEW PRODUCTS
6


▲Up To Search▲   

 
Price & Availability of MSM2812D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X