Part Number Hot Search : 
MCP618 BYT85 F10U60DN CM12MB 120ZI ADP3031 2SC3930 MC68HC9
Product Description
Full Text Search
 

To Download MICROSMD005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025 Phone: 800-227-4856 Fax: 800-227-4866
PRODUCT: MICROSMD005
PolySwitch(R) PTC Devices
Overcurrent Protection Devi
DOCUMENT: SCD 24366 PCN: 092391 REV LETTER: D REV DATE: NOVEMBER 19, 2001 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 30V DC Current: 10A
Notes: 1. All terminations are tin/lead plated. 2. Devices can be wave soldered. 3. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A MIN MAX mm: 3.00 3.43 in:* (0.118) (0.135) B MIN 0.50 (0.019 C D MAX MIN MAX MIN 0.85 2.35 2.80 0.25 (0.034) (0.092) (0.111) (0.010) E MIN 0.20 (0.008)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS** TIME TO TRIP ** RESISTANCE TRIPPED-STATE VALUES POWER DISSIPATION** OHMS WATTS AT AT 20C 20C, 30V MIN MAX* MAX 3.6 50.0 1.0
AMPERES AMPERES AMPERES SECONDS AT 0C AT 20C AT 60C AT 20C, 0.25A HOLD TRIP HOLD TRIP HOLD TRIP MAX 0.060 0.180 0.050 0.150 0.030 0.090 1.5
*Maximum resistance is measured 1 hour after reflow. ** Values specified were determined using PCB's with 0.030"X1.5 ounce copper traces. Reference Documents: Precedence: Effectivity: CAUTION: PS300, E. N. SMD1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of MICROSMD005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X