Part Number Hot Search : 
BUV41 00104 KA22427 PI74FCT 001140 LA733Q 5KE18CA 20012
Product Description
Full Text Search
 

To Download MC33169 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC33169/D
MC33169 GaAs Power Amplifier Support IC
The MC33169 is a support IC for GaAs Power Amplifier Enhanced FETs used in hand-held telephones such as GSM and PCS. This device provides negative voltages for full depletion of Enhanced MESFETs as well as a priority management system of drain switching, ensuring that the negative voltage is always present before turning "on" the Power Amplifier. Additional features include an idle mode input and a direct drive of the N-Channel drain switch transistor. This product is available in a 4.0 V version intended for control of the RF Power Amplifier in GSM, DCS1800 and PCS applications.
GaAs POWER AMPLIFIER SUPPORT IC
SEMICONDUCTOR TECHNICAL DATA
* * * * * *
Negative Regulated Output for Full Depletion of GaAs MESFETs Drain Switch Priority Management Circuit CMOS Compatible Inputs Idle Mode Input (Standby Mode) for Very Low Current Consumption Output Signal Directly Drives N-Channel FET Low Startup and Operating Current
1 14
DTB SUFFIX PLASTIC PACKAGE CASE 948G (TSSOP-14)
PIN CONNECTIONS
Simplified Block Diagram
+ VBB Double 12 +- - C1 VBB 11 3 Triple + C4 - Tx Power Control 9 Input 13 Idle Mode Input 6 Gnd 2 C3 + + C2 1 VCC 14 8
C2 Input 1 C1/C2 VBattery (2.7 to 7.0 V) C1 Input 2 3
14
VCC
13 Idle Mode Input 12 VBB Double 11 VBB Triple 10 Sense Input 9 8 (Top View) Tx Power Control Input Gate Drive Output
VBB Generator
(Voltage Tripler)
MMSF4N01HD
MC33169
Gate Drive Output
VO Output 4 VO Charge Pump Capacitor+ 5 Gnd 6
Priority Management
RF In Power Amplifier 10 Sense Input
RF Out
VO Charge Pump 7 Capacitor-
Sense
Charge Pump 7 -+ Cp 5
Negative Generator
ORDERING INFORMATION
4 VO Output (- 4.0 V) -+ Ci Rf C +f
Device
Operating Temperature Range Package
MC33169DTB-4.0 TA = -40 to +85C TSSOP-14
This device contains 148 active transistors.
(c) Motorola, Inc. 1998 Rev 2
MOTOROLA ANALOG IC DEVICE DATA
1
MC33169
MAXIMUM RATINGS
Rating Power Supply Voltage Tx Power Control Input Idle Mode Input Sense Input Negative Generator Output Source Current Charge Pump Capacitor Current Diode Forward Current Gate Drive Output Current Power Dissipation and Thermal Characteristics Maximum Power Dissipation @ TA = 50C Thermal Resistance, Junction-to-Air Operating Junction Temperature Operating Ambient Temperature Storage Temperature Range
NOTE: ESD data available upon request.
Pin 14 9 13 10 4 - - 8 -
Symbol VCC VTx Vi VSense ISS Imax IFmax IGO PD RJA TJ
Value 9.5 VCC VCC -5.0 to 0 20 60 60 5.0 417 240 +150 -40 to +85 -60 to +150
Unit V V V V mA mA mA mA mW C/W C C C
- -
TA Tstg
MC33169-4.0
ELECTRICAL CHARACTERISTICS (VCC = 4.8 V. For typical values TA = 25C, for min/max values TA is the operating
ambient temperature range that applies, unless otherwise noted.) Characteristic VBB GENERATOR (VOLTAGE TRIPLER) Oscillator Frequency Oscillator Duty Cycle Output Voltage (VCC = 3.0 V, IO = 3.0 mA) Double Voltage Output Voltage (VCC = 3.0 V, IO = 3.0 mA) Triple Voltage Output Voltage (VCC = 7.2 V, IO = 3.0 mA) Triple Voltage NEGATIVE GENERATOR OUTPUT Output Voltage (IO = 3.0 mA) Output Voltage Ripple with Filter (Rf = 33 , Cf = 4.7 F) (IO = 0 to 5.0 mA) PRIORITY MANAGEMENT SECTION Idle Mode Input Input Voltage High State (Logic 1) Input Voltage Low State (Logic 0) Input Current High State (Logic 1) Input Current Low State (Logic 0), i.e. Standby Mode Tx Power Control Input Input Voltage Range Input Voltage "Off" State (Zero RF Output Level) Input Voltage "On" State (Maximum RF Output Level) Input Resistance Bandwidth (- 3.0 dB) Gate Drive Output Voltage (VTx = 0 V) Voltage (VTx = 3.0 V) Peak Current (Source and Sink) (VTx = 3.0 V) Undervoltage Lockout Voltage on Sense Input (Magnitude) TOTAL DEVICE POWER CONSUMPTION ICC Operating (VTx = 3.0 V, IO = 3.0 mA) ICC Operating (VTx = 0 V, IO = 3.0 mA) ICC Operating (VTx = 0 V, IO = 0 mA) Standby Mode (Idle Mode Input = 0 V) - - - ICC ICC ICC - - - - 10 12 4.0 - 15 15 5.0 1.0 A mA mA 13 VIH VIL IIH IIL 9 VTx VTx(off) VTx(on) Rin B 8 VGO IGO 10 Vsense - VCC+2.7 - -3.0 - - 3.0 -3.2 0.5 - - - V mA V 0 - - - - - 0.7 2.7 90 1.0 3.1 - - - - V V V k MHz 2.0 0 10 - - - - - VCC+0.2 0.5 80 1.0 V V A A 4 4 VO Vr - 2.0 - -3.75 -4.0 -4.25 V mVpp Pin Symbol Min Typ Max Unit
- - 12 11 11
fosc DC VBBD VBBT VBBT
90 35 4.6 6.1 -
100 50 5.0 7.0 11.2
110 65 - - -
kHz % V
2
MOTOROLA ANALOG IC DEVICE DATA
MC33169
MC33169-4.0
ELECTRICAL CHARACTERISTICS (VCC = 2.7 V. For typical values TA = 25C, for min/max values TA is the operating
ambient temperature range that applies, unless otherwise noted.) Characteristic VBB GENERATOR (VOLTAGE TRIPLER) Oscillator Frequency Oscillator Duty Cycle Output Voltage (VCC = 3.0 V, IO = 3.0 mA) Double Voltage Triple Voltage Triple Voltage (VCC = 7.2 V, IO = 3.0 mA) NEGATIVE GENERATOR OUTPUT Output Voltage (IO = 1.0 mA) Output Voltage Ripple with Filter (Rf = 33 , Cf = 4.7 F) (IO = 0 to 5.0 mA) PRIORITY MANAGEMENT SECTION Idle Mode Input Input Voltage High State (Logic 1) Input Voltage Low State (Logic 0) Input Current High State (Logic 1) Input Current Low State (Logic 0), i.e. Standby Mode Tx Power Control Input Input Voltage Range Input Voltage "Off" State (Zero RF Output Level) Input Voltage "On" State (Maximum RF Output Level) Input Resistance Bandwidth (- 3.0 dB) Gate Drive Output Voltage (VTx = 0 V) Voltage (VTx = 3.0 V) Peak Current (Source and Sink) (VTx = 3.0 V) Undervoltage Lockout Voltage on Sense Input (Magnitude) TOTAL DEVICE POWER CONSUMPTION ICC Operating (VTx = 3.0 V) (IO = 3.0 mA) (IO = 1.0 mA) ICC Operating (VTx = 0 V) (IO = 3.0 mA) (IO = 1.0 mA) (IO = 0 mA) Standby Mode (Idle Mode Input = 0 V) 14 ICC - - 14 ICC - - - 14 ICC - - - 4.5 - 13 9.0 6.0 1.0 A - - 15 9.0 mA mA 13 VIH VIL IIH IIL 9 VTx VTx(off) VTx(on) Rin B 8 VGO IGO 10 Vsense - VCC+2.7 - -3.0 - - 3.0 -3.2 0.5 - - - V mA V 0 - - - - - 0.7 2.7 90 1.0 3.0 - - - - V V V k MHz 2.0 0 10 - - - - - VCC+0.2 0.5 80 1.0 V V A A 4 4 VO Vr - 2.0 - - 3.75 - 4.0 - 4.25 V mVpp Pin Symbol Min Typ Max Unit
- - 12 11 11
fosc DC VBBD VBBT VBBT
90 35 4.6 6.1 -
100 50 5.0 7.0 11.2
110 65 - - -
kHz % V
PRIORITY MANAGEMENT TRUTH TABLE
Control Inputs Idle Mode 0 1 0 1 Tx Power Control 0 0 1 1 VO Off - 4.0 V Off - 4.0 V Outputs Gate Drive 0.5 V max 0.5 V max 0.5 V max VCC + 2.7 V min
MOTOROLA ANALOG IC DEVICE DATA
3
MC33169
PIN FUNCTION DESCRIPTION
Pin 1 2 3 4 5 6 7 8 9 10 Name C2 Input C1/C2 C1 Input VO Output VO Charge Pump Capacitor + Gnd VO Charge Pump Capacitor - Gate Drive Output Tx Power Control Input Sense Input Pin Description This is the positive pin for the charge pump capacitor in the voltage doubler. This is the negative pin for the charge pump capacitors. This is the positive pin for the charge pump capacitor in the voltage tripler. It delivers a regulated negative voltage of -4.0 V. It can source an output current in excess of 5.0 mA. This is the positive pin for the capacitor in the inverting charge pump. This pin is Ground for both signal and power circuitry. This is the negative pin for the capacitor in the inverting charge pump. This is the output of the gate amplifier which directly drives the gate of an N-Channel MOSFET. It can sink and source peak currents up to 3.0 mA. The input signal applied on this pin controls the N-Channel switching MOSFET in follower mode and therefore, linearly controls the RF output voltage. It senses the negative voltage directly on the Power Amplifier. It is also the input pin of an internal Undervoltage Lockout circuit which blocks the switching of the N-Channel MOSFET if the sensed voltage is more positive than -3.0 V. This is the positive pin of the output filter capacitor in the voltage tripler. The triple voltage at that pin is used internally to supply the inverting charge pump and the gate amplifier. This is the positive pin of the output filter capacitor in the voltage doubler. This pin is used to set the circuit in Low Power Consumption Standby mode. It is CMOS compatible, i.e. a voltage lower than 0.5 V applied on this pin makes the device go into Standby mode in which the current consumption is lower than 1.0 A. The MC33169 is then awakened by a voltage higher than 2.0 V applied on that pin. This is the supply input pin for the MC33169, VCC voltage ranges from 2.7 V to 7.2 V.
11 12 13
VBB Triple VBB Double Idle Mode Input
14
VCC
Figure 1. MC33169 Representative Block Diagram
C2 1 VBB Double 12 Cd 2 C1 3 VCC 14 Priority Management Positive Charge Pump VBB Triple 11 Ct Standby Circuit Idle Mode 13 Input + VBattery
Positive Regulator
Oscillator
Voltage Reference VGout UVLO 8 RF In VDD RF Out GaAs PA
Negative Regulator (-4.0)
Negative Charge Pump
Gate Amplifier
9 Tx(on)
6 Gnd
7
5
VO
4
10
Vsense
Cp
Cn
4
MOTOROLA ANALOG IC DEVICE DATA
MC33169
Figure 2. Operating Current versus Temperature
5.0 VCC = 4.8 V I CC , OPERATING (mA) I CC , OPERATING (mA) 4.5 4.0 3.5 3.0 2.5 -50 VTx = 0 V IO = 0 mA VCC = 2.7 V 14 13 12 11 10 -50 VCC = 2.7 V VCC = 4.8 V 15
Figure 3. Operating Current versus Temperature
VTx = 0 V IO = 0 mA -25 0 25 50 75 100
-25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 4. Operating Current versus Temperature
16 VCC = 4.8 V I CC , OPERATING (mA) 15 VCC = 2.7 V I CC , OPERATING (mA) 7.6 7.2 8.0
Figure 5. Operating Current versus Temperature
VTx = 3.0 V
14
VTx = 0 V 6.8 6.4 6.0 -50 VCC = 2.7 V IO = 1.0 mA
13
VTx = 3.0 V IO = 3.0 mA
12 -50
-25
0
25
50
75
100
-25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 6. Output Voltage versus Temperature
-4.04 -4.035 VSS, OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V) -4.03 ISS = 1.0 mA -4.02 -4.0 -3.98 -4.04
Figure 7. Output Voltage versus Temperature
ISS = 3.0 mA
-4.025 -4.02 ISS = 3.0 mA VCC = 2.7 V
-4.015 -4.01
VCC = 4.8 V -3.96 -3.94 -50
-4.005 -4.0 -50 -25 0 25 50 75 100 -25 0 25 50 75 100
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
MOTOROLA ANALOG IC DEVICE DATA
5
MC33169
Figure 9. VTx Control Voltage versus Gate Drive Output Voltage
VGO, GATE DRIVE OUTPUT VOLTAGE (V) 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 0.5 1.0 1.5 2.0 2.5 3.0
Figure 8. Output Voltage versus Load Current
-4.04 -4.035 OUTPUT VOLTAGE (V) -4.03 -4.025 -4.02 -4.015 -4.01 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 LOAD CURRENT (mA) 25C -25C 0C 85C
VTx, POWER CONTROL INPUT VOLTAGE (V)
OPERATING DESCRIPTION
The MC33169 is a power amplifier support IC that is designed to properly switch "on" or "off" a MESFET Power Amplifier either manually or by microprocessor. Controlling the power drain of the RF Amplifier extends operating battery life in many portable systems. Outputs The IC is designed to provide a -4.0 V bias to the gate of the RF Ampllifier MESFET devices prior to application of a positive battery voltage to the drain. The negative output voltage can provide up to 5.0 mA of current. The positive voltage control requires an external N-Channel logic level MOSFET, connected as a source follower. The Gate Drive Output, Pin 8, can source or sink 3.0 mA to the external MOSFET. The low drive current slows the MOSFET switching speed, thereby minimizing voltage glitches on the VCC line which could cause disturbances to other circuitry. Inputs A Sense Input, Pin 10, protects the Power Amplifier load by monitoring the level of the negative output voltage. If the negative voltage magnitude falls below a preset level, 3.2 V typical, an undervoltage lockout circuit disables the external MOSFET gate drive. The Tx Power Control Input controls the N-Channel external switching MOSFET in source follower mode, which allows linear control of the RF Output voltage level. The Idle mode input is CMOS compatible, allowing the RF Amplifier to be placed in a standby mode, drawing less than 1.0 A from the power source.
6
MOTOROLA ANALOG IC DEVICE DATA
MC33169
Figure 10. Class 4 GSM with a Two-Stage Integrated Power Amplifier (I.P.A.)
VBatt = 4.8 V Tx Power (4 cells Control 3.0 V NlCd/NIMH) Input Idle 0V
3.0 V
0V C2 0.1
1 2
MMSF4N01HD
100 G4 6 S3 7 Drain S 2
5 8 1
14 13 12
68 C3 1.0 C4 1.0
C1 0.1 Ci 0.22
3
100
4
MMBD701 LT1 Cp 1.0
MC33169
11 10 9 8 9
5 6 7
MRF IC 093
8 7
.047 VG2 tune VG1 tune 50 In 6.8 pF
47 pF 3.3 k 1.0 k 8.2 nH
10 11 12 13 14 15 In 16
47 pF
6
.047 2 mm 30 5.6 pF 4 mm 47 pF 50 Out 30 5.6 pF
Out 5 Out 4
3 2 1
Cf 0.22
Grounded Backside - 4.0 V
RF 330
Figure 11. Transfer Characteristic for Gate Drive Output
1.4 1.2 IPA RF OUT (Vrms) 1.0 0.8 0.6 0.4 0.2 0 0 0.5 1.0 VTx (V) 1.5 2.0 2.5 TA = 25C VBatt = 4.8 V VIdle = 3.0 V Vramp: 40 Hz sinusoidal voltage set for 95% AM depth on RF Peak output power: 34.6 dBm VBatt = 4.8 V Pin = 10 dBm VIdle = 3.0 V
MOTOROLA ANALOG IC DEVICE DATA
7
MC33169
CURVES RELATED TO APPLICATION GSM CLASS 4
Figure 12. RF Output Voltage (40 Hz/95% AM) and VTx Driving Voltage
Output RF Voltage VTx AND RF OUTPUT (V) VTx 0V
Figure 13. Idle, PA Drain, RF Output and VO Voltages During a Burst Period
Idle Voltage
VTx VT
0V 0V Negative Voltage Output RF Voltage 150 s TIMEBASE = 5.0 s/DIV VERTICAL SCALE = 0.5 V/DIV VO 850 s
-50 ms
-25 ms TIMEBASE = 5.0 ms/DIV VERTICAL SCALE = 0.5 V/DIV
-0 V 0s
-350 s
Figure 14. RF Output Voltage, PA Drain Voltage and VTx Driving Voltage, During Fall Time
Figure 15. RF Output Voltage, PA Drain Voltage and VTx Driving Voltage, During Rise Time
VTx VTx PA Drain Voltage PA Drain Voltage Output RF Voltage Output RF Voltage
-13.4 s
11.6 s TIMEBASE = 5.0 s/DIV VERTICAL SCALE = 0.5 V/DIV
36.6 s
-13.4 s
11.6 s VERTICAL SCALE = 0.5 V/DIV
36.6 s
8
MOTOROLA ANALOG IC DEVICE DATA
MC33169
Figure 16. AMPS version with MRFIC0913, Integrated Power Amplifier (I.P.A.)
VBatt = 3.6 V Tx Power (3 cells Control 3.0 V NlCd/NIMH) Input Idle 0V
3.0 V
0V C2 0.1
1 2
MMSF4N01HD
100
5
G4 S3 S2
1
14 13 12
6
68 C3 1.0 C4 1.0
7 Drain 8
C1 0.1 Ci 0.22
3
100
4
MMBD701 LT1 Cp 1.0
MC33169
11 10 9 8 9
5 6 7
MRFIC0913
8 7
.047 VG2 tune VG1 tune 50 In 6.8 pF
68 pF 3.3 k 1.0 k 10 nH
10 11 12 13 14 15 In 16
68 pF
6
.047 7 mm 68 pF 50 Out 30 5.6 pF
Out 5 Out 4
3 2 1
2.5 mm 30 5.6 pF
Cf 0.22
Grounded Backside - 4.0 V
Rf 330
Figure 17. MC33169 with GaAs RF Power Amplifier
Tx Power Control VBatt Input 0V
0V C2 0.1
1 2 14 13 12
3.0 V Idle
3.0 V
MMSF4N01HD
100
5 6 7 Drain
G4 S3 S2
1
68 C3 1.0 C4 1.0
C1 0.1 Ci 0.22
3
8
100
4
MMBD701 LT1 Cp 1.0
MC33169
11 10 9 8
5 6 7
VDD 50 In RF In RF Out 50 Out
GaAs Power Amplifier
VO Cf 0.22 - 4.0 V Rf 330
MOTOROLA ANALOG IC DEVICE DATA
9
MC33169
OUTLINE DIMENSIONS
DTB SUFFIX PLASTIC PACKAGE CASE 948G-01 (TSSOP-14) ISSUE O
14X K REF NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION: MILLIMETER. 3 DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4 DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5 DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6 TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7 DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
10
CC EE CC EE CC
A -V-
MOTOROLA ANALOG IC DEVICE DATA MC33169/D


▲Up To Search▲   

 
Price & Availability of MC33169

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X