Part Number Hot Search : 
74HCT485 MAC7121 PTB20146 CLL4448 24C01 KAD5512P SKY65015 MMI4832
Product Description
Full Text Search
 

To Download MAZY100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes
MAZY000 Series
Silicon planar type
Unit : mm
For stabilization of power supply
4.4 0.3 0 to 0.05
* Large power dissipation: PD = 1 W * Zener voltage VZ : 4.7 V to 51 V * Zener voltage allowable deviation: 10% * Auto mounting possible
2.5 0.3
I Features
2
1
I Absolute Maximum Ratings Ta = 25C
Parameter Repetitive peak forward current Total power dissipation*1 Non-repetitive reverse surge power dissipation*2 Junction temperature Storage temperature Symbol IFRM Ptot PZSM Tj Tstg Rating 500 1.0 100 150 -40 to +150 Unit mA W W C C
1.2 0.4 5.0 - 0.1
+ 0.4
1.2 0.4
1 : Anode 2 : Cathode New Mini power Type Package (2-pin)
Note) *1 : Ptot = 1.0 W achieved with a printed-circuit board (alumina) t = 50 s for the product of VZ 6.8 V *2 : t = 100 s, Tj = 150C
Marking Symbol Refer to the list of the electrical characteristics within part numbers (Example) MAZY047 : 4.7
I Common Electrical Characteristics Ta = 25C*1
Parameter Forward voltage Zener voltage*2 Operating resistance Reverse current Temperature coefficient of zener voltage*3 Symbol VF VZ RZ IR SZ IF = 200 mA IZ ****************** Specified value IZ ****************** Specified value VR *************** Specified value IZ ****************** Specified value Refer to the list of the electrical characteristics within part numbers Conditions Min Typ Max 1.2 Unit V V A mV/C
Note) 1 Rated input/output frequency: 5 MHz 2 *1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2 : Guaranteed at 20 ms after power application. *3 : Tj = 25C to 150C
2.15 0.3
0.25 - 0.05
+ 0.1
1.4 0.2
1
MAZY000 Series
I Electrical characteristics within part numbers Ta = 25C
Zener voltage Part Number Min (V) MAZY047 MAZY051 MAZY056 MAZY062 MAZY068 MAZY075 MAZY082 MAZY091 MAZY100 MAZY110 MAZY120 MAZY130 MAZY150 MAZY160 MAZY180 MAZY200 MAZY220 MAZY240 MAZY270 MAZY300 MAZY330 MAZY360 MAZY390 MAZY430 MAZY470 MAZY510 4.4 4.8 5.2 5.6 6.2 6.8 7.4 8.2 9.0 9.9 10.8 11.7 13.5 14.4 16.2 18.0 19.8 21.6 24.3 27.0 29.7 32.4 35.1 38.7 42.3 45.9 VZ (V) Nom Max (V) (V) 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0 43.0 47.0 51.0 5.0 5.4 6.0 6.8 7.4 8.3 9.1 10.1 11.0 12.1 13.2 14.3 16.5 17.6 19.9 22.0 24.2 26.4 29.7 33.0 36.3 39.6 42.9 47.3 51.7 56.1 Reverse current IR IZ (mA) 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 Max (A) 40 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 VR (V) 1.0 1.0 2.0 3.0 3.0 3.0 4.0 5.0 7.0 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 17.0 19.0 21.0 26.4 28.8 31.8 35.8 37.6 40.8 Max () 60 50 40 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 65 65 65 65 Operating resistance RZ IZ (mA) 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5
Zener Diodes
Temperature coefficient of zener voltage SZ Typ IZ (mV/C) (mA) 0 0 1.5 2.4 3.1 3.8 4.5 5.4 6.3 7.4 8.4 9.4 11.4 12.5 14.5 16.6 18.6 20.7 23.8 26.9 30.0 33.4 36.3 41.1 44.9 48.6 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5
Marking Symbol
4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51
2
Zener Diodes
Ptot Ta
1.5 Heat sink: Alumina board Copper foil 2 mm x 2 mm
102 Ta = 25C
MAZY000 Series
IZ V Z
102
IZ VZ
Ta = 25C
Power dissipation Ptot (W)
10
10
Zener current IZ (mA)
1.0
1
Zener current IZ (mA)
1
MAZY082 MAZY091
10-1
MAZY056 MAZY062 MAZY068 MAZY075
10-1
MAZY110 MAZY120 MAZY130 MAZY150 MAZY160 MAZY180
0.5
10-2
MAZY047 MAZY051
MAZY100
10-2
0
10-3
0
40
80
120
160
200
240
0
2
4
6
8
10
12
10-3
12
14
16
18
20
22
Ambient temperature Ta (C)
Zener voltage VZ (V)
Zener voltage VZ (V)
IZ V Z
102 Ta = 25C 102
IZ V Z
0.12
SZ V Z
60 50 40 mV / C 30 20 10 0 -10 -20 60
Temperature coefficient SZ (% / C)
0.10 0.08 0.06 0.04 0.02 0
10
10
% / C
Zener current IZ (mA)
1
Zener current IZ (mA)
1
MAZY200 MAZY220
MAZY240
MAZY270
MAZY300
MAZY330
MAZY360
10-1
10-1
MAZY390 MAZY430 MAZY470 MAZY510
10-2
10-2
-0.02 -0.04
10-3
24
28
32
36
40
44
10-3
Ta = 25C 44 48 52 56 60 64
0
10
20
30
40
50
Zener voltage VZ (V)
Zener voltage VZ (V)
Zener voltage VZ (V)
Rth t
1
Heat sink: Alumina board Copper foil 2 mm x 2 mm
Thermal resistance Rth (C / mW)
Without heat sink
0.1
With head sink
0.01
0.003 0.1
1
10
100
1 000
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of MAZY100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X