![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Surface Mounting Chip LED TSS Bi-Color Type 2 1 4 3 1.1 0.1 0.18 0.1 Unit: mm Conventional Part No. Global Parts No. Lighting Color 0.55 0.1 LNJ115W8ARA ********* LNJ115W8ARA ********* Green / Orange 0.3 0.1 1.25 0.15 0.3 0.1 0.4 0.1 0.4 0.1 s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Green 60 20 60 4 -30 +85 -40 +100 Orange 60 20 60 3 -30 +85 -40 +100 IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec 1.6 0.15 2 4 1 3 Orange Green 1: Anode 2: Cathode 3: Anode 4: Cathode s Electro-Optical Characteristics (Ta = 25C) Lighting IO Lens Color Color Typ Min Green 5.0 1.8 LNJ115W8ARA White Diffused 1.0 0.4 Orange Unit - mcd mcd - Conventional Part No. VF IF 10 10 mA Typ 2.03 1.93 V Max 2.6 2.6 V P Typ 565 630 nm Typ 30 40 nm IR IF 10 10 mA Max 10 10 A VR 4 3 V IO IF 30 100 10 50 Green IF VF Relative Luminous Intensity 500 300 IO Ta Luminous Intensity 5 3 Orange 1 0.5 0.3 Forward Current 30 Orange 10 5 3 Green Orange 100 50 30 Green 0.1 1 3 5 10 30 50 100 300 1 1.6 1.8 2.0 2.2 2.4 10 -20 0 20 40 60 80 100 Forward Current Forward Voltage Ambient Temperature Relative Luminous Intensity Wavelength Characteristics IF Ta 25 Relative Luminous Intensity 100 80 60 40 20 0 500 Directive Characteristics Green Orange 40 50 60 60 70 80 550 600 650 700 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 20 10 30 80 0 10 20 30 40 50 Forward Current 20 15 Green Orange 10 5 80 90 100 0 0 20 40 60 80 100 Wavelength Relative Luminous Intensity Ambient Temperature 67 |
Price & Availability of LNJ115W8ARA
![]() |