Part Number Hot Search : 
S0150 73J25P 2N4907 XXXSD DF10SA PIC16C65 IW1709 100M100
Product Description
Full Text Search
 

To Download LM257X-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thru-Hole Power Inductor
ELECTRONICS INC.
EPI AC4 Series
* Optimized for National's LM267X,LM259X & LM257X Series * Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * 52 KHz, 150 KHz & 260 KH KHz Switching Frequency * Also suitable for use in high quality filter applications * Low Cost Inductor
Primary Specification
Part Number EPI330552AC4 EPI470552AC4 EPI680302AC4 EPI101302AC4 EPI101342AC4 EPI151202AC4 EPI151272AC4 EPI151302AC4 EPI471102AC4 Induct. Induct. DCR Idc National Semiconductor (H 15%) ( Typ.) (H 15%) (mA) @ Idc @ 0 Adc Chip LM267X-L49 LM267X-L48 LM257X-L68 LM257X-100 LM257X-L43 LM257X-L150 LM259X-L42 LM257X-H150 LM257X-L470 42 64 78 121 130 173 196 202 493 .027 .042 .061 .093 .125 .144 .188 .191 .754 33 47 68 100 100 150 150 150 470 5500 5500 3000 3000 3400 2000 2700 3000 1000 @ Vt1 (mW) --------320 --320 ----Core Loss @ Vt2 @ Vt3 (mW) (mW) 445 380 ------------------300 180 --125 --550 213 Vt1 (V-sec) 150 KHz --------81.4 --90.7 ----Vt2 (V-sec) 260 KHz 36.6 42.4 --------------Vt3 (V-sec) 52 KHz ----96.2 96.2 --96.2 --207.7 207.7 Temp.Rise @ Vt C (Typ.) 34 @ Vt2 42 @ Vt2 24 @ Vt3 28 @ Vt3 44 @ Vt1 24 @ Vt3 43 @ Vt1 55 @ Vt3 27 @ Vt3
For no header version : add "V" for Vertical Mount and add "H" for Horizonal Mount
Applications
CB Vin 8V-40V + Cin FB 7V-40V (60V for HV) Unregulated DC Input Feedback +Vin Cin +
LM257X
Vsw
Output D1 1N5822
LX H + Cout
LM267X
Vsw
10nF
LX H +
Vout Cout
+5V Regulated Output Load
D1 On/Off Gnd
Gnd
On/Off
Package AC4V
Pad Layout .400 (10.16) .060 O (1.52)
Package AC4
Pad Layout .060 O (1.52) .450 (11.43)
Package AC4H
.950 Max. (24.13)
.550 Max. (13.97) .950 Max. (24.13)
.950 Max. (24.13)
.610 Max. (15.49)
.375 .125 (9.53 3.18) .840 (21.34) Pad Layout .950 Max. (24.13) .840 (21.34)
1.350 Max. (34.29) .375 .125 (9.53 3.18) .400 (10.16) .475 (12.07) .110/.150 (2.79/3.81) .450 (11.43)
.060 O (1.52)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXAC4 Rev. 5 2/22/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of LM257X-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X