Part Number Hot Search : 
MMSTA05 AP1122EA TLP2408 IL33197 AIC1714 LMS430 ZTB713E ZVP2110G
Product Description
Full Text Search
 

To Download KSD5072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om .c 4U et he aS at .D w w w
KSD5072
* High Collector-Base Voltage (VCBO=1500V) * High Switching Speed (tF. max=0.4s)
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
COLOR TV HORIZONTAL OUTPUT APPLICATION (DAMPER DIODE BUILT IN)
TO-3PF
ABSOLUTE MIXIMUM RATING
Characteristic Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Collector Current (Peak)
Symbol
Rating 1500 800 6 5 16 60 150 -55 ~ 150
Unit V V V A A W
Collector Dissipation (TC=250C) Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTICS (TC=25C)
Characteristic Symbol Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Current Gain Bandwidth Product Damper Diode Turn On Voltage Fall Time ICBO IEBO hFE VCE(sat) VBE(sat) fT VF tF
m o .c U t4 e e h S ta a .D w w w
C C 1.Base 2.Collector 3.Emitter Test Condition Min 40 8 Typ Max 10 200 5 1.5 2 0.4 Unit VCB = 800V, IE = 0 VEB = 4V, IC = 0 VCE = 5V, IC = 1A IC = 4A, IB = 0.8A IC = 4A, IB = 0.8A VCE = 10V, IC = 1A IF = 5A IC = 4A, IB1 = 0.8A IB2 = - 1.6A, VCC = 200V RL = 50 3 3 A mA V V MHz V s Rev B.
VCBO VCEO VEBO IC IC PC TJ T STG
(c)1999 Fairchild Semiconductor Corporation
om .c 4U et he aS at .D w w w
KSD5072
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
KSD5072
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of KSD5072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X