Part Number Hot Search : 
SAA73 00060 MAX893L KA3843 T16646 MX7547JN 4XLMF F1000
Product Description
Full Text Search
 

To Download JRC-19F2A24C051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ,
JRC-19F (4078)
E158859
21x10x12 Features
Small size, light weight. Low coil power consumption. PC board mounting. Suitable for household electrical appliance, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities.
R2133344
Ordering Information
JRC-19F 2C 3V 0.2
1 2 3 4 1 Part numberJRC-19F 2 Contact arrangement2A:2A2C:2C 3 Coil rated Voltage(V)DC:3,4.5,5,6,12,24,48, 4 Coil power consumption0.15:0.15W0.2:0.2W 0.36:0.36W0.51:0.51W
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2A DPSTNO f2C DPDT(B-M) Ag Ag Ni(Au clad) 2A/24VDC; 0.5A 1A/125VAC 30VDC ; 48W 60VA 24VDC 220VAC Max. Switching Current:2A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Dash numbers 003-150 004-150 005-150 006-150 012-150 024-150 003-200 004-200 005-200 006-200 012-200 024-200 003-360 004-360 005-360 006-360 012-360 024-360 003-510 004-510 005-510 006-510 012-510 024-510 048-510 Coil voltage VDC Rated 3 4.5 5 6 12 24 3 4.5 5 6 12 24 3 4.5 5 6 12 24 3 4.5 5 6 12 24 48 Max 3.9 5.9 6.5 7.8 15.6 31.2 3.9 5.9 6.5 7.8 15.6 31.2 3.9 5.9 6.5 7.8 15.6 31.2 3.9 5.9 6.5 7.8 15.6 31.2 62.4 Coil resistance 10% 60 135 166.7 240 960 3840 45 101 125 180 720 2880 25 56 70 100 400 1600 17.6 39.7 49 70.6 282.4 1129.4 4517.6 Pickup voltage VDC(max) (75%of rated voltage ) 2.25 3.15 3.50 4.20 8.40 18.0 2.25 3.15 3.50 4.20 8.40 18.0 2.25 3.15 3.50 4.20 8.40 18.0 2.25 3.15 3.50 4.20 8.40 18.0 36.0 release voltage VDC(min) (10% of rated voltage) 0.3 0.45 0.5 0.6 1.2 2.4 0.3 0.45 0.5 0.6 1.2 2.4 0.3 0.45 0.5 0.6 1.2 2.4 0.3 0.45 0.5 0.6 1.2 2.4 4.8 Coil power consumption W Operate Time ms Release Time ms
0.15
6
5
0.20
6
5
0.36
6
5
0.51
6
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
47
www.dblectro.com
JRC-19F(4078)
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 1.5mm of IEC255-5 of IEC255-5
50Hz 500V 50Hz 1000V 500m/s2 11ms 10~70Hz double amplitude 5N 235x2 3x0.5s -30~70 85% (at 40) 5g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals Safety approval Load Dimensions (Unit: mm)
UL&CUR 1A/24VDC
TuV 1A/125VAC;24DC
Mounting (Bottom views)
Dimensions
Wiring diagram (Bottom views)
mm 0.25 0.3 0.6 1.0 1.2 4.0 5.08 7.62 10 12 21
inch 0.010 0.012 0.024 0.039 0.047 0.157 0.200 0.300 0.394 0.472 0.827
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of JRC-19F2A24C051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X