Part Number Hot Search : 
2N5328 UPG103B 90100 M1305 4100B TLP810 2SK2597 MAX63
Product Description
Full Text Search
 

To Download IXDI402SIA-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IXDN402 / IXDI402 / IXDF402
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
Features
* Built using the advantages and compatibility of CMOS and IXYS HDMOSTM processes * Latch-Up Protected Over Entire Operating Range * High Peak Output Current: 2A Peak * Wide Operating Range: 4.5V to 25V * High Capacitive Load Drive Capability: 1000pF in <10ns * Matched Rise And Fall Times * Low Propagation Delay Time * Low Output Impedance * Low Supply Current * Two Drivers in Single Chip
General Description
The IXDN402/IXDI402/IXDF402 consists of two 2 Amp CMOS high speed MOSFET drivers. Each output can source and sink 2A of peak current while producing voltage rise and fall times of less than 15ns to drive the latest IXYS MOSFETs & IGBTs. The input of the driver is TTL or CMOS compatible and is fully immune to latch up over the entire operating range. A patent-pending circuit virtually eliminates cross conduction and current shoot-through. Improved speed and drive capabilities are further enhanced by very low and matched rise and fall times. The IXDN402 is configured as a dual non-inverting gate driver, the IXDI402 as a dual inverting gate driver, and the IXDF402 as a dual inverting + non-inverting gate driver. The IXDN402/IXDI402/IXDF402 family are available in the standard 8 pin P-DIP (PI), SOP-8 (SIA) and SOP-16 (SIA16) packages. For enhanced thermal performance, the SOP-8 and SOP-16 are also available with an exposed grounded backmetal package as the SI and SI-16 respectively.
Applications
* * * * * * * * * Driving MOSFETs and IGBTs Motor Controls Line Drivers Pulse Generators Local Power ON/OFF Switch Switch Mode Power Supplies (SMPS) DC to DC Converters Pulse Transformer Driver Class D Switching Amplifiers
Ordering Information
Part Number Package Type Temp. Range IXDN402PI 8-Pin PDIP IXDN402SI 8-Pin SOIC with Grounded Backmetal -55C to IXDN402SIA 8-Pin SOIC +125C IXDN402SI-16 16-Pin SOIC with Grounded Backmetal IXDN402SIA-16 16-Pin SOIC IXDI402PI 8-Pin PDIP IXDI402SI 8-Pin SOIC with Grounded Backmetal -55C to IXDI402SIA 8-Pin SOIC +125C IXDI402SI-16 16-Pin SOIC with Grounded Backmetal IXDI402SIA-16 16-Pin SOIC IXDF402PI 8-Pin PDIP IXDF402SI 8-Pin SOIC with Grounded Backmetal -55C to IXDF402SIA 8-Pin SOIC +125C IXDF402SI-16 16-Pin SOIC with Grounded Backmetal IXDF402SIA-16 16-Pin SOIC NOTE: Mounting or solder tabs on all packages are connected to ground Configuration Dual Non Inverting
Dual Inverting
Inverting + Non Inverting
Copyright (c) IXYS CORPORATION 2002
First Release
IXDN402 / IXDI402 / IXDF402
Figure 1 - IXDN402 Dual 2A Non-Inverting Gate Driver Functional Block Diagram
Vcc
IN A
ANTI-CROSS CONDUCTION CIRCUIT *
P OUT A N
IN B
ANTI-CROSS CONDUCTION CIRCUIT *
P OUT B N
GND
Figure 2 - IXDI402 Dual Inverting 2A Gate Driver Functional Block Diagram
Vcc
IN A
ANTI-CROSS CONDUCTION CIRCUIT *
P OUT A N
IN B
ANTI-CROSS CONDUCTION CIRCUIT *
P OUT B N
GND
Figure 3 - IXDF402 Inverting + Non-Inverting 2A Gate Driver Functional Block Diagram
Vcc
IN A
ANTI-CROSS CONDUCTION CIRCUIT *
P OUT A N
IN B
ANTI-CROSS CONDUCTION CIRCUIT *
P OUT B N
GND
* Patent Pending
2
IXDN402 / IXDI402 / IXDF402
Absolute Maximum Ratings (Note 1)
Parameter Supply Voltage All Other Pins Junction Temperature Storage Temperature Lead Temperature (10 sec) Value 25 V -0.3 V to VCC + 0.3 V 150 oC -65 oC to 150 oC 300 oC
Operating Ratings
Parameter Operating Temperature Range Thermal Impedance (To Ambient) 8 Pin PDIP (PI) (JA) 8 Pin SOIC (SIA) (JA) 16 Pin SOIC (SIA-16) (JA) Value -55 oC to 125 oC 130 oC/W 120 oC/W 120 oC/W
Electrical Characteristics
Unless otherwise noted, TA = 25 oC, 4.5V VCC 25V . All voltage measurements with respect to GND. IXDD402 configured as described in Test Conditions. All specifications are for one channel.
Symbol VIH
Parameter
Test Conditions
Min 3
Typ
Max 2.4
Units V V V A V
High input voltage Low input voltage Input voltage range Input current High output voltage Low output voltage Output resistance @ Output high Output resistance @ Output Low Peak output current Continuous output current Rise time Fall time On-time propagation delay Off-time propagation delay Power supply voltage Power supply current VCC = 18V VCC = 18V VCC is 18V 0V VIN VCC
VIL VIN IIN VOH VOL ROH ROL IPEAK IDC tR tF tONDLY tOFFDLY VCC ICC
-5 -10 VCC - 0.025
VCC + 0.3 10
0.025 3.7 2.5 2 1 CL=1000pF Vcc=18V CL=1000pF Vcc=18V CL=1000pF Vcc=18V CL=1000pF Vcc=18V 7 7 27 25 4.5 VIN = 3.5V VIN = 0V VIN = + VCC 8 8 28 26 18 1 0 10 9 32 30 25 3 10 10 4 3
V A A ns ns ns ns V mA A A
Specifications Subject To Change Without Notice
3
IXDN402 / IXDI402 / IXDF402 Pin Description
SYMBOL IN A GND IN B OUT B VCC OUT A FUNCTION A Channel Input Ground B Channel Input B Channel Output Supply Voltage A Channel Output DESCRIPTION A Channel Input signal-TTL or CMOS compatible. The system ground pin. Internally connected to all circuitry, this pin provides ground reference for the entire chip. This pin should be connected to a low noise analog ground plane for optimum performance. B Channel Input signal-TTL or CMOS compatible. B Channel Driver output. For application purposes, this pin is connected via a resistor to a gate of a MOSFET/IGBT. Positive power-supply voltage input. This pin provides power to the entire chip. The range for this voltage is from 4.5V to 25V. A Channel Driver output. For application purposes, this pin is connected via a resistor to a gate of a MOSFET/IGBT.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when handling and assembling this component. Note 1: Operating the device beyond the parameters listed as "Absolute Maximum Ratings" may cause permanent damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Figure 4 - Characteristics Test Diagram
Vcc
10uF 25V
1 NC 2 In A 3 Gnd 4 In B
NC 8 7 Out A Vcc 6 Out B 5
Agilent 1147A Current Probe 1000 pF
Agilent 1147A Current Probe 1000 pF
4
IXDN402 / IXDI402 / IXDF402 Typical Performance Characteristics
Fig. 3
90 80
50
Output Rise Time vs. Supply Voltage CL = 100pF to 6800pF
Fig. 4
60
Output Fall Time vs. Supply Voltage CL = 100pF to 6800pF
70 60 6800 pF 50 40 30 20 10 0 8 10 12 14 16 18
Rise Time (ns)
Fall Time (ns)
40 6800 pF 30
20
3900 pF 2200 pF
3900 pF 2200 pF 1000 pF 470 pF 100 pF
10
1000 pF 470 pF 100 pF 8 10 12 14 16 18
0
Supply Voltage (V)
Fig. 5
12
Supply Voltage (V)
Fig. 6
Output Rise And Fall Times vs. Case Temperature CL = 1000pF, Vcc = 18V
Output Rise Times vs. Load Capacitance
90 80
10
8V 10V 12V 14V 16V 18V
tR
70
Time (ns)
tF 6
Rise Time (ns)
8
60 50 40 30 20
4
2
10 0
0 -60
-40
-20
0
20
40
60
80
100
120
140
0
1000
2000
3000
4000
5000
6000
7000
Temperature (C)
Fig. 7
50 45 40 35
Load Capacitance (pF)
Output Fall Times vs. Load Capacitance
8V 10V 12V 14V 16V 18V
Fig. 8
3.5 3.3
Max / Min Input vs. Temperature CL = 1000 pF Vcc = 18V
Max / Min Input Voltage
3.1 2.9 2.7 2.5 2.3 2.1 1.9 1.7 1.5 -60
M umInput H inim igh
Fall Times (ns)
30 25 20 15 10 5 0 0 1000 2000 3000 4000 5000 6000 7000
M umInput Low axim
-40
-20
0
20
40
60
80
100
120
140
Load Capacitance (pF)
Temperature (C) 5
IXDN402 / IXDI402 / IXDF402
Fig. 9
100 90 80
Supply Current vs. Load Capacitance Vcc = 18V
2 MHz
Fig. 10
1 MHz
Supply Current vs. Frequency Vcc = 18V
6800 pF 3900 pF 2200 pF 1000 pF 470 pF 100 pF
1000
100
500 kHz
Supply Current (mA)
70 60 50 40 30 20 10 0 100
Supply Current (mA)
10
1
0.1
100 kHz 50 kHz 10 kHz
1000 10000
0.01 1 10 100 1000 10000
Load Capacitance (pF)
Fig. 12
1000
1 Mhz
Frequency (kHz)
Fig. 11
100 90 80
Supply Current vs. Load Capacitance Vcc = 12V 2 MHz
Supply Current vs. Frequency Vcc = 12V
6800 pF 3900 pF 2200 pF 1000 pF 470 pF 100 pF
100
Supply Current (mA)
70 60 50
Supply Current (mA)
10
500 kHz
40 30 20 10 0 100
1
0.1
100 kHz 50 kHz 10 kHz
1000 10000
0.01 1 10 100 1000 10000
Load Capacitance (pF)
Fig. 13
100 90 80
Frequency (kHz)
Fig. 14
2 MHz
Supply Current vs. Load Capacitance Vcc = 8V
Supply Current vs. Frequency Vcc = 8V
1000
100
Supply Current (mA)
70 60 50 40 30 20 10 0 100 100 kHz 50 kHz 10 kHz H 1000 10000 500 kHz 1 MHz
Supply Current (mA)
10
6800 pF 3900 pF 2200 pF 1000 pF 470 pF 100 pF
1
0.1
0.01 1 10 100 1000 10000
Load Capacitance (pF)
6
Frequency (kHz)
IXDN402 / IXDI402 / IXDF402
Fig. 15
45 40
Propagation Delay vs. Supply Voltage CL=1000 pF Vin=5V@1KHz
Fig. 16
50 45
Propagation Delay vs. Input Voltage CL = 1000 pF Vcc = 15V
Propagation Delay (ns)
Propagation Delay (ns)
35 tONDLY 30 25 20 15 10 5 0 8 10 12 14 16 18 tOFFDLY
40 35 30 25 20 15 10 5 0 2 3
tONDLY
tOFFDLY
4
5
6
7
8
9
10
11
12
Supply Voltage (V)
Input Voltage (V)
Fig. 17
40
Propagation Delay Times vs. Temperature CL = 1000pF, Vcc = 18V
Fig. 18
0.8
Q uiescent SupplyCurrent vs. Tem perature Vcc = 18V, Vin=5V@ z, CL = 1000pF 1kH
Quiescent Vcc Input Current (mA)
80 100 120 140
35 tONDLY 30
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -60
Time (ns)
tOFFDLY 25
20
15
10
-60 -40 -20 0 20 40 60
-40
-20
0
20
40
60
80
100
120
140
Temperature (C)
Tem perature (C)
Fig. 19
4 3.5 3 2.5 2 1.5 1 0.5 0 -60
P Channel Output Source Current vs. Temperature Vcc = 18V, CL = 1000 pF
Fig. 20
N Channel Sink Output Current vs. Temperature Vcc = 18V CL = 1000 pF
4
4.5
P Channel Output Current (A)
N Channel Output Current (A)
-40 -20 0 20 40 60 80 100 120 140
3.5 3 2.5 2 1.5 1 0.5 0
-60 -40 -20 0 20 40 60 80 100 120 140
Temperature (C)
7
Temperature (C)
IXDN402 / IXDI402 / IXDF402
Fig. 22
4.5
Fig. 21 High State Output Resistance vs. Supply Voltage
8
Low State Output Resistance vs. Supply Voltage
Low State Output Resistance (Ohms)
7 9 11 13 15 17 19 21 23 25
High State Output Resistance (Ohms)
7
4 3.5 3 2.5 2 1.5 1 0.5 0
7 9 11 13 15 17 19 21 23 25
6
5
4
3
2
1
0
Supply Voltage (V)
Supply Voltage (V)
Fig. 23
0
Vcc vs. P Channel Output Current
Fig. 24
5 4.5
Vcc vs. N Channel Source Output Current
P Channel Output Current (A)
N Channel Output Current (A
7 9 11 13 15 17 19 21 23 25
-0.5
4 3.5 3 2.5 2 1.5 1 0.5
-1
-1.5
-2
-2.5
-3
-3.5
0 7 9 11 13 15 17 19 21 23 25
Vcc (V)
Vcc (V)
8
IXDN402 / IXDI402 / IXDF402 PIN CONFIGURATIONS
1 2 3 4
NC IN A GND INB
NC OUT A
8 7
1 2 3 4
NC IN A GND INB
NC OUT A
8 7
1 2 3 4
NC IN A GND INB
NC OUT A
8 7
VS 6 OUT B 5
VS 6 OUT B 5
VS 6 OUT B 5
8 Lead PDIP (PI) 8 Pin SOIC (SI) IXDN402
8 Lead PDIP (PI) 8 Pin SOIC (SI) IXDI402
8 Lead PDIP (PI) 8 Pin SOIC (SI) IXDF402
1 NC 2 IN A 3 NC 4 GND 5 GND 6 NC 7 IN B 8 NC
NC 16 OUT A 15 OUT A 14 VCC 13 VCC 12 OUT B 11 OUT B 10 NC 9
1 NC 2 IN A 3 NC 4 GND 5 GND 6 NC 7 IN B 8 NC
NC 16 OUT A 15 OUT A 14 VCC 13 VCC 12 OUT B 11 OUT B 10 NC 9
1 NC 2 IN A 3 NC 4 GND 5 GND 6 NC 7 IN B 8 NC
NC 16 OUT A 15 OUT A 14 VCC 13 VCC 12 OUT B 11 OUT B 10 NC 9
16 Pin SOIC IXDN402SI-16
16 Pin SOIC IXDI402SI-16
16 Pin SOIC IXDF402SI-16
Supply Bypassing, Grounding Practices And Output Lead inductance
When designing a circuit to drive a high speed MOSFET utilizing the IXDN402/IXDI402/IXDF402, it is very important to observe certain design criteria in order to optimize performance of the driver. Particular attention needs to be paid to Supply Bypassing, Grounding, and minimizing the Output Lead Inductance. Say, for example, we are using the IXDN402 to charge a 1500pF capacitive load from 0 to 25 volts in 25ns. Using the formula: I= V C / t, where V=25V C=1500pF & t=25ns, we can determine that to charge 1500pF to 25 volts in 25ns will take a constant current of 1.5A. (In reality, the charging current won't be constant, and will peak somewhere around 2A). SUPPLY BYPASSING In order for our design to turn the load on properly, the IXDN402 must be able to draw this 1.5A of current from the power supply in the 25ns. This means that there must be very low impedance between the driver and the power supply. The most common method of achieving this low impedance is to bypass the power supply at the driver with a capacitance value that is an order of magnitude larger than the load capacitance. Usually, this would be achieved by placing two different types of bypassing capacitors, with complementary impedance curves, very close to the driver itself. (These capacitors should be carefully selected and should have low inductance, low resistance and high-pulse current-service ratings). Lead lengths may radiate at high frequency due to inductance, so care should be taken to keep the lengths of the leads between these bypass capacitors and the IXDN402 to an absolute minimum. 9 GROUNDING In order for the design to turn the load off properly, the IXDN402 must be able to drain this 1.5A of current into an adequate grounding system. There are three paths for returning current that need to be considered: Path #1 is between the IXDN402 and its load. Path #2 is between the IXDN402 and its power supply. Path #3 is between the IXDN402 and whatever logic is driving it. All three of these paths should be as low in resistance and inductance as possible, and thus as short as practical. In addition, every effort should be made to keep these three ground paths distinctly separate. Otherwise, the returning ground current from the load may develop a voltage that would have a detrimental effect on the logic line driving the IXDN402. OUTPUT LEAD INDUCTANCE Of equal importance to Supply Bypassing and Grounding are issues related to the Output Lead Inductance. Every effort should be made to keep the leads between the driver and its load as short and wide as possible. If the driver must be placed farther than 2" (5mm) from the load, then the output leads should be treated as transmission lines. In this case, a twistedpair should be considered, and the return line of each twisted pair should be placed as close as possible to the ground pin
of the driver, and connected directly to the ground terminal of the load.
IXDN402 / IXDI402 / IXDF402
IXYS Corporation 3540 Bassett St; Santa Clara, CA 95054 Tel: 408-982-0700; Fax: 408-496-0670 e-mail: sales@ixys.net www.ixys.com IXYS Semiconductor GmbH Edisonstrasse15 ; D-68623; Lampertheim Tel: +49-6206-503-0; Fax: +49-6206-503627 e-mail: marcom@ixys.de Directed Energy, Inc. An IXYS Company 2401 Research Blvd. Ste. 108, Ft. Collins, CO 80526 Tel: 970-493-1901; Fax: 970-493-1903 e-mail: deiinfo@directedenergy.com www.directedenergy.com
10
Doc #9200-0254 R2


▲Up To Search▲   

 
Price & Availability of IXDI402SIA-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X