|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IP117MAHV-LCC4 IP117MHV-LCC4 IP117MA-LCC4 IP117M-LCC4A 1.27 (0.050) 1.07 (0.040) 9.14 (0.360) 8.64 (0.340) 12 13 14 15 16 1.39 (0.055) 1.02 (0.040) 2.16 (0.085) 0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE FEATURES * OUTPUT VOLTAGE RANGE ADJUSTABLE: 1.25 TO 40V FOR STANDARD VERSION 1.25 TO 60V FOR -HV VERSION * 1% OUTPUT VOLTAGE TOLERANCE (-A VERSIONS) * 0.3% LOAD REGULATION * 0.01% / V LINE REGULATION * COMPLETE SERIES OF PROTECTIONS: * CURRENT LIMITING * THERMAL SHUTDOWN * SOA CONTROL 11 7.62 (0.300) 7.12 (0.280) 17 18 1 2 0.76 (0.030) 0.51 (0.020) 10 9 8 7 6 5 4 3 1.65 (0.065) 1.40 (0.055) 0.33 (0.013) Rad. 0.08 (0.003) 1.39 (0.055) 1.15 (0.045) 0.43 (0.017) 0.18 (0.007 Rad. Pins 4,5 - Adjust Pins 6,7,8,9,10,11,12,13 - VIN Pins 15,16,17,18,1,2 - VOUT DESCRIPTION The IP117M Series are three terminal positive adjustable voltage regulators capable of supplying in excess of 0.5A over a 1.25V to 60V output range. These regulators are exceptionally easy to use and require only two external resistors to set the output voltage. In addition to improved line and load regulation, a major feature of the "A" series is the initial output voltage tolerance, which is guaranteed to be less than 1%. Over full operating conditions, including load, line, and power dissipation, the reference voltage is guaranteed not to vary more than 2%. These devices exhibit current limit, thermal overload protection, and improved power device safe operating area protection, making them essentially indestructible. ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated) VI-O PD TJ TSTG Input - Output Differential Voltage Power Dissipation Operating Junction Temperature Range Storage Temperature Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. - Standard - HV Series 40V 60V Internally limited -55 to 150C -65 to 150C Prelim. 1/99 Semelab plc. IP117MAHV-LCC4 IP117MHV-LCC4 IP117MA-LCC4 IP117M-LCC4A Parameter VREF Reference Voltage Test Conditions IOUT = 10mA IOUT = 10mA to IMAX VIN - VOUT = 3V to VMAX P PMAX TJ = -55 to +150C IP117MAHV IP117MA Min. Typ. Max. 1.238 1.220 1.25 1.250 0.005 0.010 5 0.1 15 0.3 0.002 CADJ = 0 CADJ = 10F 65 66 80 50 0.2 100 5 VOUT 5V VOUT 5V VOUT 5V VOUT 5V 1.262 1.270 0.010 0.020 15 0.3 50 1 0.020 IP117MHV , IP117M Min. Typ. Max. Units V 1.200 1.250 0.010 0.020 5 0.1 20 0.3 0.030 65 66 80 50 0.2 100 5 1.300 0.020 0.050 15 0.3 50 1 0.070 V VOUT VIN VOUT IOUT Line Regulation 1 VIN - VOUT = 3V to VMAX TJ = -55 to +150C IOUT = 10mA to IMAX %/V mV % mV % %/W dB dB A A Load Regulation 1 IOUT = 10mA to IMAX TJ = -55 to +150C tp = 20ms VOUT = 10V f = 120Hz Thermal Regulation Ripple Rejection IADJ IADJ Adjust Pin Current Adjust Pin Current Change TJ = -55 to +150C TJ = -55 to +150C IOUT = 10mA to IMAX TJ = -55 to +150C VIN - VOUT = 2.5V to VMAX VIN - VOUT = 40V TJ = -55 to +150C VIN - VOUT = 60V (HV SERIES) TJ = -55 to +150C VIN - VOUT 15V TJ = -55 to +150C VIN - VOUT = 40V VIN - VOUT = 60V (HV SERIES) 0.50 0.15 IMIN Minimum Load Current 3.5 3.5 0.80 0.20 0.30 1 t = 1000 Hrs 0.3 0.001 5 7 0.50 0.15 3.5 3.5 0.80 0.20 0.30 5 mA 7 A A % 1 % % 13 C/W ICL Current Limit VOUT Temperature TEMP Stability VOUT TIME en RJC Long Term Stability RMS Output Noise (% of VOUT) Thermal Resistance Junction to Case TJ = -55 to +150C TA = +125C f = 10 Hz to 10 kHz LCC4 Package 2 1 1 0.3 0.001 13 1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating effects are covered under thermal regulation specifications. 2) Test Conditions unless othewise stated: VIN - VOUT = 5V , TJ = 25C , IOUT = 0.1A , PMAX = 10W , IMAX = 0.5A VMAX = 40V for standard series , 60V for HV series. Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. Prelim. 1/99 |
Price & Availability of IP117M-LCC4 |