Part Number Hot Search : 
204763 00030 LMV321 BAT54A C3552 47100 002228 00030
Product Description
Full Text Search
 

To Download IL1117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IL1117-x 1.0A Low Dropout Positive Voltage Regulator
Features
Adjustable and Fixed of 1.2, 1.25, 1.5, 1.8, 2.5, 2.85, 3.3, 5.0V Space saving SMD types of SOT-223 1.2V Drop-out Voltage 1.0A Output Current Line Regulation Typically at 0.2% max Current Limiting and Thermal Protection

SOT-223
IL1117-xx S1117-XX
ADJ/ GND OUT IN
General Description
The IL1117 is a series of low dropout voltage regulators which can provide up to 1A of output current. The IL1117 is available in seven fixed voltage, 1.2, 1.25, 1.5, 1.8, 2.5, 2.85, 3.3 and 5.0V. Additionally it is also available in adjustable version. On chip precision trimming adjusts the reference/ output voltage to within 2%. Current limit is also trimmed to ensure specified output current and controlled short-circuit current. The IL1117 series is available in SOT-223 packages. A minimum of 10uF tantalum capacitor is required at the output to improve the transient response and stability.
1
2
3
Applications
Post Regulator for switching DC/DC Converter High Efficiency Linear Regulator Battery Chargers PC Add on Card Motherboard clock supplies LCD Monitor Set-top Box

Absolute Maximum Ratings
Maximum Input Voltage ~ 15.0V Operating Junction Temperature Range -25 ~ 125 Storage Temperature Range -50 ~ 150

1
IL1117-x
Electrical Characteristics
(Vin = 5V, Co = 10uF, Ta = 25, unless otherwise specified) PARAMETER OUTPUT VOLTAGE IL1117-1.2 IL1117-1.25 (Adjustable) IL1117-1.5 IL1117-1.8 IL1117-2.5 IL1117-2.85 IL1117-3.3 IL1117-5.0 LINE REGULATION IL1117-1.2 IL1117-1.25 (Adjustable) IL1117-1.5 IL1117-1.8 IL1117-2.5 IL1117-2.85 IL1117-3.3 IL1117-5.0 LOAD REGULATION IL1117-1.2 IL1117-1.25 (Adjustable) IL1117-1.5 IL1117-1.8 IL1117-2.5 IL1117-2.85 IL1117-3.3 IL1117-5.0 DROPOUT VOLTAGE (2) All Models CURRENT LIMIT MINIMUM LOAD CURRENT Adjustable Models QUIESCENT CURRENT Adjust Pin Current vs Load Current, IL1117 TEMPERATURE DRIFT RMS Output Noise Ripple Rejection Ratio Io = 800mA Io=1A Io=1A (Tj = -25C to +125C.) Vin = 5V Vin = 13.75V Vin = 5V Io = 10mA, Vin = 1.4 to 10V Io = 10mA to 1A, Vin = 1.4 to 10V Tj= -25C to +125C Bandwidth of 10Hz to 10kHz at 25C 120Hz input Ripple(Cadj for ADJ)=25uF Vin -Vo = 5V, Io = 1.0A Tj= -25C to +125C 5.2 50 0.5 0.5 0.003 60 72 1.10 1.20 1.20 1250 1.20 1.30 1.55 1600 5 10 120 5 V mA mA mA uA uA % %Vo dB Io=10mA to 1.0A, Vin =2.0V Io=10mA to 1.0A, Vin =2.0V Io=10mA to 1.0A, Vin =3.5V Io=10mA to 1.0A, Vin =3.8V Io=10mA to 1.0A, Vin =4.5V Io=10mA to 1.0A, Vin =4.85V Io=10mA to 1.0A, Vin=5.3V Io=10mA to 1.0A, Vin=7.0V 0.2 3.0 3.0 3.0 3.0 3.0 4.0 5.0 0.4 10.0 10.0 10.0 10.0 10.0 12.0 15.0 % mV mV mV mV mV mV mV Io=10mA to 1.0A, Vin =1.5 to 12.0V Io=10mA to 1.0A, Vin =1.5 to 12.0V Io=10mA to 1.0A, Vin =3.0 to 12.0V Io=10mA to 1.0A, Vin =3.3 to 12.0V Io=10mA to 1.0A, Vin =4.0 to 12.0V Io=10mA to 1.0A, Vin =4.4 to 12.0V Io=10mA to 1.0A, Vin =4.8 to 12.0V Io=10mA to 1.0A, Vin =6.5 to 15.0V 0.1 2.0 2.0 2.0 2.0 2.0 3.0 4.0 0.2 7.0 7.0 7.0 7.0 7.0 7.0 10.0 % mV mV mV mV mV mV mV CONDITIONS Tj = -25C to +125C Io=10mA to 1.0A, Vin=1.5 to 12.0V Io=10mA to 1.0A, Vin=1.5 to 12.0V Io=10mA to 1.0A, Vin=3.0 to 12.0V Io=10mA to 1.0A, Vin=3.3 to 12.0V Io=10mA to 1.0A, Vin=4.0 to 12.0V Io=10mA to 1.0A, Vin=4.4 to 12.0V Io=10mA to 1.0A, Vin=4.8 to 12.0V Io=10mA to 1.0A, Vin=6.5 to 15.0V MIN 1.176 1.225 1.470 1.764 2.450 2.790 3.240 4.900 TYP 1.200 1.250 1.500 1.800 2.500 2.850 3.300 5.000 MAX 1.224 1.280 1.530 1.836 2.550 2.910 3.360 5.100 UNIT
V
1000
NOTES: (1) IL1117-x adjustable versions require a minimum load current for 3% regulation. (2) Dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage.
2
IL1117-x
Block Diagram
Application Information
IL1117
IL1117 (Adj)
FIGURE 1. Fixed-Voltage Model --Basic Connections.
FIGURE 2. Adjustable-Voltage Model --Basic Connections.
3
IL1117-x
4
IL1117-x
5
IL1117-x
SOT-223
6


▲Up To Search▲   

 
Price & Availability of IL1117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X