Part Number Hot Search : 
1861V33 ATHLON 1861V33 11610 TLHP4405 2FB8M GP30M US651
Product Description
Full Text Search
 

To Download HDSP-076X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hexadecimal and Numeric Displays for Industrial Applications Technical Data
HDSP-076X Series HDSP-077x Series HDSP-086x Series HDSP-096x Series
Features
* Three Colors High-Efficiency Red Yellow High Performance Green * Two High-Efficiency Red Options Low Power High Brightness * Three Character Options Numeric Hexadecimal Over Range * Performance Guaranteed over Temperature
* Memory Latch/Decoder/ Driver TTL Compatible * 4 x 7 Dot Matrix Character * Categorized for Luminous Intensity * Yellow and Green Categorized for Color
Typical Applications
* Industrial Equipment * Computer Peripherals * Instrumentation * Telecommunication Equipment
Description
These solid state display devices are designed and tested for use in adverse industrial environments. The character height is 7.4 mm (0.29 inch). The numeric and hexadecimal devices incorporate an on-board IC that contains the data memory, decoder and display driver functions. The numeric devices decode positive BCD logic into characters "0-9", a "-" sign, decimal point, and a test pattern. The hexadecimal devices decode positive BCD logic into 16 characters, "0-9, A-F." An input is provided on the hexadecimal devices to blank the display (all LEDs off) without losing the contents of the memory. The over range device displays " 1" and right hand decimal point and is typically driven via external switching transistors.
Device Selection Guide
Part Number HDSP0760 0761 0762 0763 0770 0771 0772 0763 0860 0861 0862 0863 0960 0961 0962 0963 Color High-Efficiency Red Low Power High-Efficiency Red High Brightness Yellow Description Numeric, Right Hand DP Numeric, Left Hand DP Hexadecimal Over Range 1 Numeric, Right Hand DP Numeric, Left Hand DP Hexadecimal Over Range 1 Numeric, Right Hand DP Numeric, Left Hand DP Hexadecimal Over Range 1 Numeric, Right Hand DP Numeric, Left Hand DP Hexadecimal Over Range 1 Front View A B C D A B C D A B C D A B C D
Green
2
Package Dimensions
Z
Figure 1. Timing Diagram
Figure 2. Logic Block Diagram.
3
Absolute Maximum Ratings
Description Storage Temperature, Ambient Operating Temperature, Ambient[1] Supply Voltage[2] Voltage Applied to Input Logic, dp and Enable Pins Voltage Applied to Blanking Input[2] Maximum Solder Temperature at 1.59 mm (0.062 inch) Below Seating Plane, t 5 seconds Symbol TS TA VCC VI, VDP, VE VB Min. -65 -55 -0.5 -0.5 -0.5 Max. +100 +85 +7.0 VCC VCC 260 Unit C C V V V C
Recommended Operating Conditions
Description Supply Voltage[2] Operating Temperature, Ambient[1] Enable Pulse Width Time Data Must Be Held Before Positive Transition of Enable Line Time Data Must Be Held After Positive Transition of Enable Line Enable Pulse Rise Time Symbol VCC TA tW tSETUP tHOLD tTLH Min. 4.5 -55 100 50 50 1.0 Nom. 5.0 Max. 5.5 +85 Unit V C nsec nsec nsec msec
Optical Characteristics at TA = 25C, VCC = 5.0 V
Device HDSP-0760 Series HDSP-0770 Series HDSP-0860 Series HDSP-0960 Series Description Luminous Intensity per LED (Digit Average)[3,4] Peak Wavelength Dominant Wavelength[5] Luminous Intensity per LED (Digit Average)[3,4] Peak Wavelength Dominant Wavelength[5] Luminous Intensity per LED (Digit Average)[3,4] Peak Wavelength Dominant Wavelength[5,6] Luminous Intensity per LED (Digit Average)[3,4] Peak Wavelength Dominant Wavelength[5,6] Symbol IV PEAK d IV PEAK d IV PEAK d IV PEAK d Min. 65 Typ. 140 635 626 620 635 626 490 583 585 1100 568 574 Max. Unit cd nm nm cd nm nm cd nm nm cd nm nm
260
215
298
Notes: 1. The nominal thermal resistance of a display mounted in a socket that is soldered onto a printed circuit board is RJA = 50C/W/ device. The device package thermal resistance is R J-PIN = 15C/W/device. The thermal resistance device pin-to-ambient through the PC board should not exceed 35C/W/device for operation at TA = +85C. 2. Voltage values are with respect to device ground, pin 6. 3. These displays are categorized for luminous intensity with the intensity category designated by a letter code located on the back of the display package. Case temperature of the device immediately prior to the light measurement is equal to 25C.
4
Electrical Characteristics; TA = -55C to +85C
Description Supply Current HDSP-0760 Series HDSP-0770 Series HDSP-0860 Series HDSP-0960 Series Power Dissipation HDSP-0760 Series HDSP-0770 Series HDSP-0860 Series HDSP-0960 Series Logic, Enable and Blanking Low-Level Input Voltage Logic, Enable and Blanking High-Level Input Voltage Logic and Enable Low-Level Input Current Blanking Low-Level Input Current Logic, Enable and Blanking High-Level Input Current Weight Leak Rate Symbol ICC Test Conditions VCC = 5.5 V (Characters "5." or "B" Displayed) Min. Typ.[7] 78 120 Max. 105 175 Unit mA
PT
390 690
573 963
mW
VIL VIH IIL IBL IIH
VCC = 4.5 V 2.0 VCC = 5.5 V VIL = 0.4 V VCC = 5.5 V VIH = 2.4 V 1.0
0.8
V V
-1.6 -10 +40
mA A A
gm 5x10-8 cc/sec
Notes: 4. The luminous intensity at a specific operating ambient temperature, IV (TA) may be approximated from the following exponential equation: IV (TA = IV (25C) e[k (TA - 25C)]. Device HDSP-0760 Series HDSP-0770 Series HDSP-0860 Series HDSP-0960 Series K -0.0131/C -0.0112/C -0.0104/C
5. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and is that single wavelength which defines the color of the device. 6. The HDSP-0860 and HDSP-0960 series devices are categorized as to dominant wavelength with the category designated by a number on the back of the display package. 7. All typical values at VCC = 5.0 V and TA = 25C.
5
Operational Considerations
Electrical These devices use a modified 4 x 7 dot matrix light emitting diode to display decimal/hexadecimal numeric information. The high efficiency red and yellow LEDs are GaAsP epitaxial layer on a GaP transparent substrate. The green LEDs are GaP epitaxial layer on a GaP transparent substrate. The LEDs are driven by constant current drivers, BCD information is accepted by the display memory when the enable line is at logic low and the data is latched when the enable is at logic high. Using the enable pulse width and data setup and hold times listed in the Recommended Operating Conditions allows data to be clocked into an array of displays at a 6.7 MHz rate.
The decimal point input is active low true and this data is latched into the display memory in the same fashion as the BCD data. The decimal point LED is driven by the on-board IC. The blanking control input on the hexadecimal displays blanks (turns off) the displayed information without disturbing the contents of display memory. The display is blanked at a minimum threshold level of 2.0 volts. When blanked, the display standby power is nominally 250 mW at TA = 25C. Mechanical The primary thermal path for power dissipation is through the device leads. Therefore, to insure reliable operation up to an ambient temperature of +85C, it is important to maintain a caseto-ambient thermal resistance of less than 35C watt/device as measured on top of display pin 3.
For information on soldering and post solder cleaning see Application Note 1027, Soldering LED Components.
Contrast Enhancement
These display devices are designed to provide an optimum ON/OFF contrast when placed behind an appropriate contrast enhancement filter. For further information, please refer to Application Note 1015, Contrast Enhancement Techniques for LED Displays.
Over Range Display
The over range devices display " 1" and decimal point. The character height and package configuration are the same as the numeric and hexadecimal devices. Character selection is obtained via external switching transistors and current limiting resistors.
Package Dimensions
Character + 1 Decimal Point Blank 1 1 0 X X 0 Pin 2,3 X X 1 X 0 4 X X X 1 0 8 1 1 X X 0
NOTE: 1. DIMENSIONS IN MILLIMETRES AND (INCHES).
Notes: 0: Line switching transistor in Figure 7 cutoff. 1: Line switching transistor in Figure 7 saturated. X: 'don't care'
6
Absolute Maximum Ratings
Description Storage Temperature, Ambient Operating Temperature, Ambient Forward Current, Each LED Reverse Voltage, Each LED Symbol TS TA IF VR Min. -65 -55 Max. +100 +85 10 5 Unit C C mA V
Figure 3. Typical Driving Circuit.
Recommended Operating Conditions VCC = 5.0 V
Forward Current Per LED, mA 2.8 8 8 8 Resistor Value R1 1300 360 360 360 R2 200 47 36 30 R3 300 68 56 43
Device HDSP-0763 Low Power High Brightness HDSP-0863 HDSP-0963
Luminous Intensity per LED
(Digit Average)[3,4] at TA = 25C Device Test Conditions HDSP-0763 IF = 2.8 mA IF = 8 mA HDSP-0863 IF = 8 mA HDSP-0963 IF = 8 mA Min. 65 215 298 Typ. 140 620 490 1100 Units cd cd cd cd
7
Electrical Characteristics: TA = -55C to +85C
Device Description HDSP-0763 Power Dissipation (All LEDs illuminated) Forward Voltage per LED HDSP-0863 Power Dissipation (All LEDs illuminated) Forward Voltage per LED HDSP-0963 Power Dissipation (All LEDs illuminated) Forward Voltage per LED Test Symbol Conditions PT IF = 2.8 mA IF = 8 mA VF IF = 2.8 mA IF = 8 mA PT IF = 8 mA VF PT IF = 8 mA VF Min. Typ. 72 224 1.6 1.75 237 1.90 243 1.85 Max. Unit mW 282 V 2.2 282 mW 2.2 V 282 mW 2.2 V
Intensity Bin Limits for HDSP-0760 Series
Bin A B C D E F G Intensity Range (cd) Min. Max. 65.00 102.14 84.29 137.86 114.29 200.00 165.71 300.00 260.00 487.86 402.86 755.71 625.00 1171.43
Note: Test conditions as specified in Optical Characteristic table.
Intensity Bin Limits for HDSP-0770 Series
Bin E F G H Intensity Range (cd) Min. Max. 260.00 487.64 403.00 755.79 624.64 1171.50 969.00 1817.00
Note: Test conditions as specified in Optical Characteristic table.
Intensity Bin Limits for HDSP-0860 Series
Bin A B C D E F Intensity Range (cd) Min. Max. 215.00 337.86 279.29 456.43 377.14 662.14 547.14 992.86 820.71 1539.29 1272.14 2385.71
Note: Test conditions as specified in Optical Characteristic table.
Intensity Bin Limits for HDSP-0960 Series
Bin C D E F G Intensity Range (cd) Min. Max. 298.57 523.57 432.86 785.00 648.57 1175.00 971.43 1757.86 1452.86 2629.29
Note: Test conditions as specified in Optical Characteristic table.
Color Bin Limits
Color Yellow Bin 1 2 3 1 2 3 Color Range (nm) Min. Max. 581.5 585.0 584.0 587.5 586.5 590.0 570.0 574.0 573.0 577.0 576.0 580.0
Green
Note: Test conditions as specified in Optical Characteristic table.
www.semiconductor.agilent.com Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. June 15, 2001 Obsoletes 5963-7395E (11/99) 5988-2260EN


▲Up To Search▲   

 
Price & Availability of HDSP-076X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X