Part Number Hot Search : 
MC33197P 2108A PT22002 1660C AP13010 LPBSA50L AN1N5419 RF6001
Product Description
Full Text Search
 

To Download HCF4503BM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HCF4503
HEX BUFFER
1 TTL-LOAD OUTPUT DRIVE CAPABILITY 2 OUTPUT-DISABLE CONTROLS s 3 STATE OUTPUTS s 5V, 10V, AND 15V PARAMETRIC RATINGS s QUIESCENT CURRENT SPECIFIED UP TO 15V s INPUT CURRENT OF 300nA AT 15V AND 25C s 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC TENTATIVE STANDARD N0. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
s s
DIP
ORDER CODES PACKAGE DIP SOP TUBE HCF4503BEY HCF4503BM1
SOP
T&R HCF4503M013TR
DESCRIPTION The HCF4503B is a monolithic integrated circuits, available in 16-lead dual in-line plastic package and plastic micro package.
The HCF4503B is a hex noninverting buffer with 3-state outputs having high sink and source-current capability. Two disable controls are provided, one of which controls four buffers and the other controls the remaining two buffers.
PIN CONNECTION
February 2000
1/10
HCF4503B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Supply Voltage Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature Storage Temperature Parameter Value -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -40 to +85 -65 to +150 Unit V V mA mW mW
o o
Top Tstg
C C
Stresses above those listedunder "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation ofthe device atthese or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratingconditions for external periods may affect device reliability. * Allvoltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 15 0 to VDD -40 to +85 Unit V V
o
C
2/10
HCF4503B
LOGIC DIAGRAM AND TRUTH TABLE
DN 0 1 X
DIS A (B) 0 0 1
QN 0 1 High Z
X = Don't care
3/10
HCF4503B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symb ol Parameter VI (V) IL Quiescent Current 0/5 0/10 0/15 VOH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current 0/5 0/5 0/10 0/15 IOL Output Sink Current 0/5 0/10 0/15 IIH, IIL IOZ CI Input Leakage Current 3-state Output Leakage Current Input Capacitance 0/15 0/15 0/5 0/10 0/15 VOL 5/0 10/0 15/0 VIH 0.5/4.5 1/9 1.5/13.5 VIL 4.5/0.5 9/1 13.5/1.5 IOH 2.5 4.6 9.5 13.5 0.4 0.5 1.5 Any Input Any Input Any Input <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 T est Cond it ios VO (V) Valu e Un it |IO | V DD -40 oC 25 o C 85 o C (A) (V) Min. Max. Min. T yp. Max. Min . Max. 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 15 15 -4.8 -1 -2.5 -6.8 2.1 5.4 16 0.3 1.0 3.5 7 11 1.5 3 4 -4.1 -0.8 -2.2 -5.8 1.8 4.7 13.7 -5.2 -1.6 -3.1 -11.9 1.9 5.3 19.5 10
-5
4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 4.95 9.95 14.95
0.02 0.02 0.02
4 8 16 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2.9 -0.6 -1.6 -4.2 1.2 3.3 9.7 0.3
30 60 120 V 0.05 0.05 0.05 V 1.5 3 4 mA V V A
mA
1 7.5
A A pF
10 -4 1.0 5 7.5
TheNoise Margin for both "1" and "0" level is: 1V min.withV DD = 5 V, 2 V min.with VDD = 10 V, 2.5 V min. with VDD = 15 V
4/10
HCF4503B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 oC, CL = 50 pF, RL = 200 K, typical temperaturecoefficent for all VDD values is 03 %/oC, all input rise and fall times= 20 ns)
Symb ol Parameter T est Cond ition s V DD (V) 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 Min. Value Typ. Max. 75 35 25 55 25 17 70 30 25 90 40 35 50 30 25 35 20 13 150 70 50 110 50 35 140 60 50 180 80 70 90 45 35 70 40 25 Un it
tPLH
Propagation Delay Time
ns
tPHL
Propagation Delay Time
ns
tPHZ tPZH tPZL tPLZ tTLH
3-State Propagation Delay Time
ns
3-State Propagation Delay Time
ns
Transition Time
ns
tTHL
Transition Time
ns
N-Channel Output Low (sink) Current Characteristics.
P-Channel Output High (source) Current Characteristics.
5/10
HCF4503B
Typical Propagation Delay Time vs. Load Capacitance. Typical Transition Time vs. Load Capacitance.
Typical Dynamic Power Dissipation vs.
TEST CIRCUITS Quiescent Device Current. Input Voltage.
6/10
HCF4503B
TEST CIRCUIT (continued) Input Leakage Current. Dynamic Power Dissipation.
7/10
HCF4503B
Plastic DIP-14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
8/10
HCF4503B
SO-14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
9/10
HCF4503B
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
10/10


▲Up To Search▲   

 
Price & Availability of HCF4503BM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X