Part Number Hot Search : 
B90547GP F1T1GA0G 44S025 NS2029M3 CD756D B99030 58DGK NS2029M3
Product Description
Full Text Search
 

To Download EPA480 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
DATA SHEET Features
* * * * * LOW COST SURFACE-MOUNT PLASTIC PACKAGE +36dBm TYPICAL OUTPUT POWER 13.0dB TYPICAL POWER GAIN AT 2GHz 0.5dB TYPICAL NOISE FIGURE AT 2GHz +43dBm TYPICAL OUTPUT 3rd ORDER INTERCEPT POINT AT 2GHz * 0.4 X 4800 MICRON RECESSED "MUSHROOM" GATE * Si3N4 PASSIVATION * ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY AND HIGH RELIABILITY Applications * Analog and Digital Wireless System * High Dynamic Range LNA * HPA
EPA480C-SOT89
DC-6GHz High Efficiency Heterojunction Power FET

$ &#

6285&(
'5$,1
*$7(
(Top View) All Dimensions In Mils
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
SYMBOLS P1dB G1dB PAE NF PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f = 2GHz Vds=8V, Ids=750mA Gain at 1dB Compression f = 2GHz Vds=8V, Ids=750mA Power Added Efficiency at 1dB Compression Vds=8V, Ids=750mA f = 2GHz Noise Figure f = 2GHz Vds=5V, Ids=300mA Vds=5-8V, Ids=750mA Output 3rd Order Intercept Point f = 2GHz Vds=5-8V, Ids=750mA Vds=5V, Ids=300mA Saturated Drain Current Vds=3V, Vgs=0V Transconductance Pinch-off Voltage Vds=3V, Vgs=0V Vds=3V, Ids=14mA -11 -7 MIN 34.5 11.0 TYP 36.0 13.0 50 MAX UNIT dBm dB % dB
0.5 1.2 43 41 1440 1560 -1.0 -15 -14 14*
o
IP3 Idss Gm Vp BVgd BVgs Rth
dBm 1880 mA mS -2.5 V V V C/W
880 960
Drain Breakdown Voltage Igd=4.8mA Source Breakdown Voltage Igs=4.8mA Thermal Resistance * Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25OC
SYMBOLS Vds Vgs Ids Igsf Pin Tch Tstg Pt PARAMETERS Drain-Source Voltage Gate-Source Voltage Drain Current Forward Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 12V -8V Idss 240mA 33dBm 175oC -65/175oC 10 W 8V -3V 1.05A 40mA @ 3dB Compression 150oC -65/150oC 8.4 W CONTINUOUS2
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054 Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
EPA480C-SOT89
DATA SHEET
DC-6GHz High Efficiency Heterojunction Power FET
Typical Performance S21 Distribution Noise Figure & IP3
EPA480C-S OT89
(5V, 2GH z) 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 200 400 Ids [mA] 600 800 50 40 30 20 10 0 IP 3 [dB m] NF IP3
S-PARAMETERS
8V, 750mA
FREQ (GHz) 0.1 0.2 0.3 0.4 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 --- S11 ----- S21 ----- S12 ----- S22 --MAG ANG MAG ANG MAG ANG MAG ANG 0.917 -118.9 31.148 119.1 0.017 41.6 0.696 -165.9 0.918 -146.6 17.708 102.7 0.015 28.6 0.720 -172.5 0.935 -159.4 12.132 94.9 0.017 30.6 0.722 -176.2 0.935 -166.5 9.200 89.6 0.017 33.5 0.725 -178.9 0.931 -172.0 7.382 85.7 0.018 33.9 0.724 179.3 0.921 174.2 3.742 71.2 0.027 42.4 0.711 171.5 0.876 161.6 3.201 60.2 0.047 43.1 0.629 158.9 0.866 152.3 2.452 49.3 0.061 40.0 0.622 151.8 0.850 144.2 2.053 38.7 0.076 35.2 0.607 145.2 0.843 135.1 1.821 27.3 0.093 28.8 0.578 137.7 0.829 123.0 1.654 14.5 0.112 20.0 0.548 129.0 0.814 108.9 1.524 0.4 0.132 9.3 0.545 117.8 0.820 94.0 1.364 -14.5 0.146 -2.5 0.552 104.8 0.834 80.8 1.206 -28.1 0.156 -13.9 0.575 91.8 0.850 70.4 1.070 -40.1 0.163 -23.9 0.594 79.5 0.857 62.6 0.969 -51.4 0.170 -34.4 0.615 68.0 0.868 54.4 0.892 -61.9 0.174 -42.0 0.642 57.3 0.869 43.7 0.845 -73.0 0.185 -50.8 0.653 48.8 0.873 30.2 0.791 -85.9 0.192 -60.6 0.660 39.0 0.863 16.3 0.705 -98.8 0.201 -70.6 0.657 26.9 0.863 5.8 0.621 -109.3 0.199 -84.0 0.676 15.0 0.872 -1.7 0.547 -118.7 0.183 -94.7 0.696 5.3 0.869 -6.7 0.484 -126.2 0.179 -102.3 0.696 -2.9 0.860 -9.5 0.439 -134.2 0.163 -115.2 0.700 -7.4 FREQ (GHz) 0.1 0.2 0.3 0.4 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0
NF [dB ]
S-PARAMETERS
5V, 150mA
--- S11 ----- S21 ----- S12 ----- S22 --MAG ANG MAG ANG MAG ANG MAG ANG 0.928 -112.1 28.454 121.6 0.018 41.0 0.675 -161.0 0.931 -143.9 16.571 104.7 0.020 33.2 0.744 -169.5 0.938 -157.7 11.424 96.5 0.020 26.5 0.747 -174.5 0.937 -165.4 8.690 91.0 0.023 26.6 0.754 -178.0 0.932 -171.2 6.989 87.0 0.024 27.2 0.756 180.0 0.918 174.6 3.558 72.4 0.032 33.9 0.747 171.4 0.872 162.1 3.066 61.6 0.051 35.7 0.674 158.7 0.862 152.7 2.349 50.9 0.065 33.2 0.666 151.2 0.845 144.5 1.971 40.4 0.080 30.0 0.653 144.1 0.837 135.4 1.756 29.0 0.097 23.3 0.625 136.1 0.823 123.2 1.597 16.5 0.116 15.0 0.593 126.9 0.807 109.1 1.475 2.5 0.135 5.1 0.589 115.5 0.814 94.2 1.325 -12.2 0.148 -6.4 0.596 102.2 0.828 80.9 1.172 -25.6 0.157 -17.9 0.616 89.5 0.843 70.6 1.042 -37.6 0.164 -27.6 0.633 77.1 0.850 62.8 0.943 -48.5 0.171 -37.7 0.650 65.6 0.861 54.6 0.871 -58.9 0.174 -45.5 0.674 55.0 0.861 43.9 0.827 -69.7 0.185 -54.0 0.684 46.7 0.864 30.5 0.778 -82.4 0.192 -63.4 0.687 36.6 0.857 16.7 0.697 -95.2 0.199 -73.1 0.684 24.5 0.857 6.1 0.618 -105.6 0.197 -86.1 0.699 13.3 0.869 -1.4 0.545 -115.0 0.183 -96.5 0.718 3.4 0.864 -6.5 0.487 -122.7 0.178 -104.6 0.720 -4.4 0.856 -9.2 0.439 -130.6 0.163 -117.5 0.715 -9.0


▲Up To Search▲   

 
Price & Availability of EPA480

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X