Part Number Hot Search : 
AP4959GM TT3042 MMBZ5V6A 2500W MAX66 SD210 MT9074 CHM1291
Product Description
Full Text Search
 

To Download BYW80PI-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BYW80PI-200
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
FEATURES SUITED FOR SMPS VERY LOW FORWARD LOSSES NEGLIGIBLE SWITCHING LOSSES HIGH SURGE CURRENT CAPABILITY HIGH AVALANCHE ENERGY CAPABILITY INSULATED PACKAGE : Insulating voltage = 2500 VRMS Capacitance = 7 pF
A K
DESCRIPTION Single chip rectifier suited for switchmode power supply and high frequency DC to DC converters. Packaged in Isolated TO220AC, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications.
isolated TO220AC (Plastic) BYW80PI-200
ABSOLUTE MAXIMUM RATINGS Symbol IF(RMS) IF(AV) IFSM Tstg Tj RMS forward current Average forward current = 0.5 Surge non repetitive forward current Storage and junction temperature range Tc=110C tp=10ms sinusoidal Parameter Value 20 10 100 - 65 to + 150 - 65 to + 150 Unit A A A C C
Symbol VRRM
Parameter Repetitive peak reverse voltage
Value 200
Unit V
August 1998
Ed : 2C
1/5
BYW80PI-200
THERMAL RESISTANCE Symbol Rth (j-c) Junction to case Parameter Value 3.5 Unit C/W
ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS Symbol IR * T j = 25C T j = 100C VF ** T j = 125C T j = 125C T j = 25C IF = 7 A IF = 15 A IF = 15 A Test Conditions VR = VRRM Min. Typ. Max. 10 1 0.85 1.05 1.15 Unit A mA V
Pulse test : * tp = 5 ms, duty cycle < 2 % ** tp = 380 s, duty cycle < 2 %
To evaluate the conduction losses use the following equation : P = 0.65 x IF(AV) + 0.027 x IF2(RMS)
RECOVERY CHARACTERISTICS Symbol trr Tj = 25C Test Conditions IF = 0.5A IR = 1A IF = 1A VR = 30V tfr VFP Tj = 25C Tj = 25C IF = 1A VFR = 1.1 x VF IF = 1A Irr = 0.25A dIF/dt = -50A/s tr = 10 ns tr = 10 ns 15 2 Min. Typ. Max. 25 35 ns V Unit ns
2/5
BYW80PI-200
Fig.1 : Average forward power dissipation versus average forward current.
P F(av)(W)
=0.1 =0.05 =0.2 =0.5 =1
Fig.2 : Peak current versus form factor.
14 12 10 8 6 4 2
200 175 150 125 100
T
IM(A)
T
P=10W
=tp/T tp
IM
75 50
P=5W
P=15W
IF(av)(A)
=tp/T
tp
25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
0 0
1
2
3
45
6
7
8 9 10 11 12 13 14
Fig.3 : Forward voltage drop versus forward current (maximum values).
VFM(V)
Fig.4 : Relative variation of thermal impedance junction to case versus pulse duration.
1.0
K
Zth(j-c) (tp. ) K= Rth(j-c)
=0.5 =0.2 = 0 .1
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
IFM(A)
Tj= 125 oC
0.5
T
0.2
Single pulse
0.1
1
10
100
0.1
1.0E-03 1.0E-02
tp(s)
1.0E-01
=tp/T
tp 1. 0E+00
Fig.5 : Non repetitive surge peak forward current versus overload duration.
Fig.6 : Average current temperature. (duty cycle : 0.5)
versus
ambient
100 90 80 70 60 50 40 30 20 10
0
IM(A)
Tc=25 oC
IM t =0.5
Tc=70 o C Tc=110 o C
t(s) 0.01 0.1 1
0.001
12 11 10 9 8 7 6 5 4 3 2 1 0 0
IF(av)(A)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15 o C/W =0.5
T
=tp/T
tp
Tamb(o C)
20
40
60
80
100
120
140
160
3/5
BYW80PI-200
Fig.7 : Junction capacitance versus reverse voltage applied (Typical values).
C(pF)
Fig.8 : Recovery charges versus dIF/dt.
QRR(nC)
90% CONFIDENCE Tj=125 o C
IF=IF(av)
VR(V)
dIF/dt(A/us)
Fig.9 : Peak reverse current versus dIF/dt.
Fig.10 : Dynamic parameters versus junction temperature.
O
I RM(A)
90% CONFIDENCE Tj=125 o C
QRR;IRM[Tj]/QRR;IRM[Tj=125 C]
IF=IF(av)
IRM
QRR
dIF/dt(A/us)
Tj( o C)
4/5
BYW80PI-200
PACKAGE MECHANICAL DATA TO220AC (isolated)
B I L b2 C
DIMENSIONS REF. Millimeters Min. Max. 15.87 4.50 14.70 10.45 0.96 1.39 4.82 0.65 2.70 5.58 6.85 4.00 3.00 1.75 Inches Min. 0.560 0.500 0.402 0.025 0.045 0.176 0.020 0.083 0.180 0.230 0.140 0.100 0.057 Max. 0.625 0.177 0.579 0.411 0.038 0.055 0.190 0.026 0.106 0.220 0.270 0.157 0.118 0.069
F
A
a1
l2 a2 b1
c1 e c2
A a1 a2 B b1 b2 C c1 c2 e F I L l2
14.23 12.70 10.20 0.64 1.15 4.48 0.35 2.10 4.58 5.85 3.55 2.54 1.45
Cooling method : C Marking : Type number Weight : 1.86 g Recommended torque value : 0.8m.N Maximum torque value : 1.0m.N
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of use of such information nor for any infringementof patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
5/5


▲Up To Search▲   

 
Price & Availability of BYW80PI-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X