Part Number Hot Search : 
520003 CLED405 OCXOVSTD 030AA 2N1916 M25PE20 SP4491EU ATTINY85
Product Description
Full Text Search
 

To Download BF622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon High-Voltage Transistor
q q q q q
BF 622
Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage Low capacitance Complementary type: BF 623 (PNP)
Type BF 622
Marking DA
Ordering Code (tape and reel) Q62702-F1052
Pin Configuration 1 2 3 B C E
Package1) SOT-89
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Collector-emitter voltage, RBE = 2.7 k Emitter-base voltage Collector current Peak collector current Total power dissipation, TS = 120 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VCER VEB0 IC ICM Ptot Tj Tstg
Values 250 250 250 5 50 100 1 150 - 65 ... + 150
Unit V
mA W C
90 30
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BF 622
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA IC = 10 A, RBE = 2.7 k Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector cutoff current VCB = 200 V VCB = 200 V, TA = 150 C Collector cutoff current VCE = 200 V, RBE = 2.7 k VCE = 200 V, RBE = 2.7 k, TA = 150 C Emitter cutoff current VEB = 5 V DC current gain1) IC = 25 mA, VCE = 20 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 1 mA Base-emitter saturation voltage1) IC = 10 mA, IB = 1 mA AC characteristics Transition frequency IC = 10 mA, VCE = 10 V, f = 20 MHz Output capacitance VCB = 30 V, f = 1 MHz fT Cobo - - 100 0.8 - - MHz pF V V(BR)CE0 V(BR)CER V(BR)CB0 V(BR)EB0 ICB0 - - ICER - - IEB0 hFE VCEsat VBEsat - 50 - - - - - - - - 1 50 10 - 0.5 1 - V - - 100 20 nA
A A
Values typ. max.
Unit
250 250 250 5
- - - -
- - - -
1)
Pulse test: t 300 s, D = 2 %.
Semiconductor Group
2
BF 622
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Output capacitance Cobo = f (VCE) f = 1 MHz
Permissible pulse load Ptot max/Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 10 V, f = 20 MHz
Semiconductor Group
3
BF 622
DC current gain hFE = f (IC) VCE = 20 V
Collector current IC = f (VBE) VCE = 20 V
Collector cutoff current ICB0 = f (TA) VCB = 200 V
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BF622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X