Part Number Hot Search : 
EPA3369S WA100 62081 TMP87 LHY2043 42042 MC68HC05 LA4700N
Product Description
Full Text Search
 

To Download BCW60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW 60 NPN
General Purpose Transistors Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 1.1
NPN
250 mW SOT-23 (TO-236) 0.01 g
0.4
3
Plastic case Kunststoffgehause
1.3 0.1
Type Code
1 2
2.5 max
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCB0 VEB0 Ptot IC ICM IBM Tj TS
Grenzwerte (TA = 25/C) BCW 60 32 V 32 V 5V 250 mW 1) 100 mA 200 mA 200 mA 150/C - 65...+ 150/C
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 32 V IE = 0, VCB = 32 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 4 V IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA IEB0
2
Kennwerte (Tj = 25/C) Typ. - - - Max. 20 nA 20 :A 20 nA 350 mV 550 mV
ICB0 ICB0
- - - 50 mV 100 mV
Collector saturation volt. - Kollektor-Sattigungsspg. ) VCEsat VCEsat
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 38 01.11.2003
General Purpose Transistors Characteristics (Tj = 25/C) Min. Base saturation voltage - Basis-Sattigungsspannung 1) IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA BCW 60B VCE = 5 V, IC = 10 :A BCW 60C BCW 60D BCW 60B VCE = 5 V, IC = 2 mA BCW 60C BCW 60D BCW 60B VCE = 1 V, IC = 50 mA BCW 60C BCW 60D Base-Emitter voltage - Basis-Emitter-Spannung 1) VCE = 5 V, IC = 10 :A VCE = 5 V, IC = 2 mA VCE = 1 V, IC = 50 mA Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 5 V, IC = 200 :A, RG = 2 kS, f = 1 kHz, )f = 200 Hz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Marking - Stempelung BCW 60B = AB F - RthA 2 dB fT CCB0 CEB0 100 MHz - - 250 MHz 1.7 pF 11 pF VBEon VBEon VBEon - 550 mV - 520 mV 650 mV 780 mV VBEsat VBEsat hFE hFE hFE hFE hFE hFE hFE hFE hFE 600 mV 700 mV 20 40 100 180 250 380 70 90 100 - - - - - - - - - - -
BCW 60 Kennwerte (Tj = 25/C) Typ. Max. 850 mV 1050 mV - - - 310 460 630 - - - - 700 mV - - - -
DC current gain - Kollektor-Basis-Stromverhaltnis 1)
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Emitter-Base Capacitance - Emitter-Basis-Kapazitat
6 dB 420 K/W 2)
BCW 61 series BCW 60C = AC BCW 60D = AD
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
39


▲Up To Search▲   

 
Price & Availability of BCW60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X