Part Number Hot Search : 
C1228A R1060 SLA24C 7BC84I SBR101 LP1810 1428A W9NC80Z
Product Description
Full Text Search
 

To Download BCM5676 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5676
(R)
BCM5676 4-PORT, 96-GBPS SWITCH FABRIC
FEATURES * Four 10-Gbps and 12-Gbps (HiGig+TM) configurable switch
fabric ports * Nonblocking, 96-Gbps wirespeed, backplane/switch fabric performance * Forwarding rate of 72 million packets/second
SUMMARY OF BENEFITS * System vendors can build high-performance, high-density
Gigabit Ethernet LAN switches in several form factors
* Very low latency and advanced QoS enable seamless * * * *
* * * *
Multistage switch fabric scalable up to 750 Gbits Eight integrated high-speed XAUI interfaces Eight programmable priority queues per port
Port trunking (up to 4 ports) and mirroring across multiple devices * Hot-swap capable with AC coupling * Supports redundancy on linecards for chassis-based applications * Advanced diagnostic features including IEEE 1149.1 boundary scan, JTAG, and extensive BIST functionality * Resilient link configuration through active multi-path forwarding * PCI and I2C interface
integration of voice, video, and data traffic Built-in high-speed XAUI interfaces with Broadcom-unique SerDes technology eases and accelerates system design, while reducing cost and conserving board space Large internal data buffer memory eliminates the need for expensive external memory Drives up to 10m of low-cost copper cables backplane and stacking support Broadcom switch API compatibility enables reuse of resources and fast time-to-market
TARGET APPLICATIONS * Switch fabric in modular Gigabit Ethernet chassis * Switch fabric in high-port-count stand-alone or stackable
Gigabit Ethernet switches
* * * *
Broadcom switch API compatibility Advanced 0.13-m CMOS technology Small 600-pin EBGA package; pin-compatible with BCM5671 Low power consumption
* Switch fabric for in-server switch blade applications * Packet-based switch fabric in telecom applications
Non-blocking 4-port HiGig+ Switch Fabric
10G/ 12G
10G
HiGig+ Interface
HiGig+
QUEUE SYSTEM
HiGig+
10G/ 12G
CMIC RAM
10G/ 12G
FORWARDING TABLES
HiGig+
HiGig+ Protocol Processor
HiGig+
10G/ 12G
4 channels of 3.125/3.75 Gbps (XAUI I/F)
OVERVIEW
Functional Design of BMC5676-Based 24-Port GE Switch With 2 x 10 GE Ports
2 x 10GE BCM8703 BCM5676 BCM5674 SDRAM PCI FLASH
CPU
BCM5695
BCM5695 BCM5464
BCM5695 BCM5464
12 x GE
12 x GE
General Description The Broadcom BCM5676 switch fabric is the central component of the modular and highly scalable StrataXGSTM Gigabit Ethernet switch architecture. StrataXGS components can be applied in a wide variety of configurations, enabling system designers to strategically balance cost, port density, and performance in the products they build. Scalability Switches based on the BCM5676 offer world-class scalability and performance when used in conjunction with other StrataXGS family components. A BCM5676-based switch fabric can scale up to as many as 768-GE ports or 64 10-GE ports in the same network. A multistage switch fabric using the StrataXGS family can have a bandwidth capacity of up to 750 Gbits. Highly Integrated The integration of Broadcom's robust XAUI-compatible serializer/ deserializer (SerDes) interface on each BCM5676 port reduces board complexity. The XAUI interface can be used to route high-speed signals
across 44 inches of FR4, connectors, and backplanes. SerDes technology also enables the use of inexpensive cables for stacking applications. Superior Performance The BCM5676 delivers wirespeed switching performance across all of the ports simultaneously. The effective bandwidth of each HiGig+TM interface is 24 Gbps (12 Gbps, full-duplex). The BCM5676 switch fabric offers a backplane capacity of up to 96 Gbps and can interconnect with other StrataXGS components for switch fabric of up to 750 Gbits. It introduces very low switching latency, enabling the high-quality transmission of voice, video, and data traffic. Flexible Management The BCM5676 HiGig+ switch links to a host CPU through a PCI bus at speeds of up to 66 MHz. Bus mastering and advanced DMA are supported in hardware for the efficient exchange of packet data between CPU memory and the BCM5676 switch. The BCM5676 switch can also work without host CPU support, using an I2C interface and external microcontroller to initialize chip registers and forwarding tables.
Broadcom(R), the pulse logo Connecting everything(R), HiGigTM, and StrataXGSTM are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5676-PB00-R 03/31/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5676

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X