Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download BB659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB639/BB659...
Silicon Variable Capacitance Diodes For tuning of extended frequency band in VHF TV / VTR tuners High capactance ratio Low series inductance Low series resistance Excellent uniformity and matching due to "in-line" matching assembly procedure

1
BB639 BB659
2
Type BB639 BB659
Package SOD323 SCD80
Configuration single single
LS (nH) Marking 1.8 yellow S 0.6 DE
Maximum Ratings at TA = 25C, unless otherwise specified Parameter Symbol Value Unit
Diode reverse voltage Peak reverse voltage Forward current Operating temperature range Storage temperature (R 5k )
VR VRM IF Top Tstg
30 35 20 -55 ... 150 -55 ... 150
V
mA C
1
Nov-07-2002
BB639/BB659...
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. DC Characteristics Reverse current VR = 30 V VR = 30 V, TA = 85 C AC Characteristics Diode capacitance
VR = 1 V, f = 1 MHz VR = 2 V, f = 1 MHz VR = 25 V, f = 1 MHz VR = 28 V, f = 1 MHz CT
Unit max. nA
typ.
IR 10 200
pF 36 27.7 2.5 2.4 38.3 29.75 2.85 2.6 14.7 10.4 40 31.8 3.2 2.9 %
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz
CT1 /CT28 CT2 /CT25 CT/CT
13.5 9.8
Capacitance ratio
VR = 2 V, VR = 25 V, f = 1 MHz
VR = 1 V, VR = 28 V, f = 1 MHz, 7 diode sequence
BB639
VR = 1 V, VR = 28 V, f = 1 MHz, 4 diode sequence
BB659
VR = 1 V, VR = 28 V, f = 1 MHz, 7 diode sequence
BB659 Series resistance
VR = 5 V, f = 470 MHz
1For
details please refer to Application Note 047.
2
Nov-07-2002
Capacitance matching1)
rS
0.3 0.4 0.65
2.5 1 2 0.7
-
BB639/BB659...
Diode capacitance CT =
f = 1MHz
40
pF 1/C
(VR )
Temperature coefficient of the diode
10 -3
30
CT
25
TC C
20
10 -4
15
10
5 10 -5 0 10
0 0
5
10
15
20
V
30
VR
VR = 28V
10
3
TA = Parameter
10 3
pA
pA
10 2 10
2
IR
IR
10 1
10
1
10 0
10
0
-30
-10
10
30
50
70
C
100
10 -1 0 10
TA
3
Reverse current I R =
(TA)
Reverse current IR =
capacitance TCc =
(VR )
10
1
V
10
2
VR
(VR)
85C
25C
10
1
V
10
2
VR
Nov-07-2002


▲Up To Search▲   

 
Price & Availability of BB659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X