Part Number Hot Search : 
M74S240N 2V181HJ EPL65132 6N60C D5S6M 100336 R1610 HAF1008L
Product Description
Full Text Search
 

To Download BAT54SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BAT54J / W / AW / CW / SW
SMALL SIGNAL SCHOTTKY DIODE
FEATURES AND BENEFITS VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD VOLTAGE DROP SURFACE MOUNT DEVICE
K NC A
NC K A K2 K1 A
K2
A
K1
BAT54W DESCRIPTION Schottky barrier diodes encapsulated either in SOT-323 or SOD-323 small SMD packages. Single and double diodes with different pining are available.
K A2 A1 A1 K A2
A2 K1
BAT54AW
K2
K2 A1
A2 K1
A1
BAT54CW SOT-323
BAT54SW
A
86
K
BAT54J SOD-323 ABSOLUTE RATINGS (limiting values) Symbol VRRM IF IFSM Ptot Tstg Tj TL Continuous forward current Surge non repetitive forward current Power dissipation (note 1) Tamb = 25C Maximum storage temperature range Maximum operating junction temperature * Maximum temperaturefor soldering during 10s tp=10ms sinusoidal SOD-323 SOT-323 - 65 to +150 150 260 C C C Parameter Repetitive peak reverse voltage Value 30 0.3 1 230 Unit V A A mW
Note 1: for double diodes, Ptot is the total dissipation of both diodes
*:
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth(j-a)
1/5
June 1999 - Ed: 2A
BAT54J / W / AW / CW / SW
THERMAL RESISTANCE Symbol Rth (j-a) Junction to ambient (*) Parameters SOD-323 SOT-323 (*) Mounted on epoxy board, with recommended pad layout. STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol VF * Parameters Forward voltage drop Tests conditions Tj = 25C IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA IR ** Reverse leakage current Tj = 25C Tj = 100C
Pulse test : * tp = 380 s, < 2% ** tp = 5 ms, < 2%
Value 550
Unit C/W C/W
Min.
Typ.
Max. 240 320 400 500 900 1 100
Unit mV
VR = 30 V
A
DYNAMIC CHARACTERISTICS (Tj = 25 C) Symbol C trr Parameters Junction capacitance Reverse recovery time Tests conditions Tj = 25C VR = 1 V F = 1 MHz Min. Typ. Max. 10 5 Unit pF ns
IF = 10 mA IR = 10 mA Tj = 25C Irr = 1 mA RL = 100
Fig. 1-1: Forward voltage drop versus forward current (typical values, low level).
IFM(A) 2.00E-2 1.80E-2 Tj=100C 1.60E-2 1.40E-2 Tj=25C 1.20E-2 Tj=50C 1.00E-2 8.00E-3 6.00E-3 4.00E-3 2.00E-3 VFM(V) 0.00E+0 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Fig. 1-2: Forward voltage drop versus forward current (typical values, high level).
IFM(A) 5E-1
Tj=100C
1E-1
Tj=50C
1E-2
Tj=25C
VFM(V) 1E-3 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
2/5
BAT54J / W / AW / CW / SW
Fig. 2: Reverse leakage current versus reverse voltage applied (typical values).
IR(A) 1E+2
Tj=100C
Fig. 3: Reverse leakage current versus junction temperature.
IR(A) 1E+4
VR=30V
1E+3 1E+2
1E+1 1E+0 1E-1 1E-2
1E+1 1E+0
Tj=25C
Tj=50C
1E-1
VR(V) 0 5 10 15 20 25 30
1E-2
Tj(C) 0 25 50 75 100 125 150
Fig. 4: Junction capacitance versus reverse voltage applied (typical values).
Fig. 5: Relative variation of thermal impedance junction to ambient versus pulse duration (epoxy FR4 with recommended pad layout, e(Cu)=35m)
C(pF) 10
F=1MHz Tj=25C
Zth(j-a)/Rth(j-a) 1.00
= 0.5
5
= 0.2
0.10
= 0.1
2
Single pulse
T
VR(V) 1 1 2 5 10 20 30
tp(s) 0.01 1E-3 1E-2 1E-1 1E+0
=tp/T
tp
1E+1
1E+2
Fig. 6: Thermal resistance junction to ambient versus copper surface under each lead (Epoxy printedcircuit board FR4, copper thickness: 35m.)
Rth(j-a) (C/W) 600 550 500 450 400 350 S(Cu) (mm ) 300 0 5 10 15 20 25 30 35 40 45 50
P=0.2W
3/5
BAT54J / W / AW / CW / SW
PACKAGE MECHANICAL DATA SOT-323 DIMENSIONS
A
REF.
A1 D
Millimeters 0.8 0.0 0.25 0.1 1.8 1.15 1.8 0.1 0 2.0 1.25 0.65 2.1 0.2 2.4 0.3 30 1.1 0.1 0.4 2.2 0.031 0.0 0.010
Inches 0.043 0.004 0.016 0.010
Min. Typ. Max. Min. Typ. Max. A A1 b c
b L
0.26 0.004
D E e H L
0.071 0.079 0.086 0.026 0.071 0.083 0.094 0.004 0.008 0.012 0 30
1.35 0.045 0.049 0.053
H
E
c
e
4/5
BAT54J / W / AW / CW / SW
PACKAGE MECHANICAL DATA SOD-323 DIMENSIONS REF. Millimeters Min.
E
H b
A1
Inches Min. 0 0.01 0.004 0.06 0.044 0.09 0.004 0.004 Max. 0.046 0.004 0.017 0.01 0.071 0.057 0.106 0.02 0.016
Max. 1.17 0.1 0.44 0.25 1.8 1.45 2.7 0.46 0.41
A A1
D A
0 0.25 0.1 1.52 1.11 2.3 0.1 0.1
b c D
c
Q1
E H L Q1
L
Ordering type BAT54W BAT54AW BAT54CW BAT54SW BAT54J
Marking D73 D74 D77 D78 86
Package SOT-323 SOT-323 SOT-323 SOT-323 SOD-323
Weight 0.006g 0.006g 0.006g 0.006g 0.005g
Base qty 3000 3000 3000 3000 3000
Delivery mode Tape & reel Tape & reel Tape & reel Tape & reel Tape & reel
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringementof patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of BAT54SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X