Part Number Hot Search : 
BFT29X 74AC04 U1001 CO55CC BFT29X TDA7439 B3020 38M00
Product Description
Full Text Search
 

To Download 999050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blade Terminal & Special Purpose Fuses
Low Voltage
RoHS
MAXI(R) 42V Fuse Slo-Blo Type Fuse
(R)
* Same performance characteristics as the industry standard MAXI, but modified to work in the 42 volt environment * Unique design prevents lower rated fuses from being inserted into the circuit * Backwards compatibility with 12 volt circuits * Based on proven technology * Mates with industry standard terminals
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% Ampere Rating 20- 80 20- 60 70 - 80 20 30 40 50 60 70 - 80 20 30 40 50 60 70 - 80 20 30 - 60 70 - 80 Opening Time 100 hrs., Min. 60 sec., Min.; 1800 sec., Max. 60 sec., Min.; 3600 sec., Max. 4 sec., Min.; 20 sec., Max. 6 sec., Min.; 30 sec., Max. 8 sec., Min.; 40 sec., Max. 10 sec., Min.; 50 sec., Max. 15 sec., Min.; 60 sec., Max. 4 sec., Min.; 60 sec., Max. .7 sec., Min.; 2 sec., Max. 1 sec., Min.; 4 sec., Max. 1.4 sec., Min.; 5 sec., Max. 1.7 sec., Min.; 6 sec., Max. 2 sec., Min.; 7 sec., Max. .2 sec., Min.; 2 sec., Max. .15 sec., Min.; 1 sec., Max. .20 sec., Min.; 1 sec., Max. .04 sec., Min.; .15 sec., Max.
Reference Dimensions
29.21 (1.15")
200%
22.15 (.87") MAX.
21.60 (.85")
12.70 (.5") 0.38 (.015) 8.00 (.31")
3.3 (.13") 0.825 (.032) 0.35 (.014")
350%
8.51 (.34") 17.37 (.68")
600%
Average Time Current Curves
20A 25A 30A 35A 40A 50A 60A
1000 100 TIME IN SECONDS 10 1 0.1 0.01 10 100 1000 10000 CURRENT IN AMPERES
DESIGN STANDARD: SAE (Society of Automotive Engineers) J1888. PHYSICAL SPECIFICATIONS: Materials: Body: Plastic
Terminations: Silver-Plated
PATENTED INTERRUPTING RATING:
1000A @ 58VDC
ORDERING INFORMATION:
Catalog Number 999 020 999 025 999 030 999 035 999 040 999 050 999 060 999 070 999 080 Ampere Rating (A) 20 25 30 35 40 50 60 70 80 Voltage Rating (VDC) 58 58 58 58 58 58 58 58 58 Body Color Code Yellow Gray Green Brown Orange Red Blue Tan Naural Nominal Cold Resistance Ohms 0.0031 0.0024 0.0020 0.0017 0.0014 TBD TBD TBD TBD Minimum Melting I 2 t (A2 Sec.) 1100 2087 4070 6032 8450 TBD TBD TBD TBD
454
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 999050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X