Part Number Hot Search : 
M54563FP 080B1 Z200D5 MBRF20 1346341 UT6120 SS3P3L 27C47
Product Description
Full Text Search
 

To Download 74VHCT139AMTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHCT139A
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
s s
s
s
s
s
s
s
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 2 A (MAX.) at TA=25C COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN.), VIL = 0.8V (MAX) POWER DOWN PROTECTION ON INPUTS & OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 139 IMPROVED LATCH-UP IMMUNITY
SOP
TSSOP
ORDER CODES
PACKAGE SOP TSSOP TUBE 74VHCT139AM T &R 74VHCT139AMTR 74VHCT139ATTR
DESCRIPTION The 74VHCT139A is an advanced high-speed CMOS DUAL 2 TO 4 LINE DECODER/ DEMULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The active low enable input can be used for gating or as a data input for demultiplexing applications. When the enable input is held high, all four outputs are high independently of the other inputs.
Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V since all inputs are equipped with TTL threshold. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
June 2001
1/9
74VHCT139A
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 15 2, 3 4, 5, 6, 7 12, 11, 10, 9 14, 13 8 16 SYMBOL 1G, 2G 1A, 1B 1Y0 to 1Y3 2Y0 to 2Y3 2A, 2B GND VCC NAME AND FUNCTION Enable Inputs Address Inputs Outputs Outputs Address Inputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS OUTPUTS ENABLE G H L L L L
X : Don't Care
SELECT B X L L H H A X L H L H Y0 H L H H H Y1 H H L H H Y2 H H H L H Y3 H H H H L
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
2/9
74VHCT139A
ABSOLUTE MAXIMUM RATINGS
Symbol V CC VI VO VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage (see note 1) DC Output Voltage (see note 2) DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current Storage Temperature Tstg TL Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) VCC = 0V 2) High or Low State
RECOMMENDED OPERATING CONDITIONS
Symbol V CC VI VO VO Top dt/dv Supply Voltage Input Voltage Output Voltage (see note 1) Output Voltage (see note 2) Operating Temperature Input Rise and Fall Time (see note 3) (V CC = 5.0 0.5V) Parameter Value 4.5 to 5.5 0 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 20 Unit V V V V C ns/V
1) VCC = 0V 2) High or Low State 3) VIN from 0.8V to 2V
3/9
74VHCT139A
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 4.5 4.5 4.5 0 to 5.5 5.5 5.5 0 IO=-50 A IO=-8 mA IO=50 A IO=8 mA VI = 5.5V or GND VI = VCC or GND One Input at 3.4V, other input at VCC or GND VOUT = 5.5V TA = 25C Min. 2 0.8 4.4 3.94 0.0 0.1 0.36 0.1 2 1.35 0.5 4.5 4.4 3.8 0.1 0.44 1.0 20 1.5 5.0 Typ. Max. Value -40 to 85C Min. 2 0.8 4.4 3.7 0.1 0.55 1.0 20 1.5 5.0 Max. -55 to 125C Min. 2 0.8 Max. V V V V A A mA A Unit
VIH V IL VOH VOL II ICC ICC
High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Quiescent Supply Current Additional Worst Case Supply Current Output Leakage Current
IOPD
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (*) C L (pF) (V) 5.0 5.0 5.0 5.0 15 50 15 50 TA = 25C Min. Typ. 5.0 6.5 4.4 5.9 Max. 7.2 9.2 6.3 8.3 Value -40 to 85C Min. 1.0 1.0 1.0 1.0 Max. 8.5 10.5 7.5 9.5 -55 to 125C Min. 1.0 1.0 1.0 1.0 Max. 8.5 10.5 7.5 9.5 ns ns Unit
tPLH tPHL tPLH tPHL
Propagation Delay Time A, B, to Y Propagation Delay Time G to Y
(*) Voltage range is 5.0V 0.5V
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter Min. CIN C PD Input Capacitance Power Dissipation Capacitance (note 1) TA = 25C Typ. 6 18 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per decoder)
4/9
74VHCT139A
TEST CIRCUIT
C L =15/50pF or equivalent (includes jig and probe capacitance) R T = ZOUT of pulse generator (typically 50)
WAVEFORM 1 : PROPAGATION DELAYS FOR INVERTING OUTPUTS (f=1MHz; 50% duty cycle)
5/9
74VHCT139A
WAVEFORM 2:PROPAGATIONDELAYSFOR NON-INVERTINGOUTPUTS (f=1MHz; 50% dutycycle)
6/9
74VHCT139A
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
7/9
74VHCT139A
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
8/9
74VHCT139A
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this pub lication are subject to change without notice. Thi s pub lication supersedes and replaces all information previously supplied. STMicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Swit zerland - United Kingdom (c) http://w ww.st.com
9/9
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74VHCT139AMTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X