Part Number Hot Search : 
HA8050S STBB036 NTE5554 12AU6 POWER AR749 48D05 LMG5278
Product Description
Full Text Search
 

To Download 2SK2339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK2339
2SK2339
Silicon N-Channel Power F-MOS
s Features
q Avalanche q Low q No Unit : mm
8.50.2 3.40.3 1.00.1
energy capability guaranteed
6.00.5
ON-resistance
10.00.3
secondary breakdown drive
1.50.1
q Low-voltage
s Applications
10.5min.
1.5max.
2.0
1.1max.
q Non-contact q Solenoid q Motor
relay
drive
0.80.1
0.5max.
drive equipment mode regulator
2.540.3 5.080.5 1 2 3
q Control
q Switching
s Absolute Maximum Ratings (Tc = 25C)
Parameter Drain-Source breakdown voltage Gate-Source voltage Drain current DC Pulse TC = 25C Ta= 25C Symbol VDSS VGSS ID IDP EAS * PD Tch Tstg Rating 8010 15 10 20 62.5 30 1.3 150 -55 to +150 Unit V V A A mJ W C C
S G
1 : Gate 2 : Collector 3 : Emitter N Type Package
s Equivalent Circuit
D
Avalanche energy capability Allowable power dissipation Channel temperature Storage temperature
* L= 5mH, IL= 5A, 1 pulse
s Electrical Characteristics (Tc = 25C)
Parameter Drain-Source cut-off current Gate-Source leakage current Drain-Source breakdown voltage Gate threshold voltage Drain-Source ON-resistance Forward transadmittance Diode forward voltage Reverse recovery time Reverse recovery charge Input capacitance Output capacitance Feedback capacitance Turn-on time Fall time Turn-off time (delay time) Channel-Case heat resistance Channel-Atmosphere heat resistance Symbol IDSS IGSS VDSS Vth RDS(on)1 RDS(on)2 | Yfs | VDSF trr Qrr Ciss Coss Crss ton tf td(off) Rth(ch-c) Rth(ch-a) VDD= 30V, ID= 5A VGS=10V, R L= 6 VDS=10V, VGS= 0, f= 1MHz Condition VDS= 70V, VGS= 0 VDS= 0, VGS=15V ID=1mA, VGS= 0 VDS=10V, ID=1mA VGS=10V, I D= 5A VGS= 4V, ID= 5A VDS=10V, ID= 5A IDR=10A, VGS= 0 L=230 H, VDD= 30V, VGS = 0 IDR=10A, di/dt= 80A/ s 0.55 2.2 85 250 20 0.5 0.9 1.9 4.2 96 3 70 1 150 230 5.5 -1.8 Min Typ Max 10 10 90 2.5 230 370 Unit A A V V m m S V s s pF pF pF s s s C/W C/W
Power F-MOS FETs
2SK2339
Area of safe operation (ASO)
100 Non repetitive pulse TC=25C
60
PD - Ta
(1) TC=Ta (2) Without heat sink (PD=1.3W) (A)
IAS - L-load
100 TC=25C 50 30 20 10 62.5mJ 5 3 2 1 0.5 0.3 0.2
30
IDP
t=100ms t=1ms
Drain current ID (A)
3
t=10ms t=100ms
30 (1)
DC
1
20
0.3
10 (2)
0.1 1 3 5 10 30 50 100 Drain-Source voltage VDS (V)
0 0 20 40 60 80 100 120 140 160 Ambient temperature Ta (C)
Abalanche current
IAS
10
ID
Allowable power dissipation PD (W)
50
40
0.1 0.1
0.3 0.5 L-load
1 L (mH)
3
5
10
ID -VDS
14 VGS=10V 5V 4.5V
ID (A)
ID - VGS
18
Vth - TC
6
TC=25C
Ta=25C
16
VDS=10V ID=1mA 5
Gate threshold voltage Vth (V)
12
14
ID (A)
10
12 10 8 6 4
4
8 4V 6 3.5V PD=30W 2 3V
Drain current
Drain current
3
2
4
1
2 0
0 0 2 4 6 8 VDS 10 (V) 12 Drain-Source voltage
0
0 2 4 6 8 10
0
25
50
75
100
125
150
Gate-Source voltage VGS (V)
Case temperature TC (C)
RDS(on) - ID
600
(m)
RDS(on) - VGS
600 TC=25C
(S)
| Yfs | - ID
7 VDS=10V Ta=25C 6
Drain-Source ON-resistance RDS(on) ()
500
(1)VGS=4V (2)VGS=10V TC=25C
500 ID=2.5A 400 ID=5A
RDS (on)
| Yfs | Forward transadmittance
5
400
300 (1) 200 (2) 100
Drain-Source ON-resistance
4
300
3
200
2
100
1
0 0 2 4 6 8 10 12 Drain current ID (A)
0 0 2 4 6 VGS 8 (V) 10 Gate-Source voltage
0 0 2 4 6 8 10 12 Drain current ID (A)
Power F-MOS FETs
2SK2339
Ciss, Coss, Crss - VDS
Input capacitance, Output capacitance, Ciss, Coss, Crss (pF) Feedback capacitance
2000 1000 500
Switching time t (ms)
td(off), tr, ton - ID
3.0 VDD=30V VGS=10V TC=25C
Drain-Source voltage VDS (V)
VDS, VGS - Qg
14 ID=10A Ta=20C 60 VDS VDS=30V VDS=40V VDS=50V VGS 12
Gate-Source voltage VGS (V)
f=1MHz TC=25C
2.5
50
10
200 100 50 Coss Ciss
2.0 td(off) 1.5
40
8
30
6
1.0
tf
20 Crss 10 5 0 20 40 60 80 100 0.5 ton
20
4
10
2
0 0 2 4 6 8 ID (A) 10 12 Drain-Source voltage VDS (V) Drain current
0 0 5 10 15 20 25 Gate charge amount Qg (nc)
0
ISD - VSD
20 10
Rth - tP
1000
VGS=0 TC=25C
Thermal resistance Rth (C/W)
Souce-Drain current ISD (A)
5 3 2 1 0.5 0.3 0.2 0.1 0.05 0 0.5 1.0 1.5 2.0 Diode forward voltage VSD (V)
Notes: Rth was measured at Ta=25C and under natural convection. (1) without heat sink (2) with a 50 x 50 x 2mm Al heat sink 100
(1)
(2) 10
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Pulse width tP (s)


▲Up To Search▲   

 
Price & Availability of 2SK2339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X